Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3362P-1-504TRLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3362P-1-504TRLF
Description  3362 - 1/4 Square Trimpot Trimming Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3362P-1-504TRLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3362P-1-504TRLF Datasheet HTML 1Page - Bourns Electronic Solutions 3362P-1-504TRLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Single-Turn / Cermet / Industrial / Sealed
Miniature package
Rotor designed for automatic machine
adjust interface
Withstands harsh environments and
immersion cleaning processes
Tape and reel packaging available
RoHS compliant* version available
■ For trimmer applications/processing
guidelines, click here
3362 - 1/4 ” Square Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including
annex and RoHS Recast 2011/65/EU June 8, 2011.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
The device characteristics and parameters in this data
sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
......................20 ohms to 2 megohms
(see standard resistance table)
Absolute Minimum Resistance
.................................... 1 % or 2 ohms
(whichever is greater)
Contact Resistance Variation
........................... 1 % or 3 ohms max.
(whichever is greater)
Adjustability
Voltage Divider ...................... ±0.05 %
Rheostat................................ ±0.15 %
Resolution ................................... Infinite
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level................................ 900 vac
80,000 Feet ............................ 350 vac
Adjustment Angle ................. 240 ° nom.
Environmental Characteristics
Power Rating (300 volts max.)
70 °C .................................... 0.50 watt
125 °C ....................................... 0 watt
Temperature Range ... -55 °C to +125 °C
Temperature Coefficient ... ±100 ppm/°C
Seal Test ......................85 °C Fluorinert†
Humidity .......MIL-STD-202 Method 103
96 hours
(2 %
ΔTR; 10 Megohms IR)
Vibration ....... 30 G (1 %
ΔTR; 1 % ΔVR)
Shock ......... 100 G (1 %
ΔTR; 1 % ΔVR)
Load Life.. 1,000 hours 0.5 watt @ 70 °C
(3 %
ΔTR; 3 % or 3 ohms,
whichever is greater, CRV)
Rotational Life .......................200 cycles
(4 %
ΔTR; 3 % or 3 ohms,
whichever is greater, CRV)
Physical Characteristics
Mechanical Angle ................. 270 ° nom.
Torque............................. 3.0 oz-in. max.
Stop Strength ................. 7.0 oz -in. min.
Terminals ....................... Solderable pins
Weight ....................................... 0.02 oz.
Marking....................... Resistance code,
terminal numbers, manufacturer’s
model number, style
and date code
Wiper ............... 50 % (Actual TR) ±10 %
Flammability ..........................U.L. 94V-0
Standard Packaging .....50 pcs. per tube
Adjustment Tool..............................H-90
Product Dimensions
1
3 CW
CLOCKWISE
CCW
2 WIPER
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
6.60
(.260)
ADJ. CROSS
SLOT
LONG X
WIDE X
DEEP X
3.84
(.151)
.25
(010)
4.70
(.185)
5.46
± .38
(.215
± .015)
.330
(.013)
.46
± .03
(.018
± .001)
Common Dimensions
Top Adjust
3362
13
Common Dimensions
Side Adjust
3362
13
3362H
3362F
90
° ± 5°
4.06
± .38
(.160
± .015)
1
3
2
3362P
3.53
(.139)
3
1
2
3
1
2
3362R
1.02
(.040)
3
1
2
3
1
2
3362U
PIN MARKING
REVERSED FOR
STYLE W
3362M
3
1
2
3362S
3
1
2
3362W
1
3
2
3
1
2
3362X
2.54
(.100)
2.77
(.109)
.64
(.025)
.89
(.035)
ADJ. CROSS SLOT
LONG X
WIDE X
DEEP X
2.77
(.109)
.64
(.025)
.89
(.035)
2.29
(.090)
2.54
(.100)
2.54
(.100)
2.54
(.100)
3.53
(.139)
1.80
(.071)
5.46
± .38
(.215
± .015)
.46
± .12
(.018
± .005)
2.54
(.100)
2.54
(.100)
1.02
(.040)
1.02
(.040)
1.02
(.040)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100) TYP.
6.99
(.275)
6.99
(.275)
6.60
(.260)
3.84
(.151)
5.08
(.200)
4.70
(.185)
4.70
(.185)
3362Z
1
3
2
2.54
(.100)
1.02
(.040)
4.70
(.185)
4.70
(.185)
4.70
(.185)
1.22
(.048)
DIA.
3 PLCS.
.46
± .03
(.018
± .001)
DIA.
3 PLCS.
TYP.
.25
(010)
TYP.


Similar Part No. - 3362P-1-504TRLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3362P-1-504TRLF BOURNS-3362P-1-504TRLF Datasheet
356Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
More results

Similar Description - 3362P-1-504TRLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3362S-1-204 BOURNS-3362S-1-204 Datasheet
283Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362W-1-203LF BOURNS-3362W-1-203LF Datasheet
356Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362X-1-201LF BOURNS-3362X-1-201LF Datasheet
298Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362S-1-103 BOURNS-3362S-1-103 Datasheet
298Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362W-1-204LF BOURNS-3362W-1-204LF Datasheet
164Kb / 2P
   3362 - 1/4 ??Square Trimming Potentiometer
3362P-1-502T-LF BOURNS-3362P-1-502T-LF Datasheet
164Kb / 2P
   3362 1/4 Square Trimming Potentiometer
3362P-1-504 BOURNS-3362P-1-504 Datasheet
283Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362P-1-203 BOURNS-3362P-1-203 Datasheet
283Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3260 BOURNS-3260 Datasheet
108Kb / 1P
   1/4 ??Square Trimpot Trimming Potentiometer
3362P-1-201LF BOURNS-3362P-1-201LF Datasheet
356Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com