Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWS30-24A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HWS30-24A
Description  Single Output Industrial Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HWS30-24A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HWS30-24A Datasheet HTML 1Page - List of Unclassifed Manufacturers HWS30-24A Datasheet HTML 2Page - List of Unclassifed Manufacturers HWS30-24A Datasheet HTML 3Page - List of Unclassifed Manufacturers HWS30-24A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
H
HW
WS
S S
SE
ER
RIIE
ES
S
2
1.2m/s Forced Air
50°C
55°C
60°C
65°C
70°C
Model Selector
Options
Suffix
Description
Max
Load
Line
Ripple
Over
Eff.
Adjust
Curr.
Reg
Reg
Noise
voltage
typ %
Model
Voltage
Range
A
mV
mV
mV
V
100/200 VAC
Blank
Screw terminals, no cover
/A
Screw terminals, cover
/R
Remote on/off (50-150W only)
Example: HWS50-24/RA
HWS15 Outline Drawing
Full size drawings and more
information available at
www.lambda-europe.com/hws
HWS15-3/A
3.3V
2.97 - 3.96
3
40
20
120
4.13-4.95
68/71
HWS30-3/A
3.3V
2.97 - 3.96
6
40
20
120
4.13-4.95
70/73
HWS50-3/A
3.3V
2.97 - 3.96
10
40
20
120
4.13-4.95
76/78
HWS100-3/A
3.3V
2.97 - 3.96
20
40
20
120
4.13-4.95
78/81
HWS150-3/A
3.3V
2.97 - 3.96
30
40
20
120
4.13-4.95
78/81
HWS15-5/A
5V
4.0 - 6.0
3
40
20
120
6.25-7.25
77/79
HWS30-5/A
5V
4.0 - 6.0
6
40
20
120
6.25-7.25
77/80
HWS50-5/A
5V
4.0 - 6.0
10
40
20
120
6.25-7.25
82/83
HWS100-5/A
5V
4.0 - 6.0
20
40
20
120
6.25-7.25
83/86
HWS150-5/A
5V
4.0 - 6.0
30
40
20
120
6.25-7.25
83/86
HWS15-12/A
12V
9.6 - 14.4
1.3
96
48
150
15-17.4
80/81
HWS30-12/A
12V
9.6 - 14.4
2.5
96
48
150
15-17.4
81/83
HWS50-12/A
12V
9.6 - 14.4
4.3
96
48
150
15-17.4
81/83
HWS100-12/A
12V
9.6 - 14.4
8.5
96
48
150
15-17.4
83/86
HWS150-12/A
12V
9.6 - 14.4
13
96
48
150
15-17.4
83/86
HWS15-15/A
15V
12.0 - 18.0
1
120
60
150
18.8-21.8
80/81
HWS30-15/A
15V
12.0 - 18.0
2
120
60
150
18.8-21.8
81/83
HWS50-15/A
15V
12.0 - 18.0
3.5
120
60
150
18.8-21.8
81/83
HWS100-15/A
15V
12.0 - 18.0
7
120
60
150
18.8-21.8
83/86
HWS150-15/A
15V
12.0 - 18.0
10
120
60
150
18.8-21.8
83/86
HWS15-24/A
24V
19.2 - 28.8
0.65
192
96
200
30-34.8
82/83
HWS30-24/A
24V
19.2 - 28.8
1.3
192
96
200
30-34.8
83/86
HWS50-24/A
24V
19.2 - 28.8
2.2
192
96
200
30-34.8
82/84
HWS100-24/A
24V
19.2 - 28.8
4.5
192
96
200
30-34.8
84/87
HWS150-24/A
24V
19.2 - 28.8
6.5
192
96
200
30-34.8
85/88
HWS15-48/A
48V
38.4 - 52.8
0.33
384
192
200
55.2-64.8
80/80
HWS30-48/A
48V
38.4 - 52.8
0.65
384
192
200
55.2-64.8
82/83
HWS50-48/A
48V
38.4 - 52.8
1.1
384
192
200
55.2-64.8
83/85
HWS100-48/A
48V
38.4 - 52.8
2.1
384
192
200
55.2-64.8
84/87
HWS150-48/A
48V
38.4 - 52.8
3.3
384
192
200
55.2-64.8
85/88


Similar Part No. - HWS30-24A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HWS30-24A TDK-HWS30-24A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
More results

Similar Description - HWS30-24A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
HWS6003 TDK-HWS6003 Datasheet
64Kb / 2P
   Single Output Industrial Power Supplies
logo
RSG Electronic Componen...
HWS300-1500 RSG-HWS300-1500 Datasheet
355Kb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
HWS1500-24-HD TDK-HWS1500-24-HD Datasheet
369Kb / 2P
   Single Output Industrial Power Supplies
logo
XP Power Limited
LCL XPPOWER-LCL Datasheet
1Mb / 12P
   SIngle Output Industrial Supplies
logo
TDK Electronics
HWS15A TDK-HWS15A Datasheet
97Kb / 2P
   50-150W Single Output Industrial Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com