Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6BK-2214CUSP6B6VDC Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G6BK-2214CUSP6B6VDC
Description  PCB Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6BK-2214CUSP6B6VDC Datasheet(HTML) 4 Page - Omron Electronics LLC

  G6BK-2214CUSP6B6VDC Datasheet HTML 1Page - Omron Electronics LLC G6BK-2214CUSP6B6VDC Datasheet HTML 2Page - Omron Electronics LLC G6BK-2214CUSP6B6VDC Datasheet HTML 3Page - Omron Electronics LLC G6BK-2214CUSP6B6VDC Datasheet HTML 4Page - Omron Electronics LLC G6BK-2214CUSP6B6VDC Datasheet HTML 5Page - Omron Electronics LLC G6BK-2214CUSP6B6VDC Datasheet HTML 6Page - Omron Electronics LLC G6BK-2214CUSP6B6VDC Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
176
G6B
G6B
Approved Standards
UL508 (File No. E41643)/CSA C22.2 No.14 (File No. LR31928)
Engineering Data
Model
Contact form
Coil rating
Contact rating
G6B-1114P-US
G6B-1114C-US
G6BU-1114P-US
G6BU-1114C-US
G6BK-1114C-US
G6BK-1114C-US
SPST-NO
3 to 24 VDC
5 A, 250 VAC (general use)
5 A, 30 VDC (resistive load)
G6B-1174P-US
G6B-1174C-US
8 A, 250 VAC (general use)
8 A, 30 VDC (resistive load)
G6B-2114P-US
G6B-2114C-US
G6B-2214P-US
G6B-2214C-US
G6B-2014P-US
G6B-2014C-US
SPST-NO + SPST-NC
DPST-NO
DPST-NC
5 A, 250 VAC (general use)
5 A, 30 VDC (resistive load)
G6B-1114P(C)-US
250 VAC/30 VDC
inductive load
(cos
φ = 0.4, L/R = 7 ms)
G6B-1174P(C)-US
250 VAC/30 VDC
resistive load
G6B-1114P(C)-US
250 VAC/30 VDC resistive load
G6B-1114P-US
Maximum Switching Power
Switching voltage (V)
Endurance
Ambient Temperature vs.
Maximum Coil Voltage
G6B-2114P-US, G6B-2214P-US
G6B-2014P-US
Maximum Switching Power
Endurance
Switching current (A)
Ambient temperature (
°C)
Switching voltage (V)
Switching current (A)
AC resistive load
AC inductive load
(cos
φ = 0.4)
DC inductive load
(L/R = 7 ms)
DC resistive load
AC inductive load
(cos
φ = 0.4)
AC resistive
load
DC resistive load
DC inductive load
(L/R = 7 ms)
G6B-2114P-US
G6B-2214P-US
G6B-2014P-US
G6B-1174P-US
G6B-1114P-US
250 VAC inductive load (cos
φ = 0.4)
30 VDC inductive load (L/R = 7 ms)
250 VAC resistive load
30 VDC resistive load
Note: The maximum coil voltage refers
to the maxi-mum value in a
varying range of operating power
voltage, not a continuous voltage.


Similar Part No. - G6BK-2214CUSP6B6VDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G6BK-2214CUS12VDC ETC1-G6BK-2214CUS12VDC Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
G6BK-2214CUS24VDC ETC1-G6BK-2214CUS24VDC Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
G6BK-2214CUS5VDC ETC1-G6BK-2214CUS5VDC Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
G6BK-2214CUS6VDC ETC1-G6BK-2214CUS6VDC Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
More results

Similar Description - G6BK-2214CUSP6B6VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com