Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3361P-1-254GLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3361P-1-254GLF
Description  3361 - 1/4 Square SMD Trimpot Trimming Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3361P-1-254GLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3361P-1-254GLF Datasheet HTML 1Page - Bourns Electronic Solutions 3361P-1-254GLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAPE
330.2 ± .50
(13.00 ± .02)
16.41 ± .005
(.646 ± .127)
REEL
7.50 ± .10
(.295 ± .004)
12.00 ± .10
(.472 ± .004)
1.5 + .10/ –.00
(.059 + .004/ –.000)
4.00 ± .01
(.157 ± .004)
2.00 ± .05
(.079 ± .002)
1.75 ± .10
(.069 ± .004)
DIA.
1.50 ± .02
(.059 ± .005)
EQUAL SPACED 3 PLCS.
13.0 ± .20
(.512 ± .008)
DIA.
99.06 ± 1.02
(3.90 ± .040)
18.69 ± .79
(.736 ± .031)
DIA.
DIA.
16.0 ± .03
(.630 ± .001)
EMBOSSED
CARRIER TAPE
COVER TAPE
5.84 ± 0.1
(.230 ± .004)
DIA.
TAPE
330.2 ± 5.08
(13.000 ± .200)
16.51 ± 2.03/ -.000
(.650 ± .080/ -.000)
REEL
7.50 ± .10
(.295 ± .004)
12.00 ± .10
(.472 ± .004)
1.5 + .10/ –.00
(.059 + .004/ –.000)
4.00 ± .01
(.157 ± .004)
2.00 ± .05
(.079 ± .002)
1.75 ± .10
(.069 ± .004)
DIA.
17.78 ± .25
(.700 ± .010)
EQUAL SPACED 3 PLCS.
13.0 ± .51
(.512 ± .020)
DIA.
99.06 ± 1.02
(3.90 ± .040)
18.69 ± .79
(.736 ± .031)
DIA.
DIA.
16.0 ± .10
(.630 ± .004)
EMBOSSED
CARRIER TAPE
COVER TAPE
8.60 ± .10
(.339 ± .004)
“Trimpot” is a registered trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3361 - 1/4 ” Square SMD Trimpot® Trimming Potentiometer
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
REV. 06/11
How To Order
3361 P - 1 - 502 G LF
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Packaging Designator
G = Embossed Tape
“S” Style = 500 pcs./13 ” reel
“P” Style = 750 pcs./13 ” reel
Terminations
LF = 100 % Tin-plated (RoHS compliant)
Blank = 90 % Tin / 10 % Lead-plated
(Standard)
Consult factory for other available options.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
2,000,000
205
Popular distribution resistance values listed in
boldface. Special resistances available.
(P Style)
(S Style)
UNITS PACKAGED 750 PIECES PER REEL.
UNITS PACKAGED 500 PIECES PER REEL.


Similar Part No. - 3361P-1-254GLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3361P-1-102GLF BOURNS-3361P-1-102GLF Datasheet
404Kb / 2P
   Featured Products Bulletin
3361P-1-103 BOURNS-3361P-1-103 Datasheet
53Kb / 1P
   Design Kit Trimming Potentiometers
3361P-1-103GLF BOURNS-3361P-1-103GLF Datasheet
404Kb / 2P
   Featured Products Bulletin
3361P-1-502G BOURNS-3361P-1-502G Datasheet
176Kb / 2P
   1/4 Square SMD Trimming Potentiometer
3361P-1-502GLF BOURNS-3361P-1-502GLF Datasheet
176Kb / 2P
   1/4 Square SMD Trimming Potentiometer
More results

Similar Description - 3361P-1-254GLF

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSR-3361 SUNTAN-TSR-3361_17 Datasheet
894Kb / 1P
   Square SMD Trimming Potentiometer ??3361-1/4
logo
Kingtronics Internation...
RKT-3361 KINGTRONICS-RKT-3361 Datasheet
245Kb / 1P
   RKT-3361 1/4 Square SMD Trimming Potentiometer
logo
Bourns Electronic Solut...
3260 BOURNS-3260 Datasheet
108Kb / 1P
   1/4 ??Square Trimpot Trimming Potentiometer
3269W-1-202 BOURNS-3269W-1-202 Datasheet
407Kb / 2P
   3269 - 1/4 ??Square SMD Trimpot Trimming Potentiometer
3269W-1-104G BOURNS-3269W-1-104G Datasheet
328Kb / 2P
   3269 - 1/4 Square SMD Trimpot Trimming Potentiometer
3266P-1-253LF BOURNS-3266P-1-253LF Datasheet
364Kb / 2P
   3266 - 1/4 Square Trimpot Trimming Potentiometer
3362X-1-201LF BOURNS-3362X-1-201LF Datasheet
298Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362S-1-103 BOURNS-3362S-1-103 Datasheet
298Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362S-1-204 BOURNS-3362S-1-204 Datasheet
283Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362W-1-203LF BOURNS-3362W-1-203LF Datasheet
356Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com