Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603X5R1E151K Datasheet(PDF) 5 Page - TDK Electronics

Part # C0603X5R1E151K
Description  Multilayer Ceramic Chip Capacitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0603X5R1E151K Datasheet(HTML) 5 Page - TDK Electronics

  C0603X5R1E151K Datasheet HTML 1Page - TDK Electronics C0603X5R1E151K Datasheet HTML 2Page - TDK Electronics C0603X5R1E151K Datasheet HTML 3Page - TDK Electronics C0603X5R1E151K Datasheet HTML 4Page - TDK Electronics C0603X5R1E151K Datasheet HTML 5Page - TDK Electronics C0603X5R1E151K Datasheet HTML 6Page - TDK Electronics C0603X5R1E151K Datasheet HTML 7Page - TDK Electronics C0603X5R1E151K Datasheet HTML 8Page - TDK Electronics C0603X5R1E151K Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
(4/30)
006-03 / 20100409 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
RATED VOLTAGE Edc: 6.3V
TEMPERATURE CHARACTERISTICS: JF(+30, –80%), Y5V(+22, –82%)
RATED VOLTAGE Edc: 16V
Capacitance
(pF)
Tolerance
Thickness T
(mm)
Part No.
Temperature characteristics: JB
Temperature characteristics: X5R
15,000
±10%
0.30±0.03
C0603JB0J153K
C0603X5R0J153K
±20%
0.30±0.03
C0603JB0J153M
C0603X5R0J153M
22,000
±10%
0.30±0.03
C0603JB0J223K
C0603X5R0J223K
±20%
0.30±0.03
C0603JB0J223M
C0603X5R0J223M
33,000
±10%
0.30±0.03
C0603JB0J333K
C0603X5R0J333K
±20%
0.30±0.03
C0603JB0J333M
C0603X5R0J333M
47,000
±10%
0.30±0.03
C0603JB0J473K
C0603X5R0J473K
±20%
0.30±0.03
C0603JB0J473M
C0603X5R0J473M
68,000
±10%
0.30±0.03
C0603JB0J683K
C0603X5R0J683K
±20%
0.30±0.03
C0603JB0J683M
C0603X5R0J683M
100,000
±10%
0.30±0.03
C0603JB0J104K
C0603X5R0J104K
±20%
0.30±0.03
C0603JB0J104M
C0603X5R0J104M
Capacitance
(pF)
Tolerance
Thickness T
(mm)
Part No.
Temperature characteristics: JF
Temperature characteristics: Y5V
10,000
+80,–20%
0.30±0.03
C0603JF1C103Z
C0603Y5V1C103Z
• For more information about the products of other capacitance or data, please contact us.


Similar Part No. - C0603X5R1E151K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0603X5R1E151K TDK-C0603X5R1E151K Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
C0603X5R1E151K TDK-C0603X5R1E151K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E151K TDK-C0603X5R1E151K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E151K030BA TDK-C0603X5R1E151K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E151K030BA TDK-C0603X5R1E151K030BA_17 Datasheet
235Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0603X5R1E151K

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com