Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1341B Datasheet(PDF) 2 Page - ON Semiconductor

Part # ENA1341B
Description  For DSC, and Cell Phone Camera Modules H-Bridge2-channel Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1341B Datasheet(HTML) 2 Page - ON Semiconductor

  ENA1341B Datasheet HTML 1Page - ON Semiconductor ENA1341B Datasheet HTML 2Page - ON Semiconductor ENA1341B Datasheet HTML 3Page - ON Semiconductor ENA1341B Datasheet HTML 4Page - ON Semiconductor ENA1341B Datasheet HTML 5Page - ON Semiconductor ENA1341B Datasheet HTML 6Page - ON Semiconductor ENA1341B Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LV8413GP
No.A1341-2/7
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage range 1
VM
2.5 to 5.5
V
Power supply voltage range 2
VCC
2.5 to 5.5
V
Logic input voltage range
VIN
0 to VCC+0.3
V
Input frequency
fIN
IN1 to 4, INA
to 100
kHz
Electrical Characteristics at Ta = 25°C, VM = 5V, VCC = 3.3V, unless otherwise specified.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Standby mode current drain
Istn
IN1 to 4 = “L”
1.0
μA
VM current drain
IM
Any one of IN1 to 4 = “H”, with no load
70
150
μA
VCC current drain
ICC
Any one of IN1 to 4 = “H”
0.6
1.2
mA
VCC low-voltage cutoff voltage
VthVCC
1.85
2.10
2.35
V
Low-voltage hysteresis voltage
VthHYS
100
150
200
mV
Thermal shutdown temperature
TSD
Design guarantee value *
160
180
200
°C
Thermal hysteresis width
ΔTSD
Design guarantee value *
10
30
50
°C
OUT1 to 4
Logic pin internal pull-down
resistance
Rin
IN1 to 4
50
100
200
k
Ω
IinL
VIN = 0, IN1 to 4
1.0
μA
Logic pin input current
IinH
VIN = 3.3V, IN1 to 4
20
33
60
μA
Logic input high-level voltage
VinH
IN1 to 4
2.5
V
Logic input low-level voltage
VinL
IN1 to 4
1.0
V
Ronu
IO = 400mA, upper ON resistance
0.5
0.8
Ω
Output on-resistance
Rond
IO = 400mA, lower ON resistance
0.3
0.5
Ω
Output leakage current
IOleak
1
μA
Diode forward voltage
VD
ID = -400mA
1.0
V
PI
Logic pin internal pull-down
resistance
Rin
INA
50
100
200
k
Ω
IinL
VIN = 0, INA
1.0
μA
Logic pin input current
IinH
VIN = 3.3V, INA
20
33
50
μA
Logic input high-level voltage
VinH
INA
2.5
V
Logic input low-level voltage
VinL
INA
1.0
V
Output on-resistance
Ron
IO = 10mA
4
6
Ω
Output leakage current
IOleak
1
μA


Similar Part No. - ENA1341B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1341B SANYO-ENA1341B Datasheet
138Kb / 7P
   For DSC, and Cell Phone Camera Modules H-Bridge 횞 2-channel Motor Driver
More results

Similar Description - ENA1341B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8413GP SANYO-LV8413GP_12 Datasheet
138Kb / 7P
   For DSC, and Cell Phone Camera Modules H-Bridge 횞 2-channel Motor Driver
LV8413GP SANYO-LV8413GP_11 Datasheet
113Kb / 7P
   For DSC, and Cell Phone Camera Modules H-Bridge x 2-channel Motor Driver
LV8413GP SANYO-LV8413GP Datasheet
82Kb / 7P
   Bi-CMOS LSI For DSC, and Cell Phone Camera Modules H-Bridge 횞 2-channel Motor Driver
LV8416CB SANYO-LV8416CB Datasheet
152Kb / 5P
   For DSC, and Cell Phone Camera Modules H-Bridge x 4-channel Motor Driver
LV8411GR SANYO-LV8411GR_12 Datasheet
145Kb / 7P
   For DSC, and Cell Phone Camera Modules 4-channel Single-chip Motor Driver IC
LV8411GR SANYO-LV8411GR Datasheet
86Kb / 7P
   Bi-CMOS LSI For DSC, and Cell Phone Camera Modules 4-channel Single-chip Motor Driver IC
LV8412GR SANYO-LV8412GR Datasheet
88Kb / 7P
   H-Bridge 횞 4-channel Motor Driver
logo
Aimtron Technology
AT5550 AIMTRON-AT5550 Datasheet
264Kb / 10P
   2-Channel Motor Driver for DSC
logo
Sanyo Semicon Device
LV8415CB SANYO-LV8415CB_12 Datasheet
218Kb / 12P
   Blurring correction driver IC for DSC H bridge 횞 2ch driver
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com