Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3313J-GL5-502E Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3313J-GL5-502E
Description  3313 - 3 mm Trimpot Trimming Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3313J-GL5-502E Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3313J-GL5-502E Datasheet HTML 1Page - Bourns Electronic Solutions 3313J-GL5-502E Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3313X-1 (Reverse Pin Layout)
RECOMMENDED LAND PATTERN
1
2
3
1.5 ± 0.15
(.059 ± .006)
2.3 ± 0.2
(.091 ± .008)
1.3 ± 0.1
(.051 ± .004)
0.65
(.026)
1.1
(.043)
0.6
(.024)
4.5
(.177)
1.6
(.063)
2.2 ± 0.2
(.087 ± .008)
0.15
(.006)
1.6
(.063)
0.6
(.024)
1.1
(.043)
1.60
(.063)
0.66 ± 0.1
(.026 ± .004)
2 PLCS
2 PLCS
1.47 ± 0.15
(.058 ± .006)
3313X-2 (Reverse Pin Layout)
1
2
3
3313J-1
3.5 ± 0.2
(.138 ± .008)
3
2
1
ADJ. SLOT
0.52
(.020)
1.93
(.076)
0.51
(.020)
WIDE
X
X
DEEP
LONG
3313J-2
3.5 ± 0.2
(.138 ± .008)
3
2
1
ADJ. CROSS SLOT
0.45
(.018)
0.51
(.020)
1.42
(.056)
1.68
(.066)
WIDE
DEEP
X
3.2 +0.4/-0.2
(.126 +.016/-.008)
3.2 +0.4/-0.2
(.126 +.016/-.008)
Features
Surface Mount 3 mm Square
Single-Turn Cermet / Sealed
Compatible with surface mount
manufacturing processes
Rotor stop for “in-circuit” adjustment
100 cycle rotational and seal life
Plastic housing for RF applications
Reverse pin layout option (Model 3313X)
■ RoHS compliant* - see processing
information on RoHS compliant surface
mount trimmers
For trimmer applications/processing
guidelines, click here
Halogen free models available**
3313 - 3 mm Trimpot® Trimming Potentiometer
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may
vary over time.
Users should verify actual device performance in their specific applications.
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
**Halogen free product is identified by a black housing color. Bourns follows the prevailing definition of “halogen free” in the industry.
Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is
900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Electrical Characteristics
Standard Resistance Range
......................10 ohms to 2 megohms
(see standard resistance table)
Resistance Tolerance ........... ±20 % std.
End Resistance ..... 1 % or 3 ohms max.
(whichever is greater)
Contact Resistance Variation
.................................... 3 % or 3 ohms
Adjustability
Voltage Divider ........................ ±0.1 %
Rheostat.................................. ±0.2 %
Resolution ................................... Infinite
Insulation Resistance ............... 500 vdc.
100 megohms min.
Dielectric Strength
Sea Level................................ 500 vac
70,000 Feet ............................ 350 vac
Adjustment Angle .................. 220° nom.
Environmental Characteristics
Max. Soldering Exposure
............................... 260 °C/5 seconds
Power Rating (200 volts max.)
70 °C .................................. 0.125 watt
125 °C ....................................... 0 watt
Operating Temp. Range
............................... -55 °C to +125 °C
Temperature Coefficient
..................
≤100 ohms ±150 ppm/°C;
................... >100 ohms ±100 ppm/°C
Seal Test ......................85 °C Fluorinert†
Humidity ...... MIL-STD 202, Method 106
(no vibration) TRS ±3 %;
IR 10 megohms
Vibration .....20 G TRS ±1 %; VRS ±1 %
Shock .......100 G TRS ±1 %; VRS ±1 %
Load Life...............................1000 hours
@ 70 °C Rated Power;TRS ± 3 %
Rotational Life ..... 100 cycles TRS ±3 %
Thermal Shock ..........................5 cycles
TRS ±2 %; VRS ±1 %
Physical Characteristics
Mechanical Angle ................. 250 ° nom.
Torque...............................50 g-cm max.
Stop Strength ..................200 g-cm min.
Pushover Strength (“S” Style only)
........ 1.6 Kilograms (3.5 lbs) minimum
Flammability ..........................U.L. 94V-0
Weight ......................... Approx. 0.01 oz.
Marking........................ Resistance code
and date code
Wiper ............... 50 % (Actual TR) ±10 %
Standard Packaging
J, X Styles (MSL-1) ....1000 pcs./7 ” reel
S Style (MSL-1).......... 200 pcs./7 ” reel
Adjustment Tool..............................H-91
Product Dimensions
1
3 CW
CLOCKWISE
CCW
2 WIPER
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
3313S-1
RECOMMENDED LAND PATTERN
1
3.61
± .20
(.142
± .008)
2
3
2.39
(.094)
0.71
± 0.20
(.028
± .008)
2.62
(.103)
1.57
(.062)
2.77
(.109)
0.15
± 0.03
(.006
± .001)
ADJ. SLOT
.52
± 0.03
(.020
± .001)
1.93
± 0.03
(.076
± .001)
.51
± 0.06
(.020
± .002)
3.02
(.119)
1.57
(.062)
1.12
(.044)
1.15
(.045)
WIDE
X
X
DEEP
LONG
2.39
(.094)
3 PLCS
2 PLCS
Position Rotor As Shown
Within
±11° Of Centerline
Of Terminal 2
3.71
(.146)
1.30
(.051)
5.35
(.211)
TYP
TYP
3313S-2
1
3.61
(.142)
2
3
ADJ. SLOT
.45
± 0.03
(.018
± .001)
1.93
± 0.03
(.076
± .001)
.51
± 0.06
(.020
± .002)
3.02
(.119)
WIDE
X
X
DEEP
LONG
Position Rotor As Shown
Within
±11° Of Centerline
Of Terminal 2


Similar Part No. - 3313J-GL5-502E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3313J-1 BOURNS-3313J-1 Datasheet
397Kb / 2P
   Trimpot Trimming Potentiometer Plastic housing for RF applications
3313J-1-103E BOURNS-3313J-1-103E Datasheet
397Kb / 2P
   3313 - 3 mm Trimpot짰 Trimming Potentiometer
3313J-1-103E BOURNS-3313J-1-103E Datasheet
53Kb / 1P
   Design Kit Trimming Potentiometers
3313J-1-104E BOURNS-3313J-1-104E Datasheet
53Kb / 1P
   Design Kit Trimming Potentiometers
3313J-1-105E BOURNS-3313J-1-105E Datasheet
53Kb / 1P
   Design Kit Trimming Potentiometers
More results

Similar Description - 3313J-GL5-502E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3313J-1-203E BOURNS-3313J-1-203E Datasheet
409Kb / 2P
   3313 - 3 mm Trimpot Trimming Potentiometer
3313J-2-103E BOURNS-3313J-2-103E Datasheet
268Kb / 2P
   3313 - 3 mm Trimpot Trimming Potentiometer
3313J-1-201E BOURNS-3313J-1-201E Datasheet
397Kb / 2P
   3313 - 3 mm Trimpot짰 Trimming Potentiometer
3313J-1-103E BOURNS-3313J-1-103E Datasheet
397Kb / 2P
   3313 - 3 mm Trimpot짰 Trimming Potentiometer
3313J-1-500E BOURNS-3313J-1-500E Datasheet
402Kb / 2P
   3313 - 3 mm Trimpot짰 Trimming Potentiometer
3313J-1-501E BOURNS-3313J-1-501E Datasheet
397Kb / 2P
   3313 - 3 mm Trimpot짰 Trimming Potentiometer
TC33B-1-103E BOURNS-TC33B-1-103E Datasheet
258Kb / 2P
   3 mm SMD Trimpot Trimming Potentiometer
3006 BOURNS-3006 Datasheet
131Kb / 1P
   Trimpot Trimming Potentiometer
3057 BOURNS-3057 Datasheet
117Kb / 1P
   Trimpot Trimming Potentiometer
3312 BOURNS-3312 Datasheet
740Kb / 3P
   2 mm SMD Trimpot Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com