Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAH0212S09 Datasheet(PDF) 1 Page - XP Power Limited

Part # JAH0212S09
Description  2 Watts JAH Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JAH0212S09 Datasheet(HTML) 1 Page - XP Power Limited

  JAH0212S09 Datasheet HTML 1Page - XP Power Limited JAH0212S09 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
2 Watts
Low Cost
DIP24 Package
Operating Temperature 40 °C to +100 °C
Single & Dual Outputs
Optional Metal Case
Optional Isolation to 6000 VDC
3 Year Warranty
JAH Series
Input
Input Voltage Range
• Nominal ±10%
Input Current
• See table
Input Filter
• Pi network
Input Reverse Voltage
• None
Protection
Undervoltage Lockout
• None
Input Reflected Ripple
• 35 mA pk-pk through 12 µH inductor,
5 Hz to 20 MHz
Input Surge
• 5 V models 7 VDC for 100 ms
12 V models 15 VDC for 100 ms
24 V models 28 VDC for 100 ms
Output
Output Voltage
• See table
Minimum Load
• No minimum load required
Initial Set Accuracy
• ±2% max
Start Up Delay
• 20 ms typical
Start Up Rise Time
• 20 ms typical
Line Regulation
• ±0.5% max
Load Regulation
• ±0.5% max single & dual models
(±1.0% max for 3V3 versions) (see note 6)
Cross Regulation
• ±5% on dual output models (see note 4)
Transient Response
• ±3% max deviation (±5% for 3V3 output),
recovery to within 1% in 2 ms for a 50%
load change
Ripple & Noise
• 75 mV pk-pk measured with
20 MHz bandwidth
Short Circuit Protection
• Output shuts down with auto recovery
Maximum Capacitive
• See tables
Load
Temperature
• ±0.02/°C max
Coefficient
xppower.com
General
Efficiency
• See tables
Isolation
• 1000 VDC input to output, for optional
high isolation versions up to 6000 VDC
input to output (see note 1)
1000 VDC input to case
1000 VDC output to case
Isolation Resistance
• 109
Switching Frequency
• 40 kHz typical singles,
300 kHz typical duals
Power Density
• 5.21 W/in3
MTBF
• >3 MHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +100 °C, derate from 100% load
at +85 °C to no load at +100 °C
Case Temperature
• +100 °C max
Storage Temperature
• -40 °C to +125 °C
Humidity
• Up to 90%, non-condensing
Cooling
• Natural convection
EMC & Safety
Emissions
• EN55022 class A, conducted & radiated
with external components
(see Application Notes)
ESD Immunity
• EN61000-4-2, level 3, Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3, Perf Criteria A
(see note 5)
Surge
• EN61000-4-5, installation class 2,
Perf Criteria A (see note 5)
Conducted Immunity
• EN61000-4-6, 10 Vrms, Perf Criteria A
Magnetic Fields
• EN61000-4-8, 1 A/m, Perf Criteria A


Similar Part No. - JAH0212S09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JAH100-39-150 ETC-JAH100-39-150 Datasheet
1Mb / 17P
   Floating Joint
JAH100-42-300 ETC-JAH100-42-300 Datasheet
1Mb / 17P
   Floating Joint
JAH100-48-150 ETC-JAH100-48-150 Datasheet
1Mb / 17P
   Floating Joint
JAH40-16-150 ETC-JAH40-16-150 Datasheet
1Mb / 17P
   Floating Joint
JAH50-20-150 ETC-JAH50-20-150 Datasheet
1Mb / 17P
   Floating Joint
More results

Similar Description - JAH0212S09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IH0503S ETC2-IH0503S Datasheet
117Kb / 1P
   2 Watts IH Series
logo
Artesyn Technologies
DCH2-050EU-0001 ARTESYN-DCH2-050EU-0001 Datasheet
715Kb / 3P
   DCH2 Series 2 Watts
logo
XP Power Limited
IM2403SA XPPOWER-IM2403SA Datasheet
116Kb / 1P
   2 Watts IM Series
JCA02 XPPOWER-JCA02 Datasheet
386Kb / 2P
   2/3 Watts JCA Series
logo
Astec America, Inc
AA01D ASTEC-AA01D Datasheet
445Kb / 2P
   1-2 Watts
logo
SL Power Electronics
D41_DD SLPOWER-D41_DD Datasheet
20Kb / 1P
   D41 Euro Wall Mount 2-6 Watts Series
F41_DD SLPOWER-F41_DD Datasheet
20Kb / 2P
   F41 UK Wall Mount 2-7 Watts Series
logo
List of Unclassifed Man...
PDL02-05S05 ETC-PDL02-05S05 Datasheet
101Kb / 2P
   2 WATTS DC -DC CONVERTER
logo
Wall Industries,Inc.
LANEUW2H WALL-LANEUW2H Datasheet
208Kb / 4P
   2 Watts Maximum Output Power
logo
Power Mate Technology C...
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com