Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP4251CZ8-4-TTL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IP4251CZ8-4-TTL
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IP4251CZ8-4-TTL Datasheet(HTML) 4 Page - NXP Semiconductors

  IP4251CZ8-4-TTL Datasheet HTML 1Page - NXP Semiconductors IP4251CZ8-4-TTL Datasheet HTML 2Page - NXP Semiconductors IP4251CZ8-4-TTL Datasheet HTML 3Page - NXP Semiconductors IP4251CZ8-4-TTL Datasheet HTML 4Page - NXP Semiconductors IP4251CZ8-4-TTL Datasheet HTML 5Page - NXP Semiconductors IP4251CZ8-4-TTL Datasheet HTML 6Page - NXP Semiconductors IP4251CZ8-4-TTL Datasheet HTML 7Page - NXP Semiconductors IP4251CZ8-4-TTL Datasheet HTML 8Page - NXP Semiconductors IP4251CZ8-4-TTL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
IP4251_52_53_54-TTL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 5 May 2011
4 of 18
NXP Semiconductors
IP4251/52/53/54-TTL
Integrated 4-, 6- and 8-channel passive filter network
4.
Limiting values
[1]
Device tested with 1000 pulses of
±15 kV contact discharges, according to the IEC 61000-4-2 model,
far exceeding IEC 61000-4-2 level 4 (8 kV contact discharge).
[2]
Device tested with 1000 pulses of
±30 kV contact discharges, according to the IEC 61000-4-2 model,
far exceeding IEC 61000-4-2 level 4 (8 kV contact discharge).
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
IP4251CZ8-4-TTL; IP4251CZ12-6-TTL; IP4251CZ16-8-TTL
VESD
electrostatic discharge
voltage
all pins to ground;
contact discharge
[1] -
±15
kV
IP4252CZ8-4-TTL; IP4252CZ12-6-TTL; IP4252CZ16-8-TTL
VESD
electrostatic discharge
voltage
all pins to ground;
contact discharge
[1] -
±15
kV
IP4253CZ8-4-TTL; IP4253CZ12-6-TTL; IP4253CZ16-8-TTL
VESD
electrostatic discharge
voltage
all pins to ground
[2]
contact discharge
-
±30
kV
air discharge
-
±30
kV
IP4254CZ8-4-TTL; IP4254CZ12-6-TTL; IP4254CZ16-8-TTL
VESD
electrostatic discharge
voltage
all pins to ground
[2]
contact discharge
-
±30
kV
air discharge
-
±30
kV
Per device
VESD
electrostatic discharge
voltage
IEC 61000-4-2, level 4;
all pins to ground
contact discharge
-
±8kV
air discharge
-
±15
kV
VCC
supply voltage
−0.5
+5.6
V
Pch
channel power dissipation Tamb =85 °C-
60
mW
Ptot
total power dissipation
Tamb =85 °C-
200
mW
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C


Similar Part No. - IP4251CZ8-4-TTL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4251CZ8-4-TTL NEXPERIA-IP4251CZ8-4-TTL Datasheet
907Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
More results

Similar Description - IP4251CZ8-4-TTL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4251-TTL NEXPERIA-IP4251-TTL Datasheet
907Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
PEMIXCSP NEXPERIA-PEMIXCSP Datasheet
250Kb / 17P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
PEMIXQFN NEXPERIA-PEMIXQFN Datasheet
1Mb / 30P
   Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
logo
NXP Semiconductors
IP3253CZ16-8-TTL NXP-IP3253CZ16-8-TTL Datasheet
362Kb / 13P
   Integrated 4-, 6- and 8-channel passive EMI-filter network with high-level ESD protection
Rev. 1-5 May 2011
logo
Nexperia B.V. All right...
IP4047CX6 NEXPERIA-IP4047CX6 Datasheet
329Kb / 12P
   Dual channel integrated passive filter network with ESD protection
logo
NXP Semiconductors
IP4253CZ8 NXP-IP4253CZ8 Datasheet
59Kb / 10P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 02-8 November 2007
IP4251 NXP-IP4251 Datasheet
100Kb / 16P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 03-6 May 2009
IP3088CX5 NXP-IP3088CX5 Datasheet
292Kb / 15P
   Integrated 2, 4, 6 and 8-channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
logo
Nexperia B.V. All right...
IP4256CZ3-M NEXPERIA-IP4256CZ3-M Datasheet
862Kb / 13P
   Single and dual-channel passive filter network with ESD protection
Rev. 1 - 23 July 2010
logo
NXP Semiconductors
IP4256CZ3-M NXP-IP4256CZ3-M_13 Datasheet
265Kb / 13P
   Single and dual-channel passive filter network with ESD protection
Rev. 1-23 July 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com