Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1268CN Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # LB1268CN
Description  3-Channel High-Current Low-Saturation Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

LB1268CN Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  LB1268CN Datasheet HTML 1Page - Analog Intergrations Corporation LB1268CN Datasheet HTML 2Page - Analog Intergrations Corporation LB1268CN Datasheet HTML 3Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LB1268
2
n ORDERING INFORMATION
LB1268 XX
ORDER NUMBER
LB1268CN
(PLASTIC DIP)
PIN CONFIGURATION
TOP VIEW
OUT3
OUT1
IN2
IN3
GND
OUT2
VCC
IN1 1
3
4
2
8
6
5
7
PACKAGE TYPE
N: PLASTIC DIP
TEMPERATURE
C: 0°C~+70°C
n ELECTRICAL CHARACTERISTICS (Ta=25°C)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Output Voltage
VIN=4.5V, VCC=5.0V,
IOUT=500mA (ch1,2)
VOH1
0.44
0.65
V
VIN=6.0V, VCC=7.0V,
IOUT=1000mA (ch1,2)
VOH2
0.88
1.4
V
VIN=6.0V, VCC=7.0V,
IOUT=1600mA (ch1,2 parallel)
VOH3
1.4
V
VIN=3.0V, VCC=3.0V,
IOUT=300mA (ch3)
VOH4
0.19
0.25
V
VIN=4.5V, VCC=5.0V,
IOUT=1000mA (ch3)
VOH5
0.5
0.7
V
VIN=6.0V, VCC=7.0V,
IOUT=2000mA (ch3)
VOH6
1.0
1.5
V
Input Current
VIN=6.0V (ch1,2)
IIN1
1.0
mA
VIN=6.0V (ch3)
IIN2
2.0
mA
Power Source + Output Leak-
age Current
VIN=0.5V, VOUT=VCC=6.0V
IOFF
30
µA
Spark Killer Diode Forward
Voltage
IF=1000mA (ch1,2)
VF1
3.0
V
IF=2000mA (ch3)
VF2
3.0
V
Output Sustain Voltage
IOUT=400mA
VO(SUS)
10
V


Similar Part No. - LB1268CN

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1268 SANYO-LB1268 Datasheet
56Kb / 3P
   3-Channel, High-Current, Low-Saturation Driver Array?
More results

Similar Description - LB1268CN

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1268 SANYO-LB1268 Datasheet
56Kb / 3P
   3-Channel, High-Current, Low-Saturation Driver Array?
LB1267 SANYO-LB1267 Datasheet
54Kb / 3P
   2-Channel, High-Current, Low-Saturation Driver Array
LB1267M SANYO-LB1267M Datasheet
55Kb / 3P
   2-Channel, High-Current, Low-Saturation Driver Array
logo
Toshiba Semiconductor
TD62309P TOSHIBA-TD62309P Datasheet
248Kb / 7P
   6CH LOW SATURATION HIGH-CURRENT SING DRIVER
logo
Mitsubishi Electric Sem...
M5266P MITSUBISHI-M5266P Datasheet
263Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
M5265P MITSUBISHI-M5265P Datasheet
285Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
M5270L MITSUBISHI-M5270L Datasheet
252Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
M5269L MITSUBISHI-M5269L Datasheet
140Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
logo
Silicon Touch Technolog...
11-MD125 SITI-11-MD125 Datasheet
254Kb / 12P
   2 Channel Low Saturation & Constant Current DC Motor Driver
logo
Sanyo Semicon Device
LB1265 SANYO-LB1265 Datasheet
57Kb / 2P
   8-Channel Low-Saturation Driver?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com