Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1730-30CV Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC1730-30CV
Description  Low Noise Low Dropout, 150mA Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1730-30CV Datasheet(HTML) 8 Page - Analog Intergrations Corporation

Back Button AIC1730-30CV Datasheet HTML 4Page - Analog Intergrations Corporation AIC1730-30CV Datasheet HTML 5Page - Analog Intergrations Corporation AIC1730-30CV Datasheet HTML 6Page - Analog Intergrations Corporation AIC1730-30CV Datasheet HTML 7Page - Analog Intergrations Corporation AIC1730-30CV Datasheet HTML 8Page - Analog Intergrations Corporation AIC1730-30CV Datasheet HTML 9Page - Analog Intergrations Corporation AIC1730-30CV Datasheet HTML 10Page - Analog Intergrations Corporation AIC1730-30CV Datasheet HTML 11Page - Analog Intergrations Corporation AIC1730-30CV Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AIC1730
8
n PIN DESCRIPTIONS
SOT-23-5
PIN 1 : VIN
-
Power supply input pin. Bypass
with a 1
µF capacitor to GND
PIN 2 : GND -
Ground
pin.
This
pin
also
functions
as
a
heatsink.
To
maximize power dissipation, use
of a large pad or the circuit-
board
ground
plane
is
recommended.
PIN 3 :
SHDN - Active-Low shutdown input pin.
PIN 4 : BP
- Noise bypass pin. An external
bypass capacitor connected to
the BP pin reduces noises at the
output.
PIN 5 : VOUT - Output pin. Sources up to 150
mA.
SOT-23-6W
PIN 1 :
SHDN
- Active-Low shutdown input pin.
PIN 2 :
GND
-
Ground
pin.
This
pin
also
functions
as
a
heatsink.
To
maximize power dissipation, use
of a large pad or the circuit-
board
ground
plane
is
recommended.
PIN 3 :
BP
- Noise bypass pin. An external
bypass capacitor connected to
the BP pin reduces noises at the
output.
PIN 4 :
VOUT
- Output pin. Sources up to 150
mA.
PIN 5 :
GND
-
Ground
pin.
This
pin
also
functions
as
a
heatsink.
To
maximize power dissipation, use
of a large pad or the circuit-
board
ground
plane
is
recommended.
PIN 6 :
VIN
-
Power supply input pin. Bypass
with a 1
µF capacitor to GND
n DETAILED DESCRIPTION OF TECHNICAL TERMS
OUTPUT VOLTAGE (V
OUT)
The AIC1730 provides factory-set output voltages
from 1.8V to 3.3V, in 100mV increments. The output
voltage is specified with VIN = VOUT (TYP) + 1V and
IOUT = 0mA
DROPOUT VOLTAGE (V
DROP)
The dropout voltage is defined as the difference
between the input voltage and output voltage at
which point the regulator starts to fall out of
regulation. Below this value, the output voltage will
fall as the input voltage is reduced. It depends on the
load current and junction temperature. The dropout
voltage is specified at which the output voltage drops
100mV below the value measured with a 1V
difference.
CONTINUOUS OUTPUT CURRENT (I
OUT)
Normal rated output current. This is limited by
package power dissipation.


Similar Part No. - AIC1730-30CV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730-30 AIC-AIC1730-30 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
More results

Similar Description - AIC1730-30CV

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com