Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si7013-A10-YM Datasheet(PDF) 9 Page - Silicon Laboratories

Part # Si7013-A10-YM
Description  I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si7013-A10-YM Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button Si7013-A10-YM Datasheet HTML 5Page - Silicon Laboratories Si7013-A10-YM Datasheet HTML 6Page - Silicon Laboratories Si7013-A10-YM Datasheet HTML 7Page - Silicon Laboratories Si7013-A10-YM Datasheet HTML 8Page - Silicon Laboratories Si7013-A10-YM Datasheet HTML 9Page - Silicon Laboratories Si7013-A10-YM Datasheet HTML 10Page - Silicon Laboratories Si7013-A10-YM Datasheet HTML 11Page - Silicon Laboratories Si7013-A10-YM Datasheet HTML 12Page - Silicon Laboratories Si7013-A10-YM Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
Si7013
Rev. 0.95
9
Figure 3. Temperature Accuracy*
*Note:
Applies only to I and Y devices beyond +85 °C.
Table 5. Temperature Sensor
1.9 ≤ VDD ≤ 3.6 V; TA = –40 to +85 °C (G grade) or –40 to +125 °C (I/Y grade), default conversion time unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Range
I and Y Grade
–40
+125
°C
G Grade
–40
+85
°C
Accuracy1
–10 °C < tA < 85 °C
±0.3
±0.4
°C
–40 °C < tA < 125 °C
Figure 3
°C
Repeatability-Noise
14-bit resolution
0.01
°C RMS
13-bit resolution
0.02
°C RMS
12-bit resolution
0.04
°C RMS
11-bit resolution
0.08
°C RMS
Response Time2
τ63%
Unmounted device
0.7
s
Si7013-EB board
5.1
s
Long Term Stability
< 0.01
°C/Yr
Notes:
1.
14b measurement resolution (default).
2.
Time to reach 63% of final value in response to a step change in temperature. Actual response time will vary
dependent on system thermal mass and airflow.


Similar Part No. - Si7013-A10-YM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si7013-A10-GM SILABS-Si7013-A10-GM Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7013-A10-GM1 SILABS-Si7013-A10-GM1 Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7013-A10-GM1R SILABS-Si7013-A10-GM1R Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7013-A10-GMR SILABS-Si7013-A10-GMR Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7013-A10-IM SILABS-Si7013-A10-IM Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - Si7013-A10-YM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
logo
HOPE Microelectronics C...
TH06 HOPE-TH06 Datasheet
365Kb / 26P
   I2C HUMIDITY AND TEMPERATURE SENSOR
logo
Silicon Laboratories
SI7005 SILABS-SI7005 Datasheet
340Kb / 41P
   DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
   Humidity and Temperature Sensor
Version 3
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
   Humidity and Temperature Sensor
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
   HUMIDITY AND TEMPERATURE SENSOR
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
   Humidity and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com