Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC3842 Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC3842
Description  Current-Mode PWM Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC3842 Datasheet(HTML) 6 Page - Analog Intergrations Corporation

  AIC3842 Datasheet HTML 1Page - Analog Intergrations Corporation AIC3842 Datasheet HTML 2Page - Analog Intergrations Corporation AIC3842 Datasheet HTML 3Page - Analog Intergrations Corporation AIC3842 Datasheet HTML 4Page - Analog Intergrations Corporation AIC3842 Datasheet HTML 5Page - Analog Intergrations Corporation AIC3842 Datasheet HTML 6Page - Analog Intergrations Corporation AIC3842 Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AIC3842
6
n APPLICATION INFORMATIONS
l Undervoltage Lockout
There are two separate undervoltage lockout
comparators incorporated to make sure that the IC
is fully functional before the output stage is
enabled. One is for power supply voltage (VCC)
and the other is for reference output voltage
(VREF). Each has a built in hysteresis to prevent
erratic output behavior when their respective
thresholds are crossed. For VCC comparator the
upper and lower thresholds are 16V and 10V,
respectively. For VREF compactor the upper and
lower threshold are 3.6V and 3.4V, respectively.
The large hysteresis and low start up current
(0.3mA) of the AIC3842 make it ideally suited in
off-line
converter
applications
where
efficient
bootstrap startup techniques are required. A 34V
zener is connected as a shunt regulator from VCC
to ground. Its purpose is to protect the IC from
excessive voltage that can occur during system
start-up.
Reference Output
The 5.0V reference output is trimmed to
±2.0%
tolerance at T
A=25°C. It supplies charging current
to the oscillator timing capacitor and is capable of
providing current in excess of 20mA for powering
additional control system circuitry. In case of
overload, the reference is short-circuit protected at
about 85mA.
Error Amplifier
A fully compensated error amplifier is provided
with
inverting
input
and
output
externally
accessible. The noninverting input is internally
biased at 2.5V. The converter output voltage is
usually
divided
down
and
connected
to
the
inverting input.
The output of the error amplifier is accessible for
external loop compensation, with an offset at two
diode drops (
≅1.4V) and divided by three, before
connected to the inverting input of the current
sense comparator. This guarantees that no drive
pulse appears at the output (pin 6).
Oscillator
The oscillator frequency can be programmed
through the setting of timing components R
T and
C
T.
Capacitor C
T
is charged from the 5.0V
reference output through R
T to about 2.8V and
discharged
to
about
1.2V
by
the
internal
discharge current. When C
T
is discharged the
output (pin 6) must be in the low state, thus
producing
a
controlled
amount
of
output
deadtime. Note that many values of R
T and
C
T
can produce the same frequency but only one
combination will yield a specific output deadtime
at a given frequency.
Current Sense Comparator and PWM
Latch
The output switch of AIC3842 is initiated by the
oscillator and terminated when the peak inductor
current reaches the threshold level established by
the error amplifier output (pin 1). The AIC3842 is
operated at a current mode since the inductor
current is monitored cycle-by-cycle and decides
the duty cycle.
The inductor current is converted to a voltage by
inserting the ground referenced sense resistor R
S
in series with the source of output switch M1. This
voltage is monitored by the current
sense input
(pin 3) and is compared to a level derived from the
error amplifier output. In the normal operating
conditions the peak inductor current is controlled
by the voltage at pin 1 where
I
V pin 1
1 4V
3RS
PK
=
(
)
.
PWM Latch is used to ensure that only a single
pulse appears at the output during any given
oscillator cycle. However, a narrow spike on the
leading edge of the current waveform can usually
be observed and may cause the power supply to
exhibit an instability when the output is tightly
loaded.
Output Switch
The AIC3842 contains a single totem-pole output
stage that was specifically designed for direct
drive of power MOSFET. If any undervoltage
lockout is deetected, internal circuitry will keep the
output switch in a sinking current mode, no
external pull down resistor is needed.


Similar Part No. - AIC3842

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC3843 AIC-AIC3843 Datasheet
189Kb / 11P
   Current-Mode PWM Controller
AIC3843CNTB AIC-AIC3843CNTB Datasheet
189Kb / 11P
   Current-Mode PWM Controller
AIC3843CNTR AIC-AIC3843CNTR Datasheet
189Kb / 11P
   Current-Mode PWM Controller
AIC3843CSTB AIC-AIC3843CSTB Datasheet
189Kb / 11P
   Current-Mode PWM Controller
AIC3843CSTR AIC-AIC3843CSTR Datasheet
189Kb / 11P
   Current-Mode PWM Controller
More results

Similar Description - AIC3842

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com