Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1T00 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 1T00
Description  through-hole or SMD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1T00 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  1T00 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1T00 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1T00 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1T00 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1T00 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1T00 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1T00 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3ETH9-XX.X
Switch Th Ag/High Temp. w/Actuator
N
N
Y
RA3ETH9-XX.X
Y
Y
Y
V0
3ETL9
Switch Th Ag/Low Temp.
N
N
Y
RA3ETL9
Y
Y
Y
V0
3ETL9-XX.X
Switch Th Ag/Low Temp. w/Actuator
N
N
Y
RA3ETL9-XX.X
Y
Y
Y
V0
3FSH9
Switch Surface Ag/High Temp.
N
N
Y
RA3FSH9
Y
Y
Y
V0
3FXXXG
All 3F Switches with Au
N
N
Y
RA3FXXXG
Y
Y
Y
V0
3FXXXQ
All 3F Quiet Switches
N
N
Y
RA3FXXXQ
Y
Y
Y
V0
3FSH9R
All 3F Switches delivered on Tape
N
N
Y
RA3FSH9R
Y
Y
Y
V0
3FTH9
Switch Th Ag/High Temp.
N
N
Y
RA3FTH9
Y
Y
Y
V0
3FTH9 w/LED
Switch Th High Temp w/ LED
N
N
Y
RA3FTH9 w/LED
Y
Y
Y
V0
3FTL6
Switch Th Ag/Low Temp.
N
N
Y
RA3FTL6
Y
Y
Y
V0
3FTL6 w/LED
Switch Th Ag/Low Temp w/LED
N
N
Y
RA3FTL6 w/LED
Y
Y
Y
V0
3FTL6-2SL
Switch Low Temp. 2 Straight Legs
N
N
Y
RA3FTL6-2SL
Y
Y
Y
V0
3FTL6RAS
Right Angle Switch Low Temp.
N
N
Y
RA3FTL6RAS
Y
Y
Y
V0
1CXXXX
Leds for 1C or 1H Button
N
N
N
RA1CXXXX
Y
Y
Y
2BXXXX
Leds for 2B Bezel
N
N
N
RA2BXXXX
Y
Y
Y
3FXXXXX
Leds Bent for 3F
N
N
N
RA3FXXXXX
Y
Y
Y
1AXX
Dl Buttons all colours for 3A
Y
Y
N
No change, pls see note 1
HB
1BXX
Dl Buttons f. Bezels all colours
Y
Y
N
No change, pls see note 1
HB
1CXXX
Dl Buttons w/Lens all colours
Y
Y
N
No change, pls see note 1
HB
1DXX
Lk Buttons all colours
Y
Y
N
No change, pls see note 1
HB
1EXXX
Lk Buttons w/Lens all colours
Y
Y
N
No change, pls see note 1
HB
1FXXX
Lk Buttons w/Lens all colours
Y
Y
N
No change, pls see note 1
HB
1GA09
Cap black 11
Y
Y
Y
No change
V0
1GC09
Cap black 15
Y
Y
Y
No change
V0
1HXXX
Dl Buttons w/Lens all colours
Y
Y
N
No change, pls see note 1
HB
1KXX
Lk Lid all colours
Y
Y
N
No change, pls see note 1
HB
1KXX16
Lid all colours/Lens/Reflector
Y
Y
N
No change, pls see note 1
HB
041213
2/4


Similar Part No. - 1T00

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
1T06E-A NELLSEMI-1T06E-A Datasheet
469Kb / 5P
   Standard TRIACs, 1A
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
   Standard TRIACs, 1A
1T06E-S NELLSEMI-1T06E-S Datasheet
469Kb / 5P
   Standard TRIACs, 1A
1T06E-T NELLSEMI-1T06E-T Datasheet
469Kb / 5P
   Standard TRIACs, 1A
1T08E-A NELLSEMI-1T08E-A Datasheet
469Kb / 5P
   Standard TRIACs, 1A
More results

Similar Description - 1T00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5GTH920011TS16 ETC2-5GTH920011TS16 Datasheet
1Mb / 3P
   through-hole or SMD
3FTL600 ETC2-3FTL600 Datasheet
301Kb / 6P
   through-hole or SMD
AQC09-242 ETC2-AQC09-242 Datasheet
102Kb / 5P
   Through-hole or SMD
3FTL6 ETC1-3FTL6 Datasheet
33Kb / 1P
   through-hole or SMD / 50mA/24VDC / single pole/momentary
logo
Delta Electronics, Inc.
V48SH DELTA-V48SH Datasheet
798Kb / 14P
   SMD and through-hole versions
S48SP DELTA-S48SP Datasheet
448Kb / 14P
   SMD and Through-hole versions
V48SR1R825 DELTA-V48SR1R825 Datasheet
832Kb / 14P
   SMD and through-hole versions
logo
Bourns Electronic Solut...
7914 BOURNS-7914_10 Datasheet
393Kb / 2P
   SMD & Through-hole Sealed Key Switch
logo
Visual Communications C...
LFB012CTP VCC-LFB012CTP Datasheet
143Kb / 2P
   for use with surface-mount or through-hole LEDs
LFC012CTP VCC-LFC012CTP Datasheet
118Kb / 2P
   for use with surface-mount or through-hole LEDs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com