Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQJ942EP Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SQJ942EP
Description  Automotive Dual N-Channel 40 V (D-S) 175 C MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ942EP Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SQJ942EP Datasheet HTML 3Page - Vishay Siliconix SQJ942EP Datasheet HTML 4Page - Vishay Siliconix SQJ942EP Datasheet HTML 5Page - Vishay Siliconix SQJ942EP Datasheet HTML 6Page - Vishay Siliconix SQJ942EP Datasheet HTML 7Page - Vishay Siliconix SQJ942EP Datasheet HTML 8Page - Vishay Siliconix SQJ942EP Datasheet HTML 9Page - Vishay Siliconix SQJ942EP Datasheet HTML 10Page - Vishay Siliconix SQJ942EP Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SQJ942EP
www.vishay.com
Vishay Siliconix
S13-0708-Rev. B, 01-Apr-13
7
Document Number: 62669
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-CHANNEL 1 TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Case
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Case (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
10- 3
10- 2
10- 1
10- 4
2
1
0.1
0.01
0.2
0.1
0.05
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
Single Pulse
0.02


Similar Part No. - SQJ942EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ942EP VISHAY-SQJ942EP Datasheet
377Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
Rev. A, 19-Oct-15
SQJ942EP VISHAY-SQJ942EP Datasheet
323Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ942EP VISHAY-SQJ942EP Datasheet
322Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ942EP-T1-GE3 VISHAY-SQJ942EP-T1-GE3 Datasheet
323Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ942EP VISHAY-SQJ942EP_15 Datasheet
263Kb / 15P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Rev. B, 01-Apr-13
More results

Similar Description - SQJ942EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ942EP VISHAY-SQJ942EP_V02 Datasheet
322Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ208EP VISHAY-SQJ208EP_V02 Datasheet
481Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ940EP VISHAY-SQJ940EP_15 Datasheet
266Kb / 15P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Rev. A, 18-Mar-13
SQJ942EP VISHAY-SQJ942EP_15 Datasheet
263Kb / 15P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Rev. B, 01-Apr-13
SQJ940EP VISHAY-SQJ940EP_V02 Datasheet
325Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ244EP VISHAY-SQJ244EP_V02 Datasheet
379Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ884EP VISHAY-SQJ884EP Datasheet
178Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2022
SUD50N04-07L VISHAY-SUD50N04-07L_V01 Datasheet
80Kb / 6P
   N-Channel 40-V (D-S), 175 °C MOSFETs
18-Jul-08
SQJ208EP VISHAY-SQJ208EP_V01 Datasheet
482Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ208EP VISHAY-SQJ208EP Datasheet
482Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Rev. B, 21-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com