Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC55YCM416BSGN Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC55YCM416BSGN
Description  1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55YCM416BSGN Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC55YCM416BSGN Datasheet HTML 1Page - Toshiba Semiconductor TC55YCM416BSGN Datasheet HTML 2Page - Toshiba Semiconductor TC55YCM416BSGN Datasheet HTML 3Page - Toshiba Semiconductor TC55YCM416BSGN Datasheet HTML 4Page - Toshiba Semiconductor TC55YCM416BSGN Datasheet HTML 5Page - Toshiba Semiconductor TC55YCM416BSGN Datasheet HTML 6Page - Toshiba Semiconductor TC55YCM416BSGN Datasheet HTML 7Page - Toshiba Semiconductor TC55YCM416BSGN Datasheet HTML 8Page - Toshiba Semiconductor TC55YCM416BSGN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TC55VCM416BTGN, TC55VCM416BSGN, TC55VEM416BXGN55
TC55YCM416BTGN, TC55YCM416BSGN, TC55YEM416BXGN70
2005-08-09
2/18
PIN ASSIGNMENT (TOP VIEW)
48-pin Plastic TSOP(I) (12
×20mm) (0.5mm pin pitch) (Normal bent)
TC55VCM416BTGN
TC55YCM416BTGN
48-pin Plastic TSOP(I) (12
×14mm) (0.5mm pin pitch) (Normal bent)
TC55VCM416BSGN
TC55YCM416BSGN
48-ball BGA (8
×11mm) (0.75mm ball pitch)
TC55VEM416BXGN
TC55YEM416BXGN
PIN NAMES
A0~A19
Address Inputs
1
CE , CE2
Chip Enable
R/W
Read/Write Control
OE
Output Enable
LB , UB
Data Byte Control
I/O1~I/O16
Data Inputs/Outputs
VDD
Power
GND
Ground
NC
No Connection
OP*
Option
*: OP pin must be open or connected to GND.
A
B
C
D
E
F
G
H
1
OE
UB
I/O11
I/O12
I/O13
I/O14
A19
A8
A0
A3
A5
A17
OP
A14
A12
A9
A1
A4
A6
A7
A16
A15
A13
A10
A2
1
CE
I/O2
I/O4
I/O5
I/O6
R/W
A11
CE2
I/O1
I/O3
VDD
GND
I/O7
I/O8
NC
LB
I/O9
I/O10
GND
VDD
I/O15
I/O16
A18
2
3
4
5
6
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A16
NC
GND
I/O16
I/O8
I/O15
I/O7
I/O14
I/O6
I/O13
I/O5
VDD
I/O12
I/O4
I/O11
I/O3
I/O10
I/O2
I/O9
I/O1
GND
A0
A15
A14
A13
A12
A11
A10
A9
A8
A19
NC
R/W
CE2
OP
A4
A2
A18
A17
A7
A6
A5
A3
A1
CE1
OE
UB
LB


Similar Part No. - TC55YCM416BSGN

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
   LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
logo
Cornell Dubilier Electr...
TC55 CDE-TC55 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
Toshiba Semiconductor
TC5501D TOSHIBA-TC5501D Datasheet
156Kb / 8P
   256 WORD x 4 BIT CMOS RAM
TC5501D-1 TOSHIBA-TC5501D-1 Datasheet
156Kb / 8P
   256 WORD x 4 BIT CMOS RAM
More results

Similar Description - TC55YCM416BSGN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55VEM416AXBN55 TOSHIBA-TC55VEM416AXBN55 Datasheet
208Kb / 14P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55W1600FT TOSHIBA-TC55W1600FT Datasheet
202Kb / 13P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55V400AFT-70 TOSHIBA-TC55V400AFT-70 Datasheet
173Kb / 11P
   262,144-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
TC551402J TOSHIBA-TC551402J Datasheet
343Kb / 7P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC55V1403J TOSHIBA-TC55V1403J Datasheet
383Kb / 8P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC55V1664BJ TOSHIBA-TC55V1664BJ_V01 Datasheet
428Kb / 10P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
1998-06-17
TC55V16648BJ TOSHIBA-TC55V16648BJ Datasheet
456Kb / 10P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com