Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1863 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1863
Description  IR Preamplifier for Remote Control System
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1863 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1863 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1863 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1863 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1863 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1863 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1863 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1863 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1863 Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AIC1863
4
n ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Detecting Ability (2)
50mVP-P, 38KHz
600
µS ON Time,
0.2 Duty Cycle
TD2
540
670
800
µS
Switch On Delay Time
100
µVP-P, 38KHz
600
µS ON Time,
0.2 Duty Cycle
TON
100
250
400
µS
Switch Off Delay Time
100
µVP-P, 38KHz
600
µS ON Time,
0.2 Duty Cycle
TOFF
150
220
400
µS
LCC Slew Rate
C1=0.1
µF
dv/dt
0.8
V/S
Quiescent Current
ICC
0.4
0.7
1.0
mA
NOTE 1: Ratio of the AC level at 35KHz and the AC level at 28KHz denotes AQ1.
AQ1= 20log
measured value (f = 35KHz)
measured value (f = 28KHz)
Ratio of the AC level at 41KHz and the AC level at 48KHz denotes AQ2.
AQ2= 20l o g
measured value (f = 41KHz)
measured value (f = 48KHz)
NOTE 2: Input level denotes VI and measured level denotes VX, then
RIN=
47K
V / V - 1
I
X
n BLOCK DIAGRAM
6
AGND
3
4
DGND
1
CA
7
8
5
VCC
L.C.C.
S.B.C.
T.I.A.
A.G.C.
IN
AUTOMATIC
BIAS LEVEL
CONTROL
VB
+
-
OUT
WAVEFORM
SHAPER
FO
DETECTOR
COMPARATOR
B.P.F.
LIMITTER
AMP.
INTE-
GRATOR


Similar Part No. - AIC1863

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802ACS AIC-AIC1802ACS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802BCS AIC-AIC1802BCS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802CCS AIC-AIC1802CCS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
   Three-Cell Lithium-Ion Battery Protection IC
More results

Similar Description - AIC1863

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2535B TEMIC-U2535B Datasheet
71Kb / 6P
   Preamplifier for IR Remote Control
logo
Vishay Siliconix
VSOP584 VISHAY-VSOP584 Datasheet
224Kb / 8P
   Preamplifier Circuit for IR Remote Control
Rev. 1.2, 11-Jan-12
VSOP98260 VISHAY-VSOP98260_V01 Datasheet
249Kb / 8P
   Preamplifier Circuit for IR Remote Control
01-Jan-2023
logo
Silicon Standard Corp.
SS6863 SSC-SS6863 Datasheet
270Kb / 6P
   IR Preamplifier for Remote Control Systems
logo
Vishay Siliconix
VSOP38336 VISHAY-VSOP38336 Datasheet
242Kb / 9P
   Preamplifier Circuit for IR Remote Control
Rev. 1.1, 17-May-16
VSOP98260 VISHAY-VSOP98260_16 Datasheet
232Kb / 8P
   Preamplifier Circuit for IR Remote Control
Rev. 1.9, 17-May-16
VSOP383 VISHAY-VSOP383_V01 Datasheet
253Kb / 9P
   Preamplifier Circuit for IR Remote Control
01-Jan-2023
VSOP383 VISHAY-VSOP383 Datasheet
225Kb / 8P
   Preamplifier Circuit for IR Remote Control
Rev. 1.3, 12-Mar-12
logo
AUK corp
SL2055 AUK-SL2055 Datasheet
220Kb / 8P
   PREAMPLIFIER FOR REMOTE CONTROL USE
logo
List of Unclassifed Man...
HL3280 ETC1-HL3280 Datasheet
60Kb / 6P
   PREAMPLIFIER FOR REMOTE CONTROL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com