Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC55VCM416BTGN Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC55VCM416BTGN
Description  1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55VCM416BTGN Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC55VCM416BTGN Datasheet HTML 2Page - Toshiba Semiconductor TC55VCM416BTGN Datasheet HTML 3Page - Toshiba Semiconductor TC55VCM416BTGN Datasheet HTML 4Page - Toshiba Semiconductor TC55VCM416BTGN Datasheet HTML 5Page - Toshiba Semiconductor TC55VCM416BTGN Datasheet HTML 6Page - Toshiba Semiconductor TC55VCM416BTGN Datasheet HTML 7Page - Toshiba Semiconductor TC55VCM416BTGN Datasheet HTML 8Page - Toshiba Semiconductor TC55VCM416BTGN Datasheet HTML 9Page - Toshiba Semiconductor TC55VCM416BTGN Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC55VCM416BTGN, TC55VCM416BSGN, TC55VEM416BXGN55
TC55YCM416BTGN, TC55YCM416BSGN, TC55YEM416BXGN70
2005-08-09
6/18
AC CHARACTERISTICS AND OPERATING CONDITIONS (Ta = −40° to 85°C)
READ CYCLE
TC55VCM416BTGN/BSGN55
TC55VEM416BXGN55
VDD = 2.7~3.6 V
VDD = 2.3~3.6 V
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tRC
Read Cycle Time
55
70
tACC
Address Access Time
55
70
tCO1
Chip Enable(
1
CE ) Access Time
55
70
tCO2
Chip Enable(CE2) Access Time
55
70
tOE
Output Enable Access Time
30
35
tBA
Data Byte Control Access Time
30
35
tCOE
Chip Enable Low to Output Active
5
5
tOEE
Output Enable Low to Output Active
0
0
tBE
Data Byte Control Low to Output Active
0
0
tOD
Chip Enable High to Output High-Z
25
30
tODO
Output Enable High to Output High-Z
25
30
tBD
Data Byte Control High to Output High-Z
25
30
tOH
Output Data Hold Time
10
10
ns
WRITE CYCLE
TC55VCM416BTGN/BSGN55
TC55VEM416BXGN55
VDD = 2.7~3.6 V
VDD = 2.3~3.6 V
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tWC
Write Cycle Time
55
70
tWP
Write Pulse Width
40
50
tCW
Chip Enable to End of Write
45
55
tBW
Data Byte Control to End of Write
45
55
tAS
Address Setup Time
0
0
tWR
Write Recovery Time
0
0
tODW
R/W Low to Output High-Z
25
30
tOEW
R/W High to Output Active
0
0
tDS
Data Setup Time
25
30
tDH
Data Hold Time
0
0
ns
Note:
tOD, tODO, tBD and tODW are specified in time when an output becomes high impedance, and are not judged depending on
an output voltage level.


Similar Part No. - TC55VCM416BTGN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55VCM208ASTN40 TOSHIBA-TC55VCM208ASTN40 Datasheet
111Kb / 12P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VCM208ASTN55 TOSHIBA-TC55VCM208ASTN55 Datasheet
111Kb / 12P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VCM216ASTN40 TOSHIBA-TC55VCM216ASTN40 Datasheet
201Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VCM216ASTN55 TOSHIBA-TC55VCM216ASTN55 Datasheet
201Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Similar Description - TC55VCM416BTGN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55VEM416AXBN55 TOSHIBA-TC55VEM416AXBN55 Datasheet
208Kb / 14P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55W1600FT TOSHIBA-TC55W1600FT Datasheet
202Kb / 13P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55V400AFT-70 TOSHIBA-TC55V400AFT-70 Datasheet
173Kb / 11P
   262,144-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
TC551402J TOSHIBA-TC551402J Datasheet
343Kb / 7P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC55V1403J TOSHIBA-TC55V1403J Datasheet
383Kb / 8P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC55V1664BJ TOSHIBA-TC55V1664BJ_V01 Datasheet
428Kb / 10P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
1998-06-17
TC55V16648BJ TOSHIBA-TC55V16648BJ Datasheet
456Kb / 10P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com