Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1802CCS Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1802CCS
Description  Two-Cell Lithium-Ion Battery Protection IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1802CCS Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1802CCS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1802CCS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1802CCS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1802CCS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1802CCS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1802CCS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1802CCS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1802CCS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1802CCS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AIC1802
4
n ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
OD Pin Output “L” Voltage
VDH
0.01
0.1
V
Charge Detection Threshold
Voltage
VCC=4.8V
VCH
-0.55
-0.4
V
Unbalance Discharge Current
VCC=8.3V, VC=4V
IUD
5.4
7.7
10
mA
n TYPICAL PERFORMANCE CHARACTERISTICS
Supply Voltage (V)
Supply Current vs. Supply Voltage
5.5
6.5
7.5
8.5
9.7
9.9
10.1
10.3
10.5
10.7
VC=1/2VCC
TA=25°C
Supply Voltage (V)
Power-down Current vs. Supply Voltage
VC=1/2VCC
TA=25°C
3.8
4.3
4.8
5.3
5.8
0.2
0.35
0.5
0.65
0.8
Temperature (°C)
Overcharge Protection Voltage vs. Temperature
0
10
20
30
40
50
60
70
-10
-20
4.3
4.305
4.31
4.315
4.32
AIC1802B
Temperature (°C)
Overcurrent Protection Voltage vs. Temperature
0
10
20
30
40
50
60
70
-10
-20
140
142.5
145
147.5
150
VCC=7V
VC=3.5V


Similar Part No. - AIC1802CCS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
   Three-Cell Lithium-Ion Battery Protection IC
AIC1803ACS AIC-AIC1803ACS Datasheet
161Kb / 12P
   Three-Cell Lithium-Ion Battery Protection IC
AIC1803BCS AIC-AIC1803BCS Datasheet
161Kb / 12P
   Three-Cell Lithium-Ion Battery Protection IC
AIC1803CCS AIC-AIC1803CCS Datasheet
161Kb / 12P
   Three-Cell Lithium-Ion Battery Protection IC
AIC1803DCS AIC-AIC1803DCS Datasheet
161Kb / 12P
   Three-Cell Lithium-Ion Battery Protection IC
More results

Similar Description - AIC1802CCS

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Fortune Semiconductor C...
FS3332 FORTUNE-FS3332 Datasheet
997Kb / 23P
   Two Cell Lithium-ion/Polymer Battery Protection
logo
Analog Intergrations Co...
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
logo
Silicon Standard Corp.
SS6821 SSC-SS6821 Datasheet
157Kb / 10P
   Single-Cell Lithium-Ion Battery Protection IC
logo
Analog Intergrations Co...
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
   ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Silicon Standard Corp.
SS6803 SSC-SS6803 Datasheet
354Kb / 12P
   Three-cell Lithium-Ion Battery Protection IC
logo
Analog Intergrations Co...
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
   Three-Cell Lithium-Ion Battery Protection IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
   Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
HYCON Technology Corpor...
HY2115 HYCON-HY2115 Datasheet
1Mb / 27P
   1-cell lithium ion/lithium polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com