Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVD2955 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVD2955
Description  ??0 V, ??2 A, P?묬hannel DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD2955 Datasheet(HTML) 2 Page - ON Semiconductor

  NVD2955 Datasheet HTML 1Page - ON Semiconductor NVD2955 Datasheet HTML 2Page - ON Semiconductor NVD2955 Datasheet HTML 3Page - ON Semiconductor NVD2955 Datasheet HTML 4Page - ON Semiconductor NVD2955 Datasheet HTML 5Page - ON Semiconductor NVD2955 Datasheet HTML 6Page - ON Semiconductor NVD2955 Datasheet HTML 7Page - ON Semiconductor NVD2955 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTD2955, NTD2955P, NVD2955
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage (Note 3)
(VGS = 0 Vdc, ID = −0.25 mA)
(Positive Temperature Coefficient)
V(BR)DSS
−60
67
Vdc
mV/°C
Zero Gate Voltage Drain Current
(VGS = 0 Vdc, VDS = −60 Vdc, TJ = 25°C)
(VGS = 0 Vdc, VDS = −60 Vdc, TJ = 150°C)
IDSS
−10
−100
mAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
−100
nAdc
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
(VDS = VGS, ID = −250 mAdc)
(Negative Temperature Coefficient)
VGS(th)
−2.0
−2.8
4.5
−4.0
Vdc
mV/°C
Static Drain−Source On−State Resistance
(VGS = −10 Vdc, ID = −6.0 Adc)
RDS(on)
0.155
0.180
W
Drain−to−Source On−Voltage
(VGS = −10 Vdc, ID = −12 Adc)
(VGS = −10 Vdc, ID = −6.0 Adc, TJ = 150°C)
VDS(on)
−1.86
−2.6
−2.0
Vdc
Forward Transconductance (VDS = 10 Vdc, ID = 6.0 Adc)
gFS
8.0
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = −25 Vdc, VGS = 0 Vdc,
F = 1.0 MHz)
Ciss
500
750
pF
Output Capacitance
Coss
150
250
Reverse Transfer Capacitance
Crss
50
100
SWITCHING CHARACTERISTICS (Notes 3 and 4)
Turn−On Delay Time
(VDD = −30 Vdc, ID = −12 A,
VGS = −10 V, RG = 9.1 W)
td(on)
10
20
ns
Rise Time
tr
45
85
Turn−Off Delay Time
td(off)
26
40
Fall Time
tf
48
90
Gate Charge
(VDS = −48 Vdc, VGS = −10 Vdc,
ID = −12 A)
QT
15
30
nC
QGS
4.0
QGD
7.0
DRAIN−SOURCE DIODE CHARACTERISTICS (Note 3)
Diode Forward On−Voltage
(IS = 12 Adc, VGS = 0 V)
(IS = 12 Adc, VGS = 0 V, TJ = 150°C)
VSD
−1.6
−1.3
−2.5
Vdc
Reverse Recovery Time
(IS = 12 A, dIS/dt = 100 A/ms ,VGS = 0 V)
trr
50
ns
ta
40
tb
10
Reverse Recovery Stored Charge
QRR
0.10
mC
3. Indicates Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperature.


Similar Part No. - NVD2955

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD2955 ONSEMI-NVD2955 Datasheet
112Kb / 8P
   Power MOSFET ??0 V, ??2 A, P?묬hannel DPAK
October, 2012 ??Rev. 12
NVD2955T4G ONSEMI-NVD2955T4G Datasheet
119Kb / 8P
   Power MOSFET
August, 2013 ??Rev. 13
NVD2955T4G ONSEMI-NVD2955T4G Datasheet
88Kb / 7P
   Power MOSFET
March, 2017 ??Rev. 16
logo
VBsemi Electronics Co.,...
NVD2955T4G VBSEMI-NVD2955T4G Datasheet
987Kb / 8P
   P-Channel 60-V (D-S) MOSFET
logo
ON Semiconductor
NVD2955T4G ONSEMI-NVD2955T4G Datasheet
112Kb / 8P
   Power MOSFET ??0 V, ??2 A, P?묬hannel DPAK
October, 2012 ??Rev. 12
More results

Similar Description - NVD2955

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD2955 ONSEMI-NTD2955_V01 Datasheet
112Kb / 8P
   Power MOSFET ??0 V, ??2 A, P?묬hannel DPAK
October, 2012 ??Rev. 12
NTDV20P06LT4G ONSEMI-NTDV20P06LT4G Datasheet
156Kb / 7P
   Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6
NTD20P06L ONSEMI-NTD20P06L Datasheet
119Kb / 7P
   Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6
NTLUS3A18PZTCG ONSEMI-NTLUS3A18PZTCG Datasheet
153Kb / 6P
   Power MOSFET ??0 V, ??.2 A, Single P?묬hannel,
July, 2012 ??Rev. 3
NTHS5441 ONSEMI-NTHS5441 Datasheet
66Kb / 6P
   ??0 V, ??.3 A, P?묬hannel ChipFET
July, 2005 ??Rev. 13
NTHS2101P ONSEMI-NTHS2101P Datasheet
54Kb / 6P
   ??.0 V, ??.5 A P?묬hannel ChipFET
October, 2004 ??Rev. 4
NTR1P02T1G ONSEMI-NTR1P02T1G Datasheet
135Kb / 5P
   ??0 V, ?? A, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 6
NTP2955 ONSEMI-NTP2955 Datasheet
147Kb / 5P
   Power MOSFET ??0 V, ??2 A, Single P?묬hannel, TO??20
March, 2006 ??Rev. 2
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com