Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT50MR21 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # GT50MR21
Description  Discrete IGBTs Silicon N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT50MR21 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  GT50MR21 Datasheet HTML 1Page - Toshiba Semiconductor GT50MR21 Datasheet HTML 2Page - Toshiba Semiconductor GT50MR21 Datasheet HTML 3Page - Toshiba Semiconductor GT50MR21 Datasheet HTML 4Page - Toshiba Semiconductor GT50MR21 Datasheet HTML 5Page - Toshiba Semiconductor GT50MR21 Datasheet HTML 6Page - Toshiba Semiconductor GT50MR21 Datasheet HTML 7Page - Toshiba Semiconductor GT50MR21 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GT50MR21
4
8.
8.
8.
8. Characteristics Curves (Note)
Characteristics Curves (Note)
Characteristics Curves (Note)
Characteristics Curves (Note)
Fig.
Fig.
Fig.
Fig. 8.1
8.1
8.1
8.1 IIIIC
C
C
C
- V
- V
- V
- VCE
CE
CE
CE
Fig.
Fig.
Fig.
Fig. 8.2
8.2
8.2
8.2 IIIIC
C
C
C
- V
- V
- V
- VCE
CE
CE
CE
Fig.
Fig.
Fig.
Fig. 8.3
8.3
8.3
8.3 IIIIC
C
C
C
- V
- V
- V
- VCE
CE
CE
CE
Fig.
Fig.
Fig.
Fig. 8.4
8.4
8.4
8.4 IIIIC
C
C
C
- V
- V
- V
- VCE
CE
CE
CE
Fig.
Fig.
Fig.
Fig. 8.5
8.5
8.5
8.5 V
V
V
VCE(sat)
CE(sat)
CE(sat)
CE(sat)
- T
- T
- T
- Tcccc
Fig.
Fig.
Fig.
Fig. 8.6
8.6
8.6
8.6 IIIIC
C
C
C
- V
- V
- V
- VGE
GE
GE
GE
2011-06-10
Rev.1.0


Similar Part No. - GT50MR21

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT50M101 TOSHIBA-GT50M101 Datasheet
835Kb / 16P
   Discrete IGBTs
GT50M322 TOSHIBA-GT50M322 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - GT50MR21

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT30J341 TOSHIBA-GT30J341 Datasheet
301Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50J341 TOSHIBA-GT50J341 Datasheet
250Kb / 9P
   Discrete IGBTs Silicon N-Channel IGBT
GT60PR21 TOSHIBA-GT60PR21 Datasheet
224Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
GT20J341 TOSHIBA-GT20J341 Datasheet
251Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT40RR21 TOSHIBA-GT40RR21 Datasheet
226Kb / 9P
   Discrete IGBTs Silicon N-Channel IGBT
GT30J110SRA TOSHIBA-GT30J110SRA Datasheet
543Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT20J121 TOSHIBA-GT20J121 Datasheet
195Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
GT40WR21 TOSHIBA-GT40WR21 Datasheet
131Kb / 5P
   Discrete IGBTs Silicon N-Channel IGBT
GT20N135SRA TOSHIBA-GT20N135SRA Datasheet
649Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50JR21 TOSHIBA-GT50JR21 Datasheet
207Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com