Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSC107K010H0100V Datasheet(PDF) 5 Page - AVX Corporation

Part # TPSC107K010H0100V
Description  TPS Series Low ESR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSC107K010H0100V Datasheet(HTML) 5 Page - AVX Corporation

  TPSC107K010H0100V Datasheet HTML 1Page - AVX Corporation TPSC107K010H0100V Datasheet HTML 2Page - AVX Corporation TPSC107K010H0100V Datasheet HTML 3Page - AVX Corporation TPSC107K010H0100V Datasheet HTML 4Page - AVX Corporation TPSC107K010H0100V Datasheet HTML 5Page - AVX Corporation TPSC107K010H0100V Datasheet HTML 6Page - AVX Corporation TPSC107K010H0100V Datasheet HTML 7Page - AVX Corporation TPSC107K010H0100V Datasheet HTML 8Page - AVX Corporation TPSC107K010H0100V Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TPSD337*006#0070
D
330
6.3
20.8
8
70
1
1.464
1.317
0.586
0.102
0.092
0.041
TPSD337*006#0100
D
330
6.3
20.8
8
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSE337*006#0050
E
330
6.3
20.8
8
50
1
1)
1.817
1.635
0.727
0.091
0.082
0.036
TPSE337*006#0100
E
330
6.3
20.8
8
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE337*006#0125
E
330
6.3
20.8
8
125
1
1)
1.149
1.034
0.460
0.144
0.129
0.057
TPSE337*006#0150
E
330
6.3
20.8
8
150
1
1)
1.049
0.944
0.420
0.157
0.142
0.063
TPSV337*006#0100
V
330
6.3
20.8
8
100
1
1)
1.581
1.423
0.632
0.158
0.142
0.063
TPSY337*006#0100
Y
330
6.3
20.8
12
100
1
1)
1.118
1.006
0.447
0.112
0.101
0.045
TPSY337*006#0150
Y
330
6.3
20.8
12
150
1
1)
0.913
0.822
0.365
0.137
0.123
0.055
TPSD477*006#0045
D
470
6.3
29.6
12
45
1
1.826
1.643
0.730
0.082
0.074
0.033
TPSD477*006#0060
D
470
6.3
29.6
12
60
1
1.581
1.423
0.632
0.095
0.085
0.038
TPSD477*006#0100
D
470
6.3
29.6
12
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD477*006#0200
D
470
6.3
29.6
12
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSE477*006#0045
E
470
6.3
29.6
10
45
1
1)
1.915
1.723
0.766
0.086
0.078
0.034
TPSE477*006#0050
E
470
6.3
29.6
10
50
1
1)
1.817
1.635
0.727
0.091
0.082
0.036
TPSE477*006#0060
E
470
6.3
29.6
10
60
1
1)
1.658
1.492
0.663
0.099
0.090
0.040
TPSE477*006#0100
E
470
6.3
29.6
10
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE477*006#0200
E
470
6.3
29.6
10
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSV477*006#0040
V
470
6.3
29.6
10
40
1
1)
2.500
2.250
1.000
0.100
0.090
0.040
TPSV477*006#0055
V
470
6.3
29.6
10
55
1
1)
2.132
1.919
0.853
0.117
0.106
0.047
TPSV477*006#0100
V
470
6.3
29.6
10
100
1
1)
1.581
1.423
0.632
0.158
0.142
0.063
TPSY477*006#0150
Y
470
6.3
28.2
20
150
1
1)
0.913
0.822
0.365
0.137
0.123
0.055
TPSE687*006#0045
E
680
6.3
42.8
10
45
1
1)
1.915
1.723
0.766
0.086
0.078
0.034
TPSE687*006#0060
E
680
6.3
42.8
10
60
1
1)
1.658
1.492
0.663
0.099
0.090
0.040
TPSE687*006#0100
E
680
6.3
42.8
10
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSV687*006#0035
V
680
6.3
42.8
14
35
1
1)
2.673
2.405
1.069
0.094
0.084
0.037
TPSV687*006#0040
V
680
6.3
42.8
10
40
1
1)
2.500
2.250
1.000
0.100
0.090
0.040
TPSV687*006#0050
V
680
6.3
42.8
10
50
1
1)
2.236
2.012
0.894
0.112
0.101
0.045
TPSE108M006#0100
E
1000
6.3
60
20
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSV108M006#0040
V
1000
6.3
60
16
40
1
1)
2.500
2.250
1.000
0.100
0.090
0.040
TPSV108M006#0050
V
1000
6.3
60
16
50
1
1)
2.236
2.012
0.894
0.112
0.101
0.045
10 Volt @ 85ºC (7 Volt @ 125ºC)
TPSR105*010#9000
R
1
10
0.5
4
9000
1
0.078
0.070
0.031
0.704
0.633
0.281
TPSA225*010#1800
A
2.2
10
0.5
6
1800
1
0.204
0.184
0.082
0.367
0.331
0.147
TPST335*010#1500
T
3.3
10
0.5
6
1500
1
0.231
0.208
0.092
0.346
0.312
0.139
TPSA475*010#1400
A
4.7
10
0.5
6
1400
1
0.231
0.208
0.093
0.324
0.292
0.130
TPSR475*010#3000
R
4.7
10
0.5
6
3000
1
0.135
0.122
0.054
0.406
0.366
0.162
TPSR475*010#5000
R
4.7
10
0.5
6
5000
1
0.105
0.094
0.042
0.524
0.472
0.210
TPSA685*010#1800
A
6.8
10
0.7
6
1800
1
0.204
0.184
0.082
0.367
0.331
0.147
TPST685*010#1800
T
6.8
10
0.7
6
1800
1
0.211
0.190
0.084
0.379
0.342
0.152
TPSA106*010#0900
A
10
10
1
6
900
1
0.289
0.260
0.115
0.260
0.234
0.104
TPSA106*010#1800
A
10
10
1
6
1800
1
0.204
0.184
0.082
0.367
0.331
0.147
TPSP106M010#2000
P
10
10
1
8
2000
1
0.173
0.156
0.069
0.346
0.312
0.139
TPST106*010#1000
T
10
10
1
6
1000
1
0.283
0.255
0.113
0.283
0.255
0.113
TPST106*010#2000
T
10
10
1
6
2000
1
0.200
0.180
0.080
0.400
0.360
0.160
TPSA156*010#1000
A
15
10
1.5
6
1000
1
0.274
0.246
0.110
0.274
0.246
0.110
TPSB156*010#0450
B
15
10
1.5
6
450
1
0.435
0.391
0.174
0.196
0.176
0.078
TPSB156*010#0600
B
15
10
1.5
6
600
1
0.376
0.339
0.151
0.226
0.203
0.090
TPST156*010#1200
T
15
10
1.5
8
1200
1
0.258
0.232
0.103
0.310
0.279
0.124
TPSB226*010#0400
B
22
10
2.2
6
400
1
0.461
0.415
0.184
0.184
0.166
0.074
TPSB226*010#0500
B
22
10
2.2
6
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSB226*010#0700
B
22
10
2.2
6
700
1
0.348
0.314
0.139
0.244
0.220
0.098
TPSC226*010#0300
C
22
10
2.2
6
300
1
0.606
0.545
0.242
0.182
0.163
0.073
TPST226*010#0800
T
22
10
2.2
8
800
1
0.316
0.285
0.126
0.253
0.228
0.101
TPSA336*010#0700
A
33
10
3.3
8
700
1
0.327
0.295
0.131
0.229
0.206
0.092
TPSB336*010#0250
B
33
10
3.3
6
250
1
0.583
0.525
0.233
0.146
0.131
0.058
TPSB336*010#0425
B
33
10
3.3
6
425
1
0.447
0.402
0.179
0.190
0.171
0.076
TPSB336*010#0500
B
33
10
3.3
6
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSB336*010#0650
B
33
10
3.3
6
650
1
0.362
0.325
0.145
0.235
0.212
0.094
TPSC336*010#0150
C
33
10
3.3
6
150
1
0.856
0.771
0.343
0.128
0.116
0.051
TPSC336*010#0375
C
33
10
3.3
6
375
1
0.542
0.487
0.217
0.203
0.183
0.081
TPSC336*010#0500
C
33
10
3.3
6
500
1
0.469
0.422
0.188
0.235
0.211
0.094
TPSW336*010#0350
W
33
10
3.3
6
350
1
0.507
0.456
0.203
0.177
0.160
0.071
TPSB476*010#0250
B
47
10
4.7
8
250
1
0.583
0.525
0.233
0.146
0.131
0.058
TPSB476*010#0350
B
47
10
4.7
8
350
1
0.493
0.444
0.197
0.172
0.155
0.069
TPSB476*010#0500
B
47
10
4.7
8
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSB476*010#0650
B
47
10
4.7
8
650
1
0.362
0.325
0.145
0.235
0.212
0.094
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 124.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
34


Similar Part No. - TPSC107K010H0100V

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSC107K010H0100V AVX-TPSC107K010H0100V Datasheet
137Kb / 11P
   Low ESR
TPSC107K010H0100V AVX-TPSC107K010H0100V Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K010H0100V AVX-TPSC107K010H0100V Datasheet
146Kb / 11P
   TPS Series
TPSC107K010H0100V AVX-TPSC107K010H0100V Datasheet
146Kb / 11P
   TPS Series
More results

Similar Description - TPSC107K010H0100V

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSB107M010R0400 AVX-TPSB107M010R0400 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC336K016R0150 AVX-TPSC336K016R0150 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M016R0100 AVX-TPSD107M016R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSW226K016R0500 AVX-TPSW226K016R0500 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M020R0085 AVX-TPSD107M020R0085 Datasheet
152Kb / 11P
   TPS Series Low ESR
TPSD156K035R0100 AVX-TPSD156K035R0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSD107K010R0050 AVX-TPSD107K010R0050 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSD107M010R0100 AVX-TPSD107M010R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSA684M025R6000 AVX-TPSA684M025R6000 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSE686K025R0125 AVX-TPSE686K025R0125 Datasheet
163Kb / 11P
   TPS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com