Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRJA106006RJ Datasheet(PDF) 5 Page - AVX Corporation

Part # TRJA106006RJ
Description  Professional Tantalum Chip Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TRJA106006RJ Datasheet(HTML) 5 Page - AVX Corporation

  TRJA106006RJ Datasheet HTML 1Page - AVX Corporation TRJA106006RJ Datasheet HTML 2Page - AVX Corporation TRJA106006RJ Datasheet HTML 3Page - AVX Corporation TRJA106006RJ Datasheet HTML 4Page - AVX Corporation TRJA106006RJ Datasheet HTML 5Page - AVX Corporation TRJA106006RJ Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
90
I SEPTEMBER 2013
TRJ Series
Professional Tantalum Chip Capacitor
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (mA)
100kHz RMS Voltage (mV)
AVX
Case Capacitance
Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TRJB685*020#1000
B
6.8
20
1.0
6
1000
1
292
262
117
292
262
117
TRJC685*020#RJ
C
6.8
20
1.0
6
2000
1
235
211
94
469
422
188
TRJB106*020#RJ
B
10
20
1.5
6
2200
1
197
177
79
432
389
173
TRJB106*020#1000
B
10
20
1.5
6
1000
1
292
262
117
292
262
117
TRJC106*020#RJ
C
10
20
1.5
6
800
1
371
334
148
297
267
119
TRJC106*020#0500
C
10
20
1.5
6
500
1
469
422
188
235
211
94
TRJB156*020#RJ
B
15
20
2.3
6
1400
1
280
252
112
392
353
157
TRJB156*020#0500
B
15
20
2.3
6
500
1
469
422
188
235
211
94
TRJC156*020#RJ
C
15
20
2.3
6
720
1
391
352
156
281
253
113
TRJC156*020#0400
C
15
20
2.3
6
400
1
524
472
210
210
189
84
TRJD156*020#RJ
D
15
20
2.3
6
1100
1
369
332
148
406
366
162
TRJC226*020#RJ
C
22
20
3.3
6
650
1
411
370
165
267
241
107
TRJC226*020#0400
C
22
20
3.3
6
400
1
524
472
210
210
189
84
TRJD226*020#RJ
D
22
20
3.3
6
650
1
480
432
192
312
281
125
TRJD226*020#0150
D
22
20
3.3
6
150
1
1000
900
400
150
135
60
TRJD226*020#0300
D
22
20
3.3
6
300
1
707
636
283
212
191
85
TRJC336*020#RJ
C
33
20
5.0
6
590
1
432
389
173
255
229
102
TRJC336*020#0300
C
33
20
5.0
6
300
1
606
545
242
182
163
73
TRJD336*020#RJ
D
33
20
5.0
6
590
1
504
454
202
297
268
119
TRJD336*020#0250
D
33
20
5.0
6
250
1
775
697
310
194
174
77
TRJD476*020#RJ
D
47
20
7.1
6
540
1
527
474
211
285
256
114
TRJD476*020#0200
D
47
20
7.1
6
200
1
866
779
346
173
156
69
TRJD686*020#RJ
D
68
20
10
6
490
1
553
498
221
271
244
108
TRJD686*020#0200
D
68
20
10
6
200
1
866
779
346
173
156
69
TRJE686*020#RJ
E
68
20
10
6
490
1
1)
580
522
232
284
256
114
TRJE686*020#0120
E
68
20
10
6
120
1
1)
1173
1055
469
141
127
56
TRJE686*020#0200
E
68
20
10
6
200
1
1)
908
817
363
182
163
73
TRJE107*020#RJ
E
100
20
15
6
300
1
1)
742
667
297
222
200
89
TRJE107*020#0150
E
100
20
15
6
150
1
1)
1049
944
420
157
142
63
25 Volt @ 85ºC (17 Volt @ 125ºC)
TRJA474*025#RJ
A
0.47
25
0.30
4
9530
1
89
80
35
845
761
338
TRJA474*025#7000
A
0.47
25
0.30
4
7000
1
104
93
41
725
652
290
TRJA684*025#RJ
A
0.68
25
0.30
4
7980
1
97
87
39
774
696
309
TRJA684*025#6000
A
0.68
25
0.30
4
6000
1
112
101
45
671
604
268
TRJA105*025#RJ
A
1
25
0.30
4
6630
1
106
96
43
705
635
282
TRJA105*025#3000
A
1
25
0.30
4
3000
1
158
142
63
474
427
190
TRJA155*025#RJ
A
1.5
25
0.30
6
5460
1
117
105
47
640
576
256
TRJA155*025#3000
A
1.5
25
0.30
6
3000
1
158
142
63
474
427
190
TRJB155*025#RJ
B
1.5
25
0.30
6
5000
1
130
117
52
652
587
261
TRJA225*025#RJ
A
2.2
25
0.41
6
2900
1
161
145
64
466
420
187
TRJA225*025#1600
A
2.2
25
0.41
6
1600
1
217
195
87
346
312
139
TRJB225*025#RJ
B
2.2
25
0.41
6
4550
1
137
123
55
622
560
249
TRJB225*025#1200
B
2.2
25
0.41
6
1200
1
266
240
106
319
287
128
TRJB335*025#RJ
B
3.3
25
0.62
6
3740
1
151
136
60
564
507
226
TRJB335*025#2000
B
3.3
25
0.62
6
2000
1
206
186
82
412
371
165
TRJB475*025#RJ
B
4.7
25
0.88
6
3160
1
164
148
66
518
466
207
TRJB475*025#1000
B
4.7
25
0.88
6
1000
1
292
262
117
292
262
117
TRJB685*025#RJ
B
6.8
25
1.30
6
1500
1
238
214
95
357
321
143
TRJB685*025#1000
B
6.8
25
1.30
6
1000
1
292
262
117
292
262
117
TRJC685*025#RJ
C
6.8
25
1.3
6
1070
1
321
289
128
343
309
137
TRJC685*025#0600
C
6.8
25
1.3
6
600
1
428
385
171
257
231
103
TRJC106*025#RJ
C
10
25
1.9
6
800
1
371
334
148
297
267
119
TRJC106*025#0600
C
10
25
1.9
6
600
1
428
385
171
257
231
103
TRJD106*025#RJ
D
10
25
1.9
6
1200
1
354
318
141
424
382
170
TRJC156*025#RJ
C
15
25
2.8
6
720
1
391
352
156
281
253
113
TRJC156*025#0500
C
15
25
2.8
6
500
1
469
422
188
235
211
94
TRJD156*025#RJ
D
15
25
2.8
6
720
1
456
411
183
329
296
131
TRJD156*025#0300
D
15
25
2.8
6
300
1
707
636
283
212
191
85
TRJD226*025#RJ
D
22
25
4.1
6
650
1
480
432
192
312
281
125
TRJD226*025#0300
D
22
25
4.1
6
300
1
707
636
283
212
191
85
TRJD336*025#RJ
D
33
25
6.2
6
590
1
504
454
202
297
268
119
TRJD336*025#0400
D
33
25
6.2
6
400
1
612
551
245
245
220
98
TRJD476*025#RJ
D
47
25
8.8
6
540
1
527
474
211
285
256
114
TRJD476*025#0250
D
47
25
8.8
6
250
1
775
697
310
194
174
77
TRJE476*025#RJ
E
47
25
8.8
6
540
1
1)
553
497
221
298
269
119
TRJE476*025#0150
E
47
25
8.8
6
150
1
1)
1049
944
420
157
142
63
35 Volt @ 85ºC (23 Volt @ 125ºC)
TRJA104*035#RJ
A
0.1
35
0.30
4
20000
1
61
55
24
1225
1102
490
TRJA154*035#RJ
A
0.15
35
0.30
4
16470
1
67
61
27
1111
1000
445
TRJA154*035#6000
A
0.15
35
0.30
4
6000
1
112
101
45
671
604
268
TRJA224*035#RJ
A
0.22
35
0.30
4
13710
1
74
67
30
1014
913
406
11) Dry pack option (see How to order) recommended for reduction of stress during
soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are
measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR move-
ment to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 150.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance
part in the same case size, to the same reliability standards.


Similar Part No. - TRJA106006RJ

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
TRJ-20-6A TALEMA-TRJ-20-6A Datasheet
121Kb / 1P
   Pulse Transformers for RF
TRJ-20-6C TALEMA-TRJ-20-6C Datasheet
121Kb / 1P
   Pulse Transformers for RF
TRJ-40-6A TALEMA-TRJ-40-6A Datasheet
121Kb / 1P
   Pulse Transformers for RF
TRJ-40-6C TALEMA-TRJ-40-6C Datasheet
121Kb / 1P
   Pulse Transformers for RF
TRJ-40-6D TALEMA-TRJ-40-6D Datasheet
121Kb / 1P
   Pulse Transformers for RF
More results

Similar Description - TRJA106006RJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD685K050RRJ AVX-TRJD685K050RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB105K035RRJ AVX-TRJB105K035RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB106K016RRJ AVX-TRJB106K016RRJ Datasheet
132Kb / 6P
   Professional Tantalum Chip Capacitor
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025 ABRACON-ATCC-211B-025 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com