Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1739-25CX Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1739-25CX
Description  300mA Low Dropout Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1739-25CX Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1739-25CX Datasheet HTML 1Page - Analog Intergrations Corporation AIC1739-25CX Datasheet HTML 2Page - Analog Intergrations Corporation AIC1739-25CX Datasheet HTML 3Page - Analog Intergrations Corporation AIC1739-25CX Datasheet HTML 4Page - Analog Intergrations Corporation AIC1739-25CX Datasheet HTML 5Page - Analog Intergrations Corporation AIC1739-25CX Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AIC1739
300mA Low Dropout Linear Regulator
Analog Integrations Corporation
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1739-01
TEL: 886-3-5772500
FAX: 886-3-5772510
1
n FEATURES
l
Low Dropout Voltage of 180mV at 100mA
Output Current (3.0V Output Version).
l
Guaranteed 300mA Output Current.
l
Internal 1.3
Ω P-MOSFET Draws no Base
Current.
l
Low Ground Current at 55
µA.
l
2% Accuracy Output Voltage of 1.8V/ 2.0V/
2.5V/ 2.7V/ 3.0V.
l
Input Voltage Range up to 12V.
l
Needs only 1
µF for Stability.
l
Current and Thermal Limiting.
n APPLICATIONS
l
Voltage Regulator for CD-ROM Drivers.
l
Voltage Regulator for LAN Cards.
l
Voltage Regulator for Microprocessor.
l
Wireless Communication Systems.
l
Battery Powered Systems.
n DESCRIPTION
The AIC1739 is a 3-pin low dropout linear
regulator. The superior characteristics of the
AIC1739 include zero base current loss, very
low dropout voltage, and 2% accuracy output
voltage.
Typical
ground
current
remains
approximately
55
µA, from no load to
maximum loading conditions. Dropout voltage
is exceptionally low. Output current limiting
and thermal limiting are built in to provide
maximal protection to the AIC1739 against
fault conditions.
The AIC1739 comes in the popular 3-pin
SOT-89 and TO-92 packages.
n TYPICAL APPLICATION CIRCUIT
+
+
AIC1739
10µF
C
OUT
V
OUT
VOUT
GND
VIN
1µF
CIN
VIN
Low Dropout Linear Regulator


Similar Part No. - AIC1739-25CX

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-18 AIC-AIC1730-18 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730-18CQ AIC-AIC1730-18CQ Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-18CV AIC-AIC1730-18CV Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-19 AIC-AIC1730-19 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
More results

Similar Description - AIC1739-25CX

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com