Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPF10K50E Datasheet(PDF) 6 Page - Altera Corporation

Part # EPF10K50E
Description  Embedded Programmable Logic Device
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K50E Datasheet(HTML) 6 Page - Altera Corporation

Back Button EPF10K50E Datasheet HTML 2Page - Altera Corporation EPF10K50E Datasheet HTML 3Page - Altera Corporation EPF10K50E Datasheet HTML 4Page - Altera Corporation EPF10K50E Datasheet HTML 5Page - Altera Corporation EPF10K50E Datasheet HTML 6Page - Altera Corporation EPF10K50E Datasheet HTML 7Page - Altera Corporation EPF10K50E Datasheet HTML 8Page - Altera Corporation EPF10K50E Datasheet HTML 9Page - Altera Corporation EPF10K50E Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
6
Altera Corporation
FLEX 10KE Embedded Programmable Logic Devices Data Sheet
Similar to the FLEX 10KE architecture, embedded gate arrays are the
fastest-growing segment of the gate array market. As with standard gate
arrays, embedded gate arrays implement general logic in a conventional
“sea-of-gates” architecture. Additionally, embedded gate arrays have
dedicated die areas for implementing large, specialized functions. By
embedding functions in silicon, embedded gate arrays reduce die area
and increase speed when compared to standard gate arrays. While
embedded megafunctions typically cannot be customized, FLEX 10KE
devices are programmable, providing the designer with full control over
embedded megafunctions and general logic, while facilitating iterative
design changes during debugging.
Each FLEX 10KE device contains an embedded array and a logic array.
The embedded array is used to implement a variety of memory functions
or complex logic functions, such as digital signal processing (DSP), wide
data-path manipulation, microcontroller applications, and data-
transformation functions. The logic array performs the same function as
the sea-of-gates in the gate array and is used to implement general logic
such as counters, adders, state machines, and multiplexers. The
combination of embedded and logic arrays provides the high
performance and high density of embedded gate arrays, enabling
designers to implement an entire system on a single device.
FLEX 10KE devices are configured at system power-up with data stored
in an Altera serial configuration device or provided by a system
controller. Altera offers the EPC1, EPC2, and EPC16 configuration
devices, which configure FLEX 10KE devices via a serial data stream.
Configuration data can also be downloaded from system RAM or via the
Altera BitBlasterTM, ByteBlasterMVTM, or MasterBlaster download cables.
After a FLEX 10KE device has been configured, it can be reconfigured
in-circuit by resetting the device and loading new data. Because
reconfiguration requires less than 85 ms, real-time changes can be made
during system operation.
FLEX 10KE devices contain an interface that permits microprocessors to
configure FLEX 10KE devices serially or in-parallel, and synchronously or
asynchronously. The interface also enables microprocessors to treat a
FLEX 10KE device as memory and configure it by writing to a virtual
memory location, making it easy to reconfigure the device.


Similar Part No. - EPF10K50E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50E ALTERA-EPF10K50E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50E ALTERA-EPF10K50E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K50EQC240-1N ALTERA-EPF10K50EQC240-1N Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50EQC240-3 ALTERA-EPF10K50EQC240-3 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
More results

Similar Description - EPF10K50E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50EQC240-1N ALTERA-EPF10K50EQC240-1N Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K30E ALTERA-EPF10K30E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
FLEX10KE ALTERA-FLEX10KE Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K100B ALTERA-EPF10K100B Datasheet
60Kb / 1P
   Embedded Programmable Logic Device
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com