Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCJA226M025S0300 Datasheet(PDF) 3 Page - AVX Corporation

Part # TCJA226M025S0300
Description  Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCJA226M025S0300 Datasheet(HTML) 3 Page - AVX Corporation

  TCJA226M025S0300 Datasheet HTML 1Page - AVX Corporation TCJA226M025S0300 Datasheet HTML 2Page - AVX Corporation TCJA226M025S0300 Datasheet HTML 3Page - AVX Corporation TCJA226M025S0300 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TCJ Series
Tantalum Solid Electrolytic Chip Capacitors
with Conductive Polymer Electrode
RATINGS & PART NUMBER REFERENCE
Moinsture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25ºC. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at
rated voltage after 5 minutes.
ESR allowed to move up to 1.25 times catalog limit post mounting.
For typical weight and composition see page 124.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
Rated
DCL
DF
ESR
100kHz RMS Current (mA)
100kHz RMS Voltage (mV)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
2.5 Volt @ 85ºC (1.7 Volt @ 125ºC)
TCJA686M002#0250
A
68
2.5
17.0
6
250
3
548
493
219
137
123
55
TCJA107M002#0200
A
100
2.5
25.0
6
200
3
612
551
245
122
110
49
TCJB107M002#0070
B
100
2.5
25.0
6
70
3
1102
992
441
77
69
31
TCJB157M002#0070
B
150
2.5
37.5
6
70
3
1102
992
441
77
69
31
4 Volt @ 85°C (2.7 Volt @ 125°C)
TCJA156M004#0300
A
15
4
6.0
6
300
3
500
450
200
150
135
60
TCJA226M004#0300
A
22
4
8.8
6
300
3
500
450
200
150
135
60
TCJA336M004#0300
A
33
4
13.2
6
300
3
500
450
200
150
135
60
TCJA476M004#0200
A
47
4
18.8
6
200
3
612
551
245
122
110
49
TCJT476M004#0080
T
47
4
18.8
8
80
3
1000
900
400
80
72
32
TCJA686M004#0250
A
68
4
27.2
6
250
3
548
493
219
137
123
55
TCJB686M004#0070
B
68
4
27.2
6
70
3
1102
992
441
77
69
31
TCJT686M004#0080
T
68
4
27.2
8
80
3
1000
900
400
80
72
32
TCJA107M004#0200
A
100
4
40.0
6
200
3
612
551
245
122
110
49
TCJB107M004#0070
B
100
4
40.0
8
70
3
1102
992
441
77
69
31
TCJG107M004#0300
G
100
4
40.0
10
300
3
483
435
193
145
130
58
TCJT107M004#0150
T
100
4
40.0
8
150
3
730
657
292
110
99
44
TCJB157M004#0070
B
150
4
60.0
6
70
3
1102
992
441
77
69
31
TCJB227M004#0045
B
220
4
88.0
10
45
3
1374
1237
550
62
56
25
TCJB227M004#0070
B
220
4
88.0
10
70
3
1102
992
441
77
69
31
6.3 Volt @ 85°C (4 Volt @ 125°C)
TCJA106M006#0300
A
10
6.3
6.0
6
300
3
500
450
200
150
135
60
TCJR106M006#0500
R
10
6.3
6.0
6
500
3
332
298
133
166
149
66
TCJA156M006#0300
A
15
6.3
9.0
6
300
3
500
450
200
150
135
60
TCJA226M006#0300
A
22
6.3
13.2
6
300
3
500
450
200
150
135
60
TCJK226M006#0400
K
22
6.3
13.2
8
400
3
403
363
161
161
145
64
TCJS226M006#0400
S
22
6.3
13.2
8
400
3
403
363
161
161
145
64
TCJT226M006#0150
T
22
6.3
13.2
6
150
3
730
657
292
110
99
44
TCJA336M006#0200
A
33
6.3
19.8
6
200
3
612
551
245
122
110
49
TCJB336M006#0070
B
33
6.3
19.8
6
70
3
1102
992
441
77
69
31
TCJB336M006#0200
B
33
6.3
19.8
6
200
3
652
587
261
130
117
52
TCJT336M006#0150
T
33
6.3
19.8
8
150
3
730
657
292
110
99
44
TCJA476M006#0200
A
47
6.3
28.2
6
200
3
612
551
245
122
110
49
TCJB476M006#0070
B
47
6.3
28.2
6
70
3
1102
992
441
77
69
31
TCLP476M006#0500
P
47
6.3
28.2
10
500
3
346
312
139
173
156
69
TCJK476M006#0400
K
47
6.3
28.2
6
400
3
403
363
161
161
146
64
TCJT476M006#0080
T
47
6.3
28.2
8
80
3
1000
900
400
80
72
32
TCJT476M006#0120
T
47
6.3
28.2
8
120
3
816
735
327
98
88
39
TCJB686M006#0055
B
68
6.3
40.8
8
55
3
1243
1119
497
68
62
27
TCJB686M006#0070
B
68
6.3
40.8
8
70
3
1102
992
441
77
69
31
TCJC686M006#0100
C
68
6.3
40.8
6
100
3
1049
944
420
105
94
42
TCJW686M006#0070
W
68
6.3
40.8
8
70
3
1134
1021
454
79
71
32
TCJB107M006#0045
B
100
6.3
60.0
10
45
3
1374
1237
550
62
56
25
TCJB107M006#0069
B
100
6.3
60.0
10
69
3
1110
999
444
77
69
31
TCJB107M006#0070
B
100
6.3
60.0
10
70
3
1102
992
441
77
69
31
TCJA157M006#0200
A
150
6.3
90.0
10
200
3
612
551
245
122
110
49
TCJB157M006#0045
B
150
6.3
90.0
10
45
3
1374
1237
550
62
56
25
TCJB157M006#0069
B
150
6.3
90.0
10
69
3
1110
999
444
77
69
31
TCJB157M006#0070
B
150
6.3
90.0
10
70
3
1102
992
441
77
69
31
TCJH157M006#0200
H
150
6.3
90.0
6
200
3
632
569
253
126
114
51
TCJW157M006#0040
W
150
6.3
90.0
6
40
3
1500
1350
600
60
54
24
TCJW157M006#0070
W
150
6.3
90.0
6
70
3
1134
1021
454
79
71
32
TCJB227M006#0070
B
220
6.3
132.0
10
70
3
1102
992
441
77
69
31
TCJB227M006#0200
B
220
6.3
132.0
10
200
3
652
587
261
130
117
52
10 Volt @ 85°C (7 Volt @ 125°C)
TCJK475M010#0500
K
4.7
10
4.7
6
500
3
346
312
139
173
156
69
TCJR475M010#0500
R
4.7
10
4.7
6
500
3
332
298
133
166
149
66
TCJA106M010#0300
A
10
10
10.0
6
300
3
500
450
200
150
135
60
TCJA156M010#0200
A
15
10
15.0
6
200
3
612
551
245
122
110
49
49


Similar Part No. - TCJA226M025S0300

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJA226M025S0300 AVX-TCJA226M025S0300 Datasheet
198Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors
TCJA226M025S0300 AVX-TCJA226M025S0300 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results

Similar Description - TCJA226M025S0300

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJA686M0020250 AVX-TCJA686M0020250 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJT476M006R0080 AVX-TCJT476M006R0080 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M002-0250 AVX-TCJA686M002-0250 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0070 AVX-TCJB107M006R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD106M050R0120 AVX-TCJD106M050R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0045 AVX-TCJB107M006R0045 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA476M006R0200 AVX-TCJA476M006R0200 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD475M063R0120 AVX-TCJD475M063R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA106M010R0300 AVX-TCJA106M010R0300 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJC686M006R0100 AVX-TCJC686M006R0100 Datasheet
215Kb / 6P
   TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com