Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSH114-215 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BSH114-215
Description  N-channel enhancement mode field effect transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BSH114-215 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BSH114-215 Datasheet HTML 4Page - NXP Semiconductors BSH114-215 Datasheet HTML 5Page - NXP Semiconductors BSH114-215 Datasheet HTML 6Page - NXP Semiconductors BSH114-215 Datasheet HTML 7Page - NXP Semiconductors BSH114-215 Datasheet HTML 8Page - NXP Semiconductors BSH114-215 Datasheet HTML 9Page - NXP Semiconductors BSH114-215 Datasheet HTML 10Page - NXP Semiconductors BSH114-215 Datasheet HTML 11Page - NXP Semiconductors BSH114-215 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
BSH114
N-channel enhancement mode field effect transistor
Product specification
Rev. 01 — 09 November 2000
8 of 13
9397 750 07708
© Philips Electronics N.V. 2000. All rights reserved.
Tj =25 °C and 150 °C; VGS =0V
ID = 0.5 A; VDD = 20 V and 80 V
Fig 13. Source (diode forward) current as a function of
source-drain (diode forward) voltage;
typical values.
Fig 14. Gate-source voltage as a function of gate
charge; typical values.
03ac60
0
1
2
3
0
0.4
0.8
1.2
VSD (V)
IS
(A)
Tj = 25 ºC
Tj =150 ºC
VGS = 0 V
03ac62
0
5
10
15
02
46
8
QG (nC)
VGS
(V)
VDD = 20 V
VDD = 80 V
Tj = 25 ºC
ID = 0.5 A


Similar Part No. - BSH114-215

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSH114 PHILIPS-BSH114 Datasheet
287Kb / 13P
   N-channel enhancement mode field effect transistor
Rev. 01-09 November 2000
logo
VBsemi Electronics Co.,...
BSH114 VBSEMI-BSH114 Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
Nexperia B.V. All right...
BSH114 NEXPERIA-BSH114 Datasheet
388Kb / 14P
   N-channel enhancement mode field effect transistor
Rev. 01 - 09 November 2000
More results

Similar Description - BSH114-215

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com