Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1722-37CX Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1722-37CX
Description  300mA Low Dropout Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1722-37CX Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1722-37CX Datasheet HTML 1Page - Analog Intergrations Corporation AIC1722-37CX Datasheet HTML 2Page - Analog Intergrations Corporation AIC1722-37CX Datasheet HTML 3Page - Analog Intergrations Corporation AIC1722-37CX Datasheet HTML 4Page - Analog Intergrations Corporation AIC1722-37CX Datasheet HTML 5Page - Analog Intergrations Corporation AIC1722-37CX Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AIC1722
4
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage vs. Temperature
Temperature (
°C)
0
50
100
96
98
100
103
104
0
-40
125
Ground Current vs. Input Voltage
Input Voltage (V)
0
10
20
30
40
50
60
02
4
6
8
10
12
Ground Current vs. Temperature
Temperature (
°c)
125
025
50
75
100
-25
-50
50
52
54
56
58
60
IL =300mA
IL =150mA
IL=0.1mA
Dropout Voltage vs. Load Current
Load Current (mA)
600
0
50
100
150
200
250
300
0
100
200
300
400
500
VOUT=5.0V & 5.2V
VOUT=3.3V, 3.5V, 3.7V & 3.8V
Line Transient Response
Time (mS)
0
100
8
6
COUT=1
µF
IL=1mA
VOUT=5.2V
50
0
-50
0.5
0.1
0.4
0.2
0.3
1.0
0.6
0.9
0.7
0.8
Load transient Response
Time (mS)
0
-40
150
0.1
20
0
-20
2.5
0.5
2.0
1.0
1.5
5.0
3.0
4.5
3.5
4.0
-60


Similar Part No. - AIC1722-37CX

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1722A AIC-AIC1722A Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1722A-15XU AIC-AIC1722A-15XU Datasheet
250Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1722A-15XXA AIC-AIC1722A-15XXA Datasheet
250Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1722A-18CUBG AIC-AIC1722A-18CUBG Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1722A-18CUTR AIC-AIC1722A-18CUTR Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
More results

Similar Description - AIC1722-37CX

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com