Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMB02070E5620DB300 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MMB02070E5620DB300
Description  MMU 0102, MMA 0204, MMB 0207 - Professional
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMB02070E5620DB300 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MMB02070E5620DB300 Datasheet HTML 5Page - Vishay Siliconix MMB02070E5620DB300 Datasheet HTML 6Page - Vishay Siliconix MMB02070E5620DB300 Datasheet HTML 7Page - Vishay Siliconix MMB02070E5620DB300 Datasheet HTML 8Page - Vishay Siliconix MMB02070E5620DB300 Datasheet HTML 9Page - Vishay Siliconix MMB02070E5620DB300 Datasheet HTML 10Page - Vishay Siliconix MMB02070E5620DB300 Datasheet HTML 11Page - Vishay Siliconix MMB02070E5620DB300 Datasheet HTML 12Page - Vishay Siliconix MMB02070E5620DB300 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Document Number: 28713
For technical questions, contact: melf@vishay.com
www.vishay.com
Revision: 05-Mar-12
23
MMU 0102, MMA 0204, MMB 0207 - Professional
Professional MELF Resistors
Vishay Beyschlag
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4.27
-
Single pulse
high voltage
overload;
standard
operation
mode
Severity no. 4:
U = 10 x
2 x U
max.;
10 pulses
10 µs/700 µs
±
(0.25 % R +5 m)
Single pulse
high voltage
overload;
power
operation
mode
±
(0.5 % R +5 m)
4.37
-
Periodic
electric
overload;
standard
operation
mode
U =
2 x U
max.;
0.1 s on; 2.5 s off;
1000 cycles
±
(0.5 % R +5 m)
Periodic
electric
overload;
power
operation
mode
± (1 %
R +5 m
)
4.22
6 (Fc)
Vibration
Endurance by
sweeping;
10 Hz to 2000 Hz;
no resonance;
amplitude
 1.5 mm or
 200 m/s2; 7.5 h
± (0.05 %
R +5 m
)±(0.1 % R +5 m)
4.40
-
Electrostatic
discharge
(Human Body
Model)
IEC 61340-3-1 (2);
3 pos. + 3 neg.
discharges
MMU 0102: 1.5 kV
MMA 0204: 2 kV
MMB 0207: 4 kV
± (0.5 %
R +50 m
)
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (2)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
STABILITY
CLASS 0.25
OR BETTER
STABILITY
CLASS 0.5
OR BETTER
STABILITY
CLASS 1
OR BETTER
STABILITY
CLASS 2
OR BETTER
Stability for
product types:
MMU 0102
10
 to 221k
1
 to < 10 
< 1
> 221 k
MMA 0204
10
 to 332 k
1
 to < 10 
< 1
> 332 k
MMB 0207
10
 to 1 M
1
 to < 10 
< 1
> 1 M
P
70 x R
15 x
P
70 x R


Similar Part No. - MMB02070E5620DB300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMB02070B1000DB000 VISHAY-MMB02070B1000DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMB02070B1000DB200 VISHAY-MMB02070B1000DB200 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMB02070B1000DB300 VISHAY-MMB02070B1000DB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMB02070B1000FB000 VISHAY-MMB02070B1000FB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMB02070B1000FB200 VISHAY-MMB02070B1000FB200 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMB02070E5620DB300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B0207C-F ETC2-B0207C-F Datasheet
948Kb / 16P
   MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
logo
FCI connector
HT-0102 FCI-CONNECTOR-HT-0102 Datasheet
225Kb / 10P
   HT-0102 Hand Tool Manual
logo
Pyramid Semiconductor C...
PACE1753 PYRAMID-PACE1753 Datasheet
187Kb / 21P
   SINGLE CHIP, 40MHz CMOS MMU/COMBO
logo
List of Unclassifed Man...
71030 ETC2-71030 Datasheet
3Mb / 1P
   Professional Tools for Professional Results
WC610620PFLAP ETC1-WC610620PFLAP Datasheet
69Kb / 1P
   Professional Handcrimpwerkzeug Professional hand crimp tool
logo
PHOENIX CONTACT
3069707 PHOENIX-3069707 Datasheet
81Kb / 5P
   Off switch - RS20-US-S0201-0102-014H-001
logo
OSRAM GmbH
GDPSLR31.13 OSRAM-GDPSLR31.13 Datasheet
1Mb / 21P
   Professional downlights
logo
PHOENIX CONTACT
3069722 PHOENIX-3069722 Datasheet
81Kb / 5P
   Changeover switch - RS20-US-S0720-0102-014H-001
3069706 PHOENIX-3069706 Datasheet
80Kb / 5P
   Off switch - RS20-US-S0200-0102-014H-001
3069719 PHOENIX-3069719 Datasheet
81Kb / 5P
   Changeover switch - RS20-US-S0575-0102-014H-001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com