Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1722-33CX Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1722-33CX
Description  300mA Low Dropout Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1722-33CX Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1722-33CX Datasheet HTML 1Page - Analog Intergrations Corporation AIC1722-33CX Datasheet HTML 2Page - Analog Intergrations Corporation AIC1722-33CX Datasheet HTML 3Page - Analog Intergrations Corporation AIC1722-33CX Datasheet HTML 4Page - Analog Intergrations Corporation AIC1722-33CX Datasheet HTML 5Page - Analog Intergrations Corporation AIC1722-33CX Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AIC1722
5
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Load Transient Response
Time (mS)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
100
0
-100
150
0.1
COUT=1µF
VOUT=5.2V
-200
Input Voltage V
IN (V)
Recommended Max. Output Current v.s. Input Voltage
456789
10
11
12
0
100
200
300
400
3.3V
3.5V
3.7V
3.8V
5V
5.2V
BLOCK DIAGRAM
1.235V
Reference
GND
VOUT
VIN
ERROR
AMP
-
THERMAL
SHUTDOWN
-
+
CURRENT
LIMITING
PIN DESCRIPTION
VOUT PIN - Output pin.
GND PIN - Power GND.
VIN PIN
- Power Supply Input.
APPLICATION INFORMATIONS
A 1
µF (or greater) capacitor is required between
the AIC1722 output and ground for stability.
Without this capacitor the part will oscillate. Even
though most types of capacitor may work, the
equivalent series resistance (ESR) should be held
to 5
Ω or less if Aluminum electrolytic type is used.
Many Aluminum electrolytics have electrolytes
that freeze at about -30
°C, so solid tantalums are
recommended for operation below -25
°C. The
value of this capacitor may be increased without
limit.
A 0.1
µF capacitor (or greater) should be placed
from the AIC1722 input to ground if the lead
inductance between the input and power source
exceeds 500nH (approximately 10 inches of trace).


Similar Part No. - AIC1722-33CX

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1722A AIC-AIC1722A Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1722A-15XU AIC-AIC1722A-15XU Datasheet
250Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1722A-15XXA AIC-AIC1722A-15XXA Datasheet
250Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1722A-18CUBG AIC-AIC1722A-18CUBG Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1722A-18CUTR AIC-AIC1722A-18CUTR Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
More results

Similar Description - AIC1722-33CX

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com