Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2878A Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC2878A
Description  For Muting and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2878A Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC2878A Datasheet HTML 1Page - Toshiba Semiconductor 2SC2878A Datasheet HTML 2Page - Toshiba Semiconductor 2SC2878A Datasheet HTML 3Page - Toshiba Semiconductor 2SC2878A Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC2878
2007-11-01
3


Similar Part No. - 2SC2878A

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SC2878A JIANGSU-2SC2878A Datasheet
978Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SC2878A SECOS-2SC2878A Datasheet
288Kb / 2P
   0.3A, 50V NPN Plastic Encapsulated Transistor
More results

Similar Description - 2SC2878A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3326A TOSHIBA-2SC3326A Datasheet
228Kb / 5P
   For Muting and Switching Applications
HN1C03FUTE85R TOSHIBA-HN1C03FUTE85R Datasheet
317Kb / 5P
   For Muting And Switching Applications
2SC3327-A TOSHIBA-2SC3327-A Datasheet
210Kb / 4P
   FOR MUTING AND SWITCHING APPLICATIONS
2SC2878B TOSHIBA-2SC2878B Datasheet
245Kb / 4P
   For Muting and Switching Applications
2SC3326-B TOSHIBA-2SC3326-B Datasheet
228Kb / 5P
   For Muting and Switching Applications
2SC2878-B TOSHIBA-2SC2878-B Datasheet
221Kb / 4P
   For Muting and Switching Applications
2SC2878-A TOSHIBA-2SC2878-A Datasheet
221Kb / 4P
   For Muting and Switching Applications
2SC4213-B TOSHIBA-2SC4213-B Datasheet
281Kb / 5P
   For Muting and Switching Applications
2SC4213A TOSHIBA-2SC4213A Datasheet
281Kb / 5P
   For Muting and Switching Applications
2SC2878 TOSHIBA-2SC2878 Datasheet
172Kb / 4P
   TRANSISTOR (FOR MUTING AND SWITCHING APPLICATIONS)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com