Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1633ACS Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1633ACS
Description  2-Cell, 200mA, Step-Up DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1633ACS Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1633ACS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1633ACS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1633ACS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1633ACS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1633ACS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1633ACS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1633ACS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1633ACS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1633ACS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AIC1633
5
TYPICAL PERFORMANCE CHARACTERISTICS (CONTINUED)
Maximum Load Current vs
Switch Current Limit Resistance
RILIM (K
Ω)
0
100
200
300
400
500
0
50
100
150
200
250
300
600
AIC1633/AIC1633-3
Ta=25
°C
5% VOUT Drop
VIN=3V
VIN=2.5V
VIN=2.2V
VIN=2.0V
VIN=1.8V
Maximum Load Current vs
Switch Current Limit Resistance
0
20
40
60
80
100
120
0
50
100
150
200
250
300
350
RILIM (K
Ω)
AIC1633-5
Ta=25
°C
5% VOUT Drop
VIN=3V
VIN=3.3V
VIN=2.2V
VIN=2.0V
VIN=1.8V
VIN=2.5V
BLOCK DIAGRAM
SGND
SW
LBO
A
100mV
VIN
ILIM/SD
Shutdown
OSC
1.22V
-
+
0.617V
-
+
CGND
LBI
VOUT
-
+
Current Limit


Similar Part No. - AIC1633ACS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1630-3CN AIC-AIC1630-3CN Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1630-3CS AIC-AIC1630-3CS Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1630-5CN AIC-AIC1630-5CN Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1630-5CS AIC-AIC1630-5CS Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
More results

Similar Description - AIC1633ACS

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1320 AMSCO-AS1320_1 Datasheet
394Kb / 12P
   200mA Step-Up DC-DC Converter
logo
Silicon Standard Corp.
SS6633 SSC-SS6633 Datasheet
584Kb / 10P
   200mA Step-Up DC/DC Converter
logo
ams AG
AS1320 AMSCO-AS1320 Datasheet
328Kb / 2P
   200mA Step-Up DC-DC Converter
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
   2-Cell, 500mA, Step-Up DC/DC Converter
logo
ams AG
AS1383 AMSCO-AS1383 Datasheet
1Mb / 22P
   200mA, 3.5MHz DC-DC Step-Up Converter
logo
Holtek Semiconductor In...
HT7727SA HOLTEK-HT7727SA Datasheet
3Mb / 17P
   200mA PFM Synchronous Step-up DC/DC Converter
logo
ams AG
AS1337 AMSCO-AS1337_1 Datasheet
923Kb / 14P
   200mA, DC-DC Step-Up Converter with Buck Mode
AS1337 AMSCO-AS1337_09 Datasheet
811Kb / 16P
   200mA, DC-DC Step-Up Converter with Buck Mode
AS1337 AMSCO-AS1337 Datasheet
912Kb / 14P
   200mA, DC-DC Step-Up Converter with Buck Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com