Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABMM-26000MHZ-D4-U-F-T Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABMM-26000MHZ-D4-U-F-T
Description  CERAMIC SURFACE MOUNT M ICROPROCESSOR C RYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABMM-26000MHZ-D4-U-F-T Datasheet(HTML) 2 Page - Abracon Corporation

  ABMM-26000MHZ-D4-U-F-T Datasheet HTML 1Page - Abracon Corporation ABMM-26000MHZ-D4-U-F-T Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
||||||||||| | | | |
ABMM
7.0 x 5.0 x 1.3 mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CER
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 02.26.12
Visit www.abracon.com for Terms & Conditions of Sale
Dimensions: mm
OUTLINE DRAWING:
TAPE & REEL:
Tape and reel 1,000 pcs/reel
Note 1: A longer pad (1.5mm) may appear on either pad 2, 3, or 4.
Note 2: A chamfer of 0.3mm may appear on pad 1 or 2.
Note 3: Pads 2 and 4 are connected to the metal lid.
REFLOW PROFILE:
Need a test socket for the ABMM Series? To view
compatible PRECISION TEST & BURN-IN SOCKETS
for these parts, click here.
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Dimension : Inches (mm)
ATTENTION: Abracon Corporation’s products are COTS– Commercial-Off-The-Shelf products; suitable for
Commercial, Industrial and, where designated, Automotive Applications. Abracon’s products are not specifically
designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring
high reliability where component failure could result in loss of life and/or property. For applications requiring
high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTAL


Similar Part No. - ABMM-26000MHZ-D4-U-F-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABMM-26.000MHZ-B-R17234 ABRACON-ABMM-26.000MHZ-B-R17234 Datasheet
1Mb / 2P
   CERAMIC SURFACE MOUNT M ICROPROCESSOR CRYSTAL
02.26.12
ABMM-26.000MHZ-C-R17234 ABRACON-ABMM-26.000MHZ-C-R17234 Datasheet
1Mb / 2P
   CERAMIC SURFACE MOUNT M ICROPROCESSOR CRYSTAL
02.26.12
ABMM-26.000MHZ-D-R17234 ABRACON-ABMM-26.000MHZ-D-R17234 Datasheet
1Mb / 2P
   CERAMIC SURFACE MOUNT M ICROPROCESSOR CRYSTAL
02.26.12
ABMM-26.000MHZ-E-R17234 ABRACON-ABMM-26.000MHZ-E-R17234 Datasheet
1Mb / 2P
   CERAMIC SURFACE MOUNT M ICROPROCESSOR CRYSTAL
02.26.12
ABMM-26.000MHZ-N-R17234 ABRACON-ABMM-26.000MHZ-N-R17234 Datasheet
1Mb / 2P
   CERAMIC SURFACE MOUNT M ICROPROCESSOR CRYSTAL
02.26.12
More results

Similar Description - ABMM-26000MHZ-D4-U-F-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABMM-25.000MHZ-B2-T ABRACON-ABMM-25.000MHZ-B2-T Datasheet
1Mb / 2P
   CERAMIC SURFACE MOUNT M ICROPROCESSOR C RYSTAL
02.26.12
ABMM ABRACON-ABMM_15 Datasheet
1Mb / 2P
   CERAMIC SURFACE MOUNT M ICROPROCESSOR CRYSTAL
02.26.12
logo
BOWEI Integrated Circui...
OXLN5X BOWEI-OXLN5X Datasheet
331Kb / 3P
   Ultra low phase noise g eneral c rystal oscillator
OXLN253D-S-KT-R@100MC BOWEI-OXLN253D-S-KT-R@100MC Datasheet
175Kb / 1P
   Ultra low phase noise g eneral c rystal oscillator
PXLN32 BOWEI-PXLN32 Datasheet
205Kb / 1P
   Ultra low phase noise g eneral c rystal oscillator
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
BOWEI Integrated Circui...
OXLN38D-S-KT-R@10ME BOWEI-OXLN38D-S-KT-R@10ME Datasheet
149Kb / 1P
   Ultra low phase noise g eneral c rystal oscillator
OXLN36 BOWEI-OXLN36 Datasheet
274Kb / 2P
   Ultra low phase noise g eneral c rystal oscillator
OXLN253B-S-KR-R@100MB BOWEI-OXLN253B-S-KR-R@100MB Datasheet
118Kb / 1P
   Ultra low phase noise g eneral c rystal oscillator
OXLN253 BOWEI-OXLN253 Datasheet
188Kb / 1P
   Ultra low phase noise g eneral c rystal oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com