Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02CZ27 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 02CZ27
Description  TOSHIBA Zenzer Diode Silicon Epitaxial Planar Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

02CZ27 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  02CZ27 Datasheet HTML 1Page - Toshiba Semiconductor 02CZ27 Datasheet HTML 2Page - Toshiba Semiconductor 02CZ27 Datasheet HTML 3Page - Toshiba Semiconductor 02CZ27 Datasheet HTML 4Page - Toshiba Semiconductor 02CZ27 Datasheet HTML 5Page - Toshiba Semiconductor 02CZ27 Datasheet HTML 6Page - Toshiba Semiconductor 02CZ27 Datasheet HTML 7Page - Toshiba Semiconductor 02CZ27 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
02CZ2.0~02CZ47
2007-11-01
5
Zener Voltage Classification
Zener Voltage VZ (V) t = 30ms IZ = 5mA
Type No.
Min
Max
02CZ15-X
X
13.80
14.63
02CZ15-Y
Y
14.33
15.11
02CZ15-Z
Z
14.81
15.60
02CZ16-X
X
15.30
16.10
02CZ16-Y
Y
15.80
16.60
02CZ16-Z
Z
16.30
17.10
02CZ18-X
X
16.80
17.76
02CZ18-Y
Y
17.46
18.43
02CZ18-Z
Z
18.13
19.10
02CZ20-X
X
18.80
19.78
02CZ20-Y
Y
19.48
20.46
02CZ20-Z
Z
20.16
21.20
02CZ22-X
X
20.80
21.88
02CZ22-Y
Y
21.48
22.56
02CZ22-Z
Z
22.16
23.30
02CZ24-X
X
22.80
24.11
02CZ24-Y
Y
23.61
24.92
02CZ24-Z
Z
24.42
25.60


Similar Part No. - 02CZ27

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
02CZ27 TOSHIBA-02CZ27 Datasheet
413Kb / 7P
   DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS. REFERENCE VOLTAGE APPLICATIONS.)
More results

Similar Description - 02CZ27

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
015AZ2.0 TOSHIBA-015AZ2.0 Datasheet
172Kb / 6P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS250 TOSHIBA-1SS250_14 Datasheet
204Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS272 TOSHIBA-1SS272_14 Datasheet
229Kb / 4P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS308 TOSHIBA-1SS308_14 Datasheet
231Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS314 TOSHIBA-1SS314_14 Datasheet
159Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
HN1D01FE TOSHIBA-HN1D01FE_14 Datasheet
248Kb / 4P
   TOSHIBA Diode Silicon Epitaxial Planar Type
HN1D01FU TOSHIBA-HN1D01FU_14 Datasheet
247Kb / 4P
   TOSHIBA Diode Silicon Epitaxial Planar Type
JDV2S06S TOSHIBA-JDV2S06S Datasheet
102Kb / 3P
   TOSHIBA DIODE Silicon Epitaxial Planar Type
JDV2S14E TOSHIBA-JDV2S14E Datasheet
73Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS321 TOSHIBA-1SS321_07 Datasheet
175Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com