Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1225 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA1225
Description  Driver Stage Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1225 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA1225 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1225 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1225 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1225 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1225
2010-02-05
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (mA)
fT – IC
Collector-emitter voltage VCE (V)
Safe Operating Area
Ambient temperature Ta (°C)
PC – Ta
Common emitter
VCE = −5 V
10
−0.003
30
50
100
300
500
−0.01
−0.03
−0.1
−0.3
−1
Tc = 100°C
−25
25
−0.003
Common emitter
IC/IE = 10
Tc = 100°C
−0.05
−0.01
−0.03
−0.1
−0.3
−1
−0.1
−0.3
−0.5
−1
−3
−25
25
Common emitter
VCE = −10 V
Tc = 25°C
10
−5
−10
−30
−100
−300
−1000
30
50
100
300
(1) Tc = Ta Infinite heat sink
(2) Ceramic substrate
50 × 50 × 0.8 mm
(3) No heat sink
0
0
24
20
40
60
80
100
120
140
160
4
8
12
16
20
(1)
(2)
(3)
Common emitter
Tc = 25°C
0
0
−1.0
−0.2
IB = −2 mA
−0.4
−0.6
−0.8
−2
−4
−6
−8
−10
−12
−6
−8
−10
−20
−4
−14
0
*: Single nonrepetitive
pulse Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
−0.005
−0.3
IC max (continuous)
IC max (pulse)*
DC operation
Tc = 25°C
VCEO max
−100
−300
−10
−30
−1
−3
−0.01
−0.03
−0.05
−0.1
−0.3
−0.5
−1
−3
−5
1 ms*
10 ms*


Similar Part No. - 2SA1225

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1225 TOSHIBA-2SA1225 Datasheet
148Kb / 3P
   TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SA1225 TOSHIBA-2SA1225 Datasheet
163Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA1225 TOSHIBA-2SA1225 Datasheet
150Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
logo
Inchange Semiconductor ...
2SA1225 ISC-2SA1225 Datasheet
243Kb / 2P
   isc Silicon PNP Power Transistor
logo
Jiangsu Changjiang Elec...
2SA1225 JIANGSU-2SA1225 Datasheet
1Mb / 4P
   TO-252-2L Plastic-Encapsulate Transistors
More results

Similar Description - 2SA1225

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HA1837 HUASHAN-HA1837 Datasheet
332Kb / 2P
   Driver Stage Amplifier Applications
HC4793 HUASHAN-HC4793 Datasheet
140Kb / 2P
   Driver Stage Amplifier Applications.
logo
Toshiba Semiconductor
2SC2983 TOSHIBA-2SC2983_05 Datasheet
155Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA817A TOSHIBA-2SA817A_07 Datasheet
122Kb / 4P
   Driver-Stage Amplifier Applications Voltage Amplifier Applications
2SC4793FM TOSHIBA-2SC4793FM Datasheet
131Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
logo
Unisonic Technologies
2SA1837 UTC-2SA1837 Datasheet
108Kb / 3P
   POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
First Silicon Co., Ltd
FTA1225 FS-FTA1225 Datasheet
582Kb / 2P
   Power Amplifier Applications Driver Stage Amplifier Applications
logo
Toshiba Semiconductor
2SA1425 TOSHIBA-2SA1425_10 Datasheet
136Kb / 4P
   Power Amplifier Applications Driver-Stage Amplifier Applications
2SA1425 TOSHIBA-2SA1425_07 Datasheet
124Kb / 4P
   Power Amplifier Applications Driver-Stage Amplifier Applications
2SA1225 TOSHIBA-2SA1225_07 Datasheet
163Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com