Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1652CS Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1652CS
Description  MICROPOWER INVERTING DC/DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1652CS Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1652CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1652CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1652CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1652CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1652CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1652CS Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AIC1652
MICROPOWER INVERTING DC/DC CONVERTER
SPEC NO: DS-1652-02 DEC 27, 00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based IndustrialPark , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
5
n APPLICATION EXAMPLES
0
5
10
15
20
25
30
70
75
80
85
90
Load Current (mA)
Efficiency vs Load Current
VOUT = -15V
L
=150µH
VIN=5V
VIN =7V
VIN=3V
2
3
4
5
6
7
8
80
82
84
86
88
90
L=220µH
L=150µH
L=100µH
VIN (V)
Efficiency vs VIN
VOUT =-15V
IOUT
=-10mA
0
5
10
15
20
25
30
70
75
80
85
90
Load Current (mA)
Efficiency vs Load Current
VOUT =
-22V
L
=120
µH
VIN=3V
VIN=7V
VIN=5V
2
3
4
5
6
7
8
80
82
84
86
88
90
VIN (V)
Efficiency vs VIN
L=220µH
L=150µH
L=100µH
VOUT =
-22V
IOUT
=
-10mA
0
5
10
15
20
25
30
70
75
80
85
90
Load Current (mA)
Efficiency vs Load Current
VOUT =-30V
L
=100µH
VIN=3V
VIN=5V
VIN=7V
2
3
4
5
6
7
8
80
82
84
86
88
90
VIN (V)
Efficiency vs V IN
L=150µH
L=120
µH
L=100µH
VOUT =
-30V
IOUT =
-10mA


Similar Part No. - AIC1652CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1650 AIC-AIC1650 Datasheet
206Kb / 6P
   3-Cell, High-Efficiency, Inverting DC/DC Converter
AIC1650CN AIC-AIC1650CN Datasheet
206Kb / 6P
   3-Cell, High-Efficiency, Inverting DC/DC Converter
AIC1650CS AIC-AIC1650CS Datasheet
206Kb / 6P
   3-Cell, High-Efficiency, Inverting DC/DC Converter
AIC1653 AIC-AIC1653 Datasheet
220Kb / 11P
   Micropower Inverting DC/DC Converter in SOT-23-5
AIC1653CVBG AIC-AIC1653CVBG Datasheet
220Kb / 11P
   Micropower Inverting DC/DC Converter in SOT-23-5
More results

Similar Description - AIC1652CS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
   MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
   Micropower Inverting DC/DC Converter
logo
Linear Technology
LT3483 LINER-LT3483 Datasheet
146Kb / 12P
   Inverting Micropower DC/DC Converter with Schottky
logo
Analog Intergrations Co...
AIC1653 AIC-AIC1653 Datasheet
220Kb / 11P
   Micropower Inverting DC/DC Converter in SOT-23-5
logo
Analog Devices
ADP1173 AD-ADP1173_15 Datasheet
485Kb / 16P
   Micropower DC-DC Converter
REV. 0
ADP1173 AD-ADP1173 Datasheet
478Kb / 16P
   Micropower DC-DC Converter
REV. 0
logo
Linear Technology
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
logo
Microsemi Corporation
LX1734 MICROSEMI-LX1734 Datasheet
198Kb / 8P
   1.0MHz Inverting DC/DC Converter
logo
Texas Instruments
TPS6755 TI-TPS6755 Datasheet
244Kb / 16P
[Old version datasheet]   ADJUSTABLE INVERTING DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com