Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9-1393234-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 9-1393234-2
Description  Power PCB Relay RPII/2
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-1393234-2 Datasheet(HTML) 2 Page - Tyco Electronics

  9-1393234-2 Datasheet HTML 1Page - Tyco Electronics 9-1393234-2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RPII/2 (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +70°C
Category of environmental protection
IEC 61810
RTII - flux proof, RTIII - wash tight
Vibration resistance (functional),
form A/form B, 30 to 150Hz
11/1.5g
Shock resistance (destructive)
100g
Terminal type
PCB-THT
Weight
18g
Resistance to soldering heat THT, IEC 60068-2-20
flux proof version
270°C/10s
wash tight version
260°C/5s
Packaging/unit
tube/20 pcs., box/500 pcs.
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions in mm
Dimensions
Dimensions in mm
2 form C contacts (2 CO)
2 form A contacts (2 NO)
S0163-CO
S0163-BJ
S0163-BK
S0273-AB
Product code
Version
Contact arrangement Contact material
Pinning
Part number
RP420006
Flux proof, 8A
2 form C (CO) contacts
AgCdO
6VDC
4-1393234-8
RP420012
12VDC
5-1393234-0
RP420024
24VDC
5-1393234-1
RP420048
48VDC
5-1393234-2
RP421012
AgNi0.15
12VDC
6-1393234-7
RP421024
24VDC
6-1393234-8
RP421110
110VDC
7-1393234-1
RP820012
Wash tight, 8A
AgCdO
12VDC
9-1393234-0
RP820024
24VDC
9-1393234-2
RP821012
AgNi0.15
12VDC
1393845-4
RP821024
24VDC
1393845-5
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request
Product code structure
Typical product code
RP
4
2
0
024
Type
RP Power PCB Relay RPII/2
Version
4
8A, flux proof
8
8A, wash tight
Contact arrangement
2
2 form C (2 CO)
4
2 form A (2 NO)
Contact material
1
AgNi0.15
0
AgCdO
Coil
Coil code: please refer to coil versions table


Similar Part No. - 9-1393234-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
9-1393234-2 TEC-9-1393234-2 Datasheet
313Kb / 2P
   2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
More results

Similar Description - 9-1393234-2

ManufacturerPart #DatasheetDescription
logo
Telecommunication Elec...
RP420024 TELTRON-RP420024 Datasheet
455Kb / 2P
   Power PCB Relay RPII/2
logo
Tyco Electronics
RP827012 MACOM-RP827012 Datasheet
455Kb / 2P
   Power PCB Relay RPII/2
2-1393230-6 MACOM-2-1393230-6 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-2 MACOM-2-1393230-2 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-9 MACOM-2-1393230-9 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
RP838012 MACOM-RP838012 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-8 MACOM-2-1393230-8 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393232-6 MACOM-2-1393232-6 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-5 MACOM-2-1393230-5 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393232-7 MACOM-2-1393232-7 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com