Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1877845-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 2-1877845-1
Description  CPC-Medical Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1877845-1 Datasheet(HTML) 3 Page - Tyco Electronics

  2-1877845-1 Datasheet HTML 1Page - Tyco Electronics 2-1877845-1 Datasheet HTML 2Page - Tyco Electronics 2-1877845-1 Datasheet HTML 3Page - Tyco Electronics 2-1877845-1 Datasheet HTML 4Page - Tyco Electronics 2-1877845-1 Datasheet HTML 5Page - Tyco Electronics 2-1877845-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Circular Plastic Connector Medical
3
Cable Plugs - Cable Collet - No Flex Relief
BLACK
BLACK
1877845-3
1877845-2
1877845-1
RED
1-1877845-5
1-1877845-4
1-1877845-3
WHITE
2-1877845-7
2-1877845-6
2-1877845-5
YELLOW
3-1877845-9
3-1877845-8
3-1877845-7
GREEN
5-1877845-1
5-1877845-0
4-1877845-9
BLUE
6-1877845-3
6-1877845-2
6-1877845-1
GRAY
GRAY
1877845-9
1877845-8
1877845-7
RED
2-1877845-1
2-1877845-0
1-1877845-9
WHITE
3-1877845-3
3-1877845-2
3-1877845-1
YELLOW
4-1877845-5
4-1877845-4
4-1877845-3
GREEN
5-1877845-7
5-1877845-6
5-1877845-5
BLUE
6-1877845-9
6-1877845-8
6-1877845-7
5 pin 0° Alignment Key
Housing
Collet
CableDiameter
Color
Color
Ø2.7-3.9
Ø4.0-5.2
Ø5.3-6.5
BLACK
BLACK
1877845-6
1877845-5
1877845-4
RED
1-1877845-8
1-1877845-7
1-1877845-6
WHITE
3-1877845-0
2-1877845-9
2-1877845-8
YELLOW
4-1877845-2
4-1877845-1
4-1877845-0
GREEN
5-1877845-4
5-1877845-3
5-1877845-2
BLUE
6-1877845-6
6-1877845-5
6-1877845-4
GRAY
GRAY
1-1877845-2
1-1877845-1
1-1877845-0
RED
2-1877845-4
2-1877845-3
2-1877845-2
WHITE
3-1877845-6
3-1877845-5
3-1877845-4
YELLOW
4-1877845-8
4-1877845-7
4-1877845-6
GREEN
6-1877845-0
5-1877845-9
5-1877845-8
BLUE
7-1877845-2
7-1877845-1
7-1877845-0
5 pin 80° Alignment Key
Housing
Collet
CableDiameter
Color
Color
Ø2.7-3.9
Ø4.0-5.2
Ø5.3-6.5
BLACK
BLACK
1877846-3
1877846-2
1877846-1
RED
1-1877846-5
1-1877846-4
1-1877846-3
WHITE
2-1877846-7
2-1877846-6
2-1877846-5
YELLOW
3-1877846-9
3-1877846-8
3-1877846-7
GREEN
5-1877846-1
5-1877846-0
4-1877846-9
BLUE
6-1877846-3
6-1877846-2
6-1877846-1
GRAY
GRAY
1877846-9
1877846-8
1877846-7
RED
2-1877846-1
2-1877845-0
1-1877846-9
WHITE
3-1877846-3
3-1877846-2
3-1877846-1
YELLOW
4-1877846-5
4-1877846-4
4-1877846-3
GREEN
5-1877846-7
5-1877846-6
5-1877846-5
BLUE
6-1877846-9
6-1877846-8
6-1877846-7
6 pin 0° Alignment Key
Housing
Collet
CableDiameter
Color
Color
Ø2.7-3.9
Ø4.0-5.2
Ø5.3-6.5
BLACK
BLACK
1877846-6
1877846-5
1877846-4
RED
1-1877846-8
1-1877846-7
1-1877846-6
WHITE
3-1877846-0
2-1877846-9
2-1877846-8
YELLOW
4-1877846-2
4-1877846-1
4-1877846-0
GREEN
5-1877846-4
5-1877846-3
5-1877846-2
BLUE
6-1877846-6
6-1877846-5
6-1877846-4
GRAY
GRAY
1-1877846-2
1-1877846-1
1-1877846-0
RED
2-1877846-4
2-1877846-3
2-1877846-2
WHITE
3-1877846-6
3-1877846-5
3-1877846-4
YELLOW
4-1877846-8
4-1877846-7
4-1877846-6
GREEN
6-1877846-0
5-1877846-9
5-1877846-8
BLUE
7-1877846-2
7-1877846-1
7-1877846-0
6 pin 80° Alignment Key
Housing
Collet
CableDiameter
Color
Color
Ø2.7-3.9
Ø4.0-5.2
Ø5.3-6.5
PART NUMBERS


Similar Part No. - 2-1877845-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-1877285-2 TEC-2-1877285-2 Datasheet
164Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1877285-3 TEC-2-1877285-3 Datasheet
164Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1877285-4 TEC-2-1877285-4 Datasheet
164Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1877285-5 TEC-2-1877285-5 Datasheet
164Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1877285-6 TEC-2-1877285-6 Datasheet
164Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2-1877845-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-207490 TEC-C-207490 Datasheet
69Kb / 1P
   CABLE GRIP, INTERNAL SIZE 11, CPC
C-207387 TEC-C-207387 Datasheet
60Kb / 1P
   CABLE GRIP, INTERNAL, SIZE 17, CPC
C-213902 TEC-C-213902 Datasheet
64Kb / 1P
   CABLE CLAMP KIT, LARGE, UNASSEMBLED, SIZE 17, CPC
C-207489 TEC-C-207489 Datasheet
81Kb / 1P
   CABLE BOOT, FLEXIBLE, SIZE ll, CPC
C-206430 TEC-C-206430 Datasheet
96Kb / 1P
   RECEPTACLE HOUSING, REVERSE SEX, SHELL SIZE 11, CPC
C-206061 TEC-C-206061 Datasheet
81Kb / 1P
   RECEPTACLE HOUSING, STANDARD SEX, SHELL SIZE 11, CPC
C-206705 TEC-C-206705 Datasheet
90Kb / 1P
   RECEPTACLE HOUSING, STANDARD SEX, SHELL SIZE 13, CPC
C-206043 TEC-C-206043 Datasheet
104Kb / 1P
   RECEPTACLE ASSEMBLY, REVERSE SEX, SERIES 1, 17-14 CPC
C-213826 TEC-C-213826 Datasheet
431Kb / 1P
   RECEPTACLE ASSEMBLY, POSTED, REVERSE SEX, SERIES 1, 17-9, CPC
logo
Tyco Electronics
206062 MACOM-206062 Datasheet
89Kb / 1P
   CABLE CLAMP KIT, STANDARD, SHELL SIZE 11, CPC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com