Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR300315BI-TRG Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APR300315BI-TRG
Description  MicroPower Microprocessor Reset Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APR300315BI-TRG Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APR300315BI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APR300315BI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APR300315BI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APR300315BI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APR300315BI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APR300315BI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APR300315BI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APR300315BI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APR300315BI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Dec., 2008
APR3001/2/3
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
MicroPower Microprocessor Reset Circuit
1.2V to 6V Input Voltage Range
Low Quiescent Current : less than 1.5
µA
High Accuracy Detection Threshold : ±1.5%
Fixed Trimmed Reset Thresholds for 1.5V, 1.75V,
2.32V, 2.63V, 2.93V, 3.08V, 3.9V, 4.38V.
Reset Timeout Period 250ms
Available Output Configurations
- Open-Drain Output
- CMOS Active High Output
- CMOS Active Low Output
SOT-23, SOT-23-5, and SOT-89 Packages
No External Components
Lead Free and Green Devices Available
(RoHS Compliant)
Features
General Description
Applications
Computers
Cell Phones
Portable Electronics
µP Power Supply Monitoring
The APR3001/2/3 are designed to monitor voltage sup-
plies in
µP and digital systems. The quiescent current is
extremely low, typically 1.5 µA, making it ideal for portable
battery operated equipment. The APR3001/2/3 are oper-
ated by monitoring the system power supply voltage.
When the input voltage drops below a fixed threshold, the
device asserts a reset signal for a fixed time period after
Vcc rises above the fixed threshold. The APR3001/2/3
series are available with three output stage versions :
APR3001 push-pull active low output, APR3002 push-
pull active high output and APR3003 open drain active low
output. They are also designed to reject fast line transient
glitches on Vcc. The APR3001/2/3 come in a miniature
SOT-23, SOT-23-5, and SOT-89 packages.
Pin Configuration
SOT-23 (Top View)
Reset
1
2
3
GND
V CC
Reset
(3001/3)
(3002)
SOT-23-5 (Top View)
SOT-89 (Top View)
VCC GND
NC
NC
1
2
3
4
5
Reset
Reset
(3001/3)
(3002)
GND
V
CC
2
1
3
Reset
Reset
(3001/3)
(3002)


Similar Part No. - APR300315BI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APR3003-15A ANPEC-APR3003-15A Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3003-15B ANPEC-APR3003-15B Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3003-16A ANPEC-APR3003-16A Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3003-16B ANPEC-APR3003-16B Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3003-17A ANPEC-APR3003-17A Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
More results

Similar Description - APR300315BI-TRG

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com