Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


7-1415538-8 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 7-1415538-8
Description  Power PCB Relay RT2
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
05-2011, Rev. 0511
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
n
2 pole 8A, 2 form C (CO) or 2 form A (NO) contacts
n
DC or AC coil
n
5kV/10mm coil-contact, reinforced insulation
n
Ambient temperature up to 85°C
n
WG version: product in accordance to IEC60335-1
n
Reflow version: for THR (Through-Hole Reflow) soldering process
Typical applications
Boiler control, timers, garage door control, POS automation, interface
modules
Approvals
VDE REG.-Nr. 6106, UL E214025, cCSAus 14385
Technical data of approved types on request
Contact Data
Contact arrangement
2 form C (CO) or 2 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
8A, UL: 10A
Limiting continuous current
8A, UL: 10A
Limiting making current, max. 4s, duty factor 10% 15A
Breaking capacity max.
2000VA
Contact material
AgNi 90/10, AgNi 90/10 gold plated,
AgSnO2
Frequency of operation, with/without load
DC coil
360/72000h-1
AC coil
360/36000h-1
Operate/release time max., DC coil
8/6ms
Bounce time max., DC coil, form A/form B
4/10ms
Electrical endurance
see electrical endurance graph1)
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
RT424 DC coil C (CO)
8A, 250VAC, cos
φ=1, 85°C
10x103
RT444 AC coil A (NO)
8A, 250VAC, cos
φ=1, 70°C
50x103
RT424 AC coil C (CO)
8A, 250VAC, cos
φ=1, 70°C
30x103
UL 508
RT424 DC coil A/B (NO/NC) 10A, 250VAC, gen. purpose, 85°C 20x103
RT424 DC coil A/B (NO/NC) 1/2hp, 240VAC, 85°C
1x103
RT424 DC coil A/B (NO/NC) Pilot duty, B300, R300, 85°C
6x103
EN60947-5-1
RTE24 DC coil A/B (NO/NC) AC15, 250VAC, 3A
6.050
RTE24 DC coil A/B (NO/NC) DC13, 24VDC, 2A
6.050
RTE24 DC coil A/B (NO/NC) DC13, 250VDC, 0.2A
6.050
EN60730-1
RT424 DC coil A/B (NO/NC) 6(2)A, 250VAC, 85°C
100x103
1) For reflow solderable versions: actual contact performance may be influenced by the
reflow soldering process.
Contact Data (continued)
Mechanical endurance
DC coil
>30x106 operations
DC coil, reflow version
>10x106 operations
AC coil
>5x106 operations
AC coil, reflow version
>2x106 operations
Coil Data
Coil voltage range, DC coil/AC coil
5 to 110VDC / 24 to 230VAC
Operative range, IEC 61810
2
Coil insulation system according UL
class F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%2)
mW
005
5
3.5
0.5
62
403
006
6
4.2
0.6
90
400
009
9
6.3
0.9
200
400
012
12
8.4
1.2
360
400
024
24
16.8
2.4
1440
400
048
48
33.6
4.8
5520
417
060
60
42.0
6.0
85702)
420
110
110
77.0
11.0
288002)
420
2) Coil resistance ±12%. All figures are given for coil without pre-energization, at ambient
temperature +23°C. Other coil voltages on request.
Coil versions, AC coil 50Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VAC
VAC
VAC
Ω±15%3)
VA
524
24
18.0
3.6
3503)
0.76
615
115
86.3
17.3
8100
0.76
620
120
90.0
18.0
8800
0.75
700
200
150.0
30.0
24350
0.76
730
230
172.5
34.5
32500
0.74
3) Coil resistance ±10%. All figures are given for coil without pre-energization, at ambient
temperature +23°C, 50Hz. Other coil voltages on request.
Power PCB Relay RT2
F0149-C
Z
V
b




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl