Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87224-4 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 87224-4
Description  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

87224-4 Datasheet(HTML) 4 Page - Tyco Electronics

  87224-4 Datasheet HTML 1Page - Tyco Electronics 87224-4 Datasheet HTML 2Page - Tyco Electronics 87224-4 Datasheet HTML 3Page - Tyco Electronics 87224-4 Datasheet HTML 4Page - Tyco Electronics 87224-4 Datasheet HTML 5Page - Tyco Electronics 87224-4 Datasheet HTML 6Page - Tyco Electronics 87224-4 Datasheet HTML 7Page - Tyco Electronics 87224-4 Datasheet HTML 8Page - Tyco Electronics 87224-4 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 96 page
background image
88
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Wire-to-Board, .100 [2.54] Centerline Products
AMPMODU Interconnection System
5
Wire Size
Product Family
AWG
[mm2]
20
0.5-0.6
Locking Clip, Mod. IV, IV.v, V, MT, Short Point
22-30
0.3-0.05
Locking Clip, Mod. IV, IV.v, V, MTE, MT, Short Point
32
0.03
Mod. IV, IV.v, V, Short Point
Platings
Product Family
.000015 [0.00038]
Mod. IV, IV.v, V, MTE, MT, Short Point
Gold
.000030 [0.00076]
Locking Clip, Mod. IV, IV.v, V, MTE, MT, Short Point
Gold
.000050 [0.00127]
Locking Clip, Mod. IV, IV.v, V, MT
Gold
Tin
Locking Clip, Mod. IV, IV.v, V, MTE, MT, Short Point
Wire Sizes
Contact Platings
Post Lengths
Product Family
.210-.283 [5.33-7.19]
Mod. IV (.600 [15.24] Profile Height)
.205-.283 [5.21-7.19]
Mod. IV.v (.600 [15.24] Profile Height)
.185-.283 [4.70-7.19]
Mod. V (.600 [15.24] Profile Height)
.256-.323 [6.50-8.20]
Mod. IV (.645 [16.38] Profile Height)
.251-.323 [6.38-8.20]
Mod. IV.v (.645 [16.38] Profile Height)
.231-.323 [5.87-8.20]
Mod. V (.645 [16.38] Profile Height)
.222-.273 [5.64-6.93]
MT Assembly with Standard Pressure Contacts
.200-.273 [5.08-6.93]
MT Assembly with High Pressure Contacts
.200-.250 [5.08-6.35]
MTE Assembly
.169-.259 [4.29-6.58]
Short Point Connector Assembly
.273-.350 [6.93-8.89]
Locking Clip (Connector Assembly)
.200-.277 [5.08-7.04]
Locking Clip (Single Contact)
Mating Post Lengths
Application Tooling
Application Tooling
Product Family
Description
Mod. IV,
MT
Locking
MTE
Short
Level V
IV.v, V
Clip
Point
Manual Hand Tools (Wire Crimp)
••
Manual Hand Tools (IDC)
•••
AMP-O-MATIC Stripper/Crimper
••
Machines with Applicator
CHAMPOMATOR
••
Model 2.5 Machine
CHAMPOMATOR
Model 3A Machine
AMP-O-LECTRIC
••
Machines with Applicator
Pneumatic Hand Tools
••
IDC Electric Power Unit
Tube-Fed Ribbon
Cable Machine
AMPOMATOR CLS Machines
••
Discrete Wire Machine
••
Manual Arbor Tool
••
Pneumatic Arbor Tool
••


Similar Part No. - 87224-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
87224-4 MACOM-87224-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
87224-4 MACOM-87224-4 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
87224-4 MACOM-87224-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
More results

Similar Description - 87224-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146130-4 MACOM-5-146130-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com