Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1630-3CN Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1630-3CN
Description  2-Cell, Step-Up DC/DC Converter Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1630-3CN Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1630-3CN Datasheet HTML 1Page - Analog Intergrations Corporation AIC1630-3CN Datasheet HTML 2Page - Analog Intergrations Corporation AIC1630-3CN Datasheet HTML 3Page - Analog Intergrations Corporation AIC1630-3CN Datasheet HTML 4Page - Analog Intergrations Corporation AIC1630-3CN Datasheet HTML 5Page - Analog Intergrations Corporation AIC1630-3CN Datasheet HTML 6Page - Analog Intergrations Corporation AIC1630-3CN Datasheet HTML 7Page - Analog Intergrations Corporation AIC1630-3CN Datasheet HTML 8Page - Analog Intergrations Corporation AIC1630-3CN Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AIC1630
3
ELECTRICAL CHARACTERISTICS (V
IN=3.0V, Ta=25°
°°°C, unless otherwise
specified.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Voltage
1.8
7
V
Default Output Voltage
I
L=200mA
AIC1630
AIC1630-3
AIC1630-5
3.16
2.88
4.80
3.3
3.0
5.0
3.44
3.12
5.20
V
Switch Off Current
105
140
µA
Shutdown Mode Current
7
15
µA
Recovery Time from Shutdown
V
IN=2.5V, IL=200mA
0.4
mS
Efficiency
I
L=300mA
Fig. 1 in Appl. Examples
85
%
Line Regulation
V
IN=2.2~3.3V
V
OUT=5V, IL=100mA
0.6
%V
OUT
Load Regulation
I
L=10mA~500mA
V
OUT=5V
2.5
%V
OUT
Oscillator Frequency
90
120
150
KHz
LBI Pin Trip Point
1.17
1.22
1.27
V
FB Threshold Voltage
AIC1630A
0.598
0.617
0.636
V
EXT Pin Driving Capability
Pin 8=5V, Pin 3= 0.85V
Sourcing
Sinking
80
50
mA
mA
LBO “ON Resistance”
V
IN=2V
45
Input Pin Bias Current
10
nA/Pin
Output Pin Leakage
10
nA/Pin


Similar Part No. - AIC1630-3CN

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1630A AIC-AIC1630A Datasheet
181Kb / 9P
   HIGH-EFFICIENCY STEP-UP DC/DC CONVERTER CONTROLLER
AIC1630ACN AIC-AIC1630ACN Datasheet
181Kb / 9P
   HIGH-EFFICIENCY STEP-UP DC/DC CONVERTER CONTROLLER
AIC1630ACS AIC-AIC1630ACS Datasheet
181Kb / 9P
   HIGH-EFFICIENCY STEP-UP DC/DC CONVERTER CONTROLLER
More results

Similar Description - AIC1630-3CN

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
   2-Cell, 500mA, Step-Up DC/DC Converter
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
   2-Cell, 200mA, Step-Up DC/DC Converter
logo
RICOH electronics devic...
RN5RYXX1 RICOH-RN5RYXX1 Datasheet
434Kb / 12P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
RN5RY301 RICOH-RN5RY301 Datasheet
117Kb / 13P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER?
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
logo
Silicon Standard Corp.
SS6639 SSC-SS6639 Datasheet
144Kb / 12P
   1-Cell, 3-Pin, Step-Up DC/DC Controller
logo
Linear Technology
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782 LINER-LT3782_15 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782 LINER-LT3782 Datasheet
229Kb / 20P
   2-Phase Step-UP DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com