Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3225 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL3225
Description  Li Charger Protection IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3225 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL3225 Datasheet HTML 1Page - Anpec Electronics Coropration APL3225 Datasheet HTML 2Page - Anpec Electronics Coropration APL3225 Datasheet HTML 3Page - Anpec Electronics Coropration APL3225 Datasheet HTML 4Page - Anpec Electronics Coropration APL3225 Datasheet HTML 5Page - Anpec Electronics Coropration APL3225 Datasheet HTML 6Page - Anpec Electronics Coropration APL3225 Datasheet HTML 7Page - Anpec Electronics Coropration APL3225 Datasheet HTML 8Page - Anpec Electronics Coropration APL3225 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Nov., 2012
APL3225
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Li+ Charger Protection IC
Provide OUT Pin 5V Voltage Clamping Protection
Thermal Charging Regulation Protection
Provide Input Over-voltage Protection
Provide Input Over-current Protection
Provide Over Temperature Protection
Provide Reverse Current Blocking
High Immunity of False Triggering
High Accuracy Protection Threshold
Low On Resistance 0.3Ω Typ.
Compact TDFN2x2-8 and DFN3x3-8 Packages
Lead Free and Green Devices Available
(RoHS Compliant)
Features
Applications
Cell Phones
General Description
Simplified Application Circuit
The APL3225 provides complete Li+ charger protection
against input over-voltage, input over-current and over-
temperature. When any of the monitored parameters is
over the threshold, the IC turns off the charging current.
All protections also have deglitch time against false trig-
gering due to voltage spikes or current transients.
The APL3225 integrates a 5.5V LDO to prevent ACIN over-
shoot reaching CHR_LDO and OUT. When any transient
peak voltage above 5.5V presenting in ACIN pin, but be-
low OVP threshold, the internal LDO will clamp its output
at 5.5V. When ACIN voltage exceeds OVP threshold, the
device will turn off charging current. The charging current
is controlled by the GATDRV pin. When sourcing a cur-
rent from the GATDRV pin, the OUT pin delivers the charg-
ing current which is 200-fold magnified in amplitude
based on GATDRV’s current.
Other features include accurate V
VCDT/VACIN voltage divider,
reverse current blocking from OUT to ACIN and OTP
protection. The APL3225 provides complete Li+ charger
protections, and saves the external MOSFET and Schottky
diode for the charger of cell phone’s PMIC. The above
features and small package make the APL3225 an ideal
part for cell phones applications.
Pin Configuration
ACIN 1
ACIN 2
VCDT 4
5 GATDRV
GND 3
8 OUT
7 OUT
6 CHR_LDO
TDFN2x2-8
(Top View)
= Exposed Pad (connected to ground
plane for better heat dissipation)
DFN3x3-8
(Top View)
ACIN 1
GND 3
8 OUT
ACIN 2
VCDT 4
7 OUT
5 GATDRV
6 CHR_LDO
ACIN
GND
APL3225
PMIC
CHR_LDO
VCDT
GATDRV
OUT
5V
Adapter
VCDT
GATDRV
CHR_LDO
ISENS
VBAT
Li+
Battery


Similar Part No. - APL3225

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3222 ANPEC-APL3222 Datasheet
195Kb / 14P
   3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
APL3222HAI-TRG ANPEC-APL3222HAI-TRG Datasheet
195Kb / 14P
   3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
APL3222QFI-TRG ANPEC-APL3222QFI-TRG Datasheet
195Kb / 14P
   3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
APL3227E ANPEC-APL3227E Datasheet
683Kb / 16P
   High-Current Overvoltage Protectors with Adjustable OVLO
More results

Similar Description - APL3225

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
   Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
   Li Charger Protection IC
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A Datasheet
472Kb / 20P
   Li Charger Protection IC
APL3216 ANPEC-APL3216 Datasheet
189Kb / 12P
   Li Charger Protection IC
APL3218 ANPEC-APL3218 Datasheet
490Kb / 20P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A_11 Datasheet
438Kb / 20P
   Li Charger Protection IC
APL3213 ANPEC-APL3213 Datasheet
329Kb / 15P
   Li Charger Protection IC
APL3204A ANPEC-APL3204A Datasheet
559Kb / 18P
   Li Charger Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com