Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3225 Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL3225
Description  Li Charger Protection IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3225 Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL3225 Datasheet HTML 4Page - Anpec Electronics Coropration APL3225 Datasheet HTML 5Page - Anpec Electronics Coropration APL3225 Datasheet HTML 6Page - Anpec Electronics Coropration APL3225 Datasheet HTML 7Page - Anpec Electronics Coropration APL3225 Datasheet HTML 8Page - Anpec Electronics Coropration APL3225 Datasheet HTML 9Page - Anpec Electronics Coropration APL3225 Datasheet HTML 10Page - Anpec Electronics Coropration APL3225 Datasheet HTML 11Page - Anpec Electronics Coropration APL3225 Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Nov., 2012
APL3225
www.anpec.com.tw
8
Application Information
Capacitor Selection
The input capacitor is for decoupling and prevents the
input voltage from overshooting to dangerous levels. In
the AC adapter hot plug-in applications or load current
step-down transient, the input voltage has a transient
spike due to the parasitic inductance of the input cable. A
25V, X5R, dielectric ceramic capacitor with a value be-
tween 1
µF and 4.7µF placed close to the ACIN pin is
recommended.
The output capacitor of CHR_LDO is for CHR_LDO volt-
age decoupling. And also can be as the input capacitor of
the charging circuit. At least, a 1
µF, 10V, X5R capacitor is
recommended.
Layout Consideration
In some failure modes, a high voltage may be applied to
the device. Make sure the clearance constraint of the PCB
layout must satisfy the design rule for high voltage. The
exposed pad of the TDFN2x2-8 and DFN3x3-8 performs
the function of channeling heat away. It is recommended
that connect the exposed pad to a large copper ground
plane on the backside of the circuit board through sev-
eral thermal vias to improve heat dissipation. The input
and output capacitors should be placed close to the IC.
The high current traces like input trace and output trace
must be wide and short.
Recommended Minimum Footprint
TDFN2x2-8
Thermal Via diameter
12mil X 5
Ground plane for
Thermal PAD
0.241mm
0.508mm
0.222mm
0.8mm
0.572mm
Thermal Via diameter
12mil X 5
Ground plane for
Thermal PAD
0.305mm
0.66mm
0.305mm
0.61mm
DFN3X3-8
1.575mm


Similar Part No. - APL3225

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3222 ANPEC-APL3222 Datasheet
195Kb / 14P
   3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
APL3222HAI-TRG ANPEC-APL3222HAI-TRG Datasheet
195Kb / 14P
   3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
APL3222QFI-TRG ANPEC-APL3222QFI-TRG Datasheet
195Kb / 14P
   3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
APL3227E ANPEC-APL3227E Datasheet
683Kb / 16P
   High-Current Overvoltage Protectors with Adjustable OVLO
More results

Similar Description - APL3225

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
   Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
   Li Charger Protection IC
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A Datasheet
472Kb / 20P
   Li Charger Protection IC
APL3216 ANPEC-APL3216 Datasheet
189Kb / 12P
   Li Charger Protection IC
APL3218 ANPEC-APL3218 Datasheet
490Kb / 20P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A_11 Datasheet
438Kb / 20P
   Li Charger Protection IC
APL3213 ANPEC-APL3213 Datasheet
329Kb / 15P
   Li Charger Protection IC
APL3204A ANPEC-APL3204A Datasheet
559Kb / 18P
   Li Charger Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com