Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3215 Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL3215
Description  Li Charger Protection IC with Integrated P-MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3215 Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL3215 Datasheet HTML 6Page - Anpec Electronics Coropration APL3215 Datasheet HTML 7Page - Anpec Electronics Coropration APL3215 Datasheet HTML 8Page - Anpec Electronics Coropration APL3215 Datasheet HTML 9Page - Anpec Electronics Coropration APL3215 Datasheet HTML 10Page - Anpec Electronics Coropration APL3215 Datasheet HTML 11Page - Anpec Electronics Coropration APL3215 Datasheet HTML 12Page - Anpec Electronics Coropration APL3215 Datasheet HTML 13Page - Anpec Electronics Coropration APL3215 Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Sep., 2011
APL3215/A
www.anpec.com.tw
10
Function Description
ACIN Power-On-Reset (POR)
The APL3215/A has a built-in power-on-reset circuit to
keep the output shutting off until internal circuitry is oper-
ating properly. The POR circuit has hysteresis and a de-
glitch feature so that it will typically ignore undershoot
transients on the input. When the input voltage exceeds
the POR threshold and after 8ms blanking time, the out-
put voltage starts a soft-start to reduce the inrush current.
ACIN Over-Voltage Protection (OVP)
The input voltage is monitored by the internal OVP circuit.
When the input voltage rises above the input OVP
threshold, the internal FET will be turned off within 1
µs to
protect connected system on OUT pin. When the input
voltage returns below the input OVP threshold minus the
hysteresis, the FET is turned on again after 8ms recovery
time. The input OVP circuit has a 300mV hysteresis and
a recovery time of T
ON(OVP) to provide noise immunity against
transient conditions.
Over-Current Protection (OCP)
The output current is monitored by the internal OCP circuit.
When the output current reaches the OCP threshold, the
device limits the output current at OCP threshold level. If
the OCP condition continues for a blanking time of T
B(OCP),
the internal power FET is turned off. After the recovery
time of T
ON(OCP), the FET will be turned on again. The
APL3215/A has a built-in counter. When the total count of
OCP fault reaches 16, the FET is turned off permanently,
requiring a V
ACIN POR again to restart.
Battery Over-Voltage Protection
The APL3215/A monitors the VBAT pin voltage for battery
over-voltage protection. The battery OVP threshold is in-
ternally set to 4.35V. When the VBAT pin voltage exceeds
the battery OVP threshold for a blanking time of T
B(BOVP),
the internal power FET is turned off. When the VBAT volt-
age returns below the battery OVP threshold minus the
hysteresis, the FET is turned on again. The APL3215/A
has a built-in counter. When the total count of battery OVP
fault reaches 16, the FET is turned off permanently, re-
quiring a V
ACIN POR again to restart.
Over-Temperature Protection
When the junction temperature exceeds 160oC, the inter-
nal thermal sense circuit turns off the power FET and
allows the device to cool down. When the device’s junc-
tion temperature cools by 40oC, the internal thermal
sense circuit will enable the device, resulting in a pulsed
output during continuous thermal protection. Thermal pro-
tection is designed to protect the IC in the event of over-
temperature conditions. For normal operation, the junc-
tion temperature cannot exceed T
J=+125
oC.
Internal P-MOSFET
The APL3215/A integrates a P-channel MOSFET with the
body diode reverse protection to replace the external P-
MOSFET and Schottky diode for cell phone’s PMIC. The
body diode reverse protection prevents a reverse current
flowing from the battery back to CHRIN pin. During power-
on, when CHRIN voltage rises above the VBAT voltage by
more than 150mV, the body diode of the P-channel
MOSFET is forward biased from OUT to CHRIN, and P-
MOSFET is controlled by the external GATDRV voltage.
When the CHRIN voltage drops below V
BAT+20mV, the
body diode of the P-channel MOSFET is forward biased
from CHRIN to OUT and P-channel MOSFET is turned
off. When any of input OVP, OCP, battery OVP, is detected,
the internal P-channel MOSFET is also turned off.
The APL3215/A VIN input pin fully supports the
IEC61000-4-2. That means the VIN pin has immunity of
±15kV ESD discharge in Air condition, and immunity of
±8kV ESD discharge in Contact condition.
ESD Tests


Similar Part No. - APL3215

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3212A ANPEC-APL3212A Datasheet
649Kb / 20P
   Li Charger Protection IC
APL3212AQBI-TRG ANPEC-APL3212AQBI-TRG Datasheet
649Kb / 20P
   Li Charger Protection IC
APL3212BQBI-TRG ANPEC-APL3212BQBI-TRG Datasheet
649Kb / 20P
   Li Charger Protection IC
APL3212CQBI-TRG ANPEC-APL3212CQBI-TRG Datasheet
649Kb / 20P
   Li Charger Protection IC
APL3213 ANPEC-APL3213 Datasheet
329Kb / 15P
   Li Charger Protection IC
More results

Similar Description - APL3215

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206 Datasheet
314Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
APL3206 ANPEC-APL3206_10 Datasheet
386Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
APL3208A ANPEC-APL3208A Datasheet
288Kb / 17P
   Li Charger Protection IC with Integrated P-MOSFET
logo
Monolithic Power System...
MP2676 MPS-MP2676 Datasheet
438Kb / 10P
   Li-Ion Charger Protection IC With Integrated P-MOSFET
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
   Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
   Li Charger Protection IC
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A Datasheet
472Kb / 20P
   Li Charger Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com