Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAMS06UP60B-2 Datasheet(PDF) 8 Page - International Rectifier

Part # IRAMS06UP60B-2
Description  Plug N DriveTM Integrated Power Module for Appliance Motor Drive
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAMS06UP60B-2 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRAMS06UP60B-2 Datasheet HTML 4Page - International Rectifier IRAMS06UP60B-2 Datasheet HTML 5Page - International Rectifier IRAMS06UP60B-2 Datasheet HTML 6Page - International Rectifier IRAMS06UP60B-2 Datasheet HTML 7Page - International Rectifier IRAMS06UP60B-2 Datasheet HTML 8Page - International Rectifier IRAMS06UP60B-2 Datasheet HTML 9Page - International Rectifier IRAMS06UP60B-2 Datasheet HTML 10Page - International Rectifier IRAMS06UP60B-2 Datasheet HTML 11Page - International Rectifier IRAMS06UP60B-2 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
IRAMS06UP60B
8
www.irf.com
Module Pin-Out Description
Pin
Name
Description
1
VB3
High Side Floating Supply Voltage 3
2
W,VS3
Output 3 - High Side Floating Supply Offset Voltage
3NA
none
4
VB2
High Side Floating Supply voltage 2
5
V,VS2
Output 2 - High Side Floating Supply Offset Voltage
6NA
none
7
VB1
High Side Floating Supply voltage 1
8
U, VS1
Output 1 - High Side Floating Supply Offset Voltage
9NA
none
10
V+
Positive Bus Input Voltage
11
NA
none
12
V-
Negative Bus Input Voltage
13
VTH
Temperature Feedback
14
VCC
+15V Main Supply
15
HIN1
Logic Input High Side Gate Driver - Phase 1
16
HIN2
Logic Input High Side Gate Driver - Phase 2
17
HIN3
Logic Input High Side Gate Driver - Phase 3
18
LIN1
Logic Input Low Side Gate Driver - Phase 1
19
LIN2
Logic Input Low Side Gate Driver - Phase 2
20
LIN3
Logic Input Low Side Gate Driver - Phase 3
21
FLT/Enable
Fault Output and Enable Pin
22
ITRIP
Current Sense and Itrip Pin
23
VSS
Negative Main Supply


Similar Part No. - IRAMS06UP60B-2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMS06UP60B IRF-IRAMS06UP60B Datasheet
407Kb / 18P
   Plug N Drive Integrated Power Module for Appliance Motor Drive
More results

Similar Description - IRAMS06UP60B-2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX16UP60A IRF-IRAMX16UP60A Datasheet
366Kb / 18P
   Plug N DriveTM Integrated Power Module for Appliance Motor Drive
IRAMS10UP60A IRF-IRAMS10UP60A Datasheet
275Kb / 18P
   Plug N DriveTM Integrated Power Module for Appliance Motor Drive
IRAMS10UP60A-2 IRF-IRAMS10UP60A-2 Datasheet
716Kb / 17P
   Plug N DriveTM Integrated Power Module for Appliance Motor Drive
IRAMS06UP60A IRF-IRAMS06UP60A Datasheet
445Kb / 18P
   Plug N DriveTM Integrated Power Module for Appliance Motor Drive
IRAMS10UP60B IRF-IRAMS10UP60B Datasheet
411Kb / 18P
   Plug N DriveTM Integrated Power Module for Appliance Motor Drive
IRAMS06UP60B IRF-IRAMS06UP60B Datasheet
407Kb / 18P
   Plug N Drive Integrated Power Module for Appliance Motor Drive
IRAMS10UP60APBF IRF-IRAMS10UP60APBF Datasheet
639Kb / 17P
   Plug N Drive??Integrated Power Module for Appliance Motor Drive
IRAMS10UP60A IRF-IRAMS10UP60A_05 Datasheet
413Kb / 17P
   PLUG N DRIVE INTEGRATED POWER MODULE FOR APPLIANCE MOTOR DRIVE
IRSM836-035MA IRF-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
IRSM836-025MA IRF-IRSM836-025MA Datasheet
501Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com