Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3203BQBI-TRG Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL3203BQBI-TRG
Description  Li Charger Protection IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3203BQBI-TRG Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL3203BQBI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL3203BQBI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL3203BQBI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3203BQBI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3203BQBI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3203BQBI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3203BQBI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL3203BQBI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL3203BQBI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2011
www.anpec.com.tw
7
APL3203A/B/C
Operating Waveforms (Cont.)
Refer to the typical application circuit. The test condition is V
IN=5V, TA= 25
oC unless otherwise specified.
Recovery from Battery OVP
3
1
2
CH1: V
BAT, 2V/Div, DC
CH2: V
OUT, 2V/Div, DC
TIME: 50
µs/Div
V
BAT = 4.4V to 3.6V, ROUT=33.3Ω
C
OUT =1µF, CIN =1µF
CH3: V
FAULT, 5V/Div, DC
V
BAT
V
OUT
V
FAULT
Battery Over-Voltage Protection
1
3
2
V
BAT
V
OUT
V
FAULT
CH1: V
BAT, 2V/Div, DC
CH2: V
OUT, 2V/Div, DC
TIME: 5ms/Div
V
BAT = 3.6V to 4.4V to 3.6V, ROUT=33.3Ω
CH3: V
FAULT, 5V/Div, DC
C
OUT =1µF, CIN =1µF
Battery Over-Voltage Protection
CH1: V
BAT, 2V/Div, DC
CH2: V
OUT, 2V/Div, DC
TIME: 50
µs/Div
V
BAT = 3.6V to 4.4V, ROUT=33.3Ω
C
OUT =1µF, CIN =1µF
CH3: V
FAULT, 5V/Div, DC
V
BAT
1
2
3
V
OUT
V
FAULT
Recovery from Input OVP
CH1: VIN, 5V/Div, AC
CH2: VOUT, 5V/Div, DC
TIME: 2ms/Div
COUT = 1µF, CIN=1µF, ROUT=50Ω
VIN = 12V to 5V
VOUT
VIN
VFAULT
1
3
2
APL3203 B
CH3: VFAULT, 5V/Div, DC


Similar Part No. - APL3203BQBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3203BQBI-TRG ANPEC-APL3203BQBI-TRG Datasheet
430Kb / 19P
   Li Charger Protection IC
More results

Similar Description - APL3203BQBI-TRG

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
   Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
   Li Charger Protection IC
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A Datasheet
472Kb / 20P
   Li Charger Protection IC
APL3216 ANPEC-APL3216 Datasheet
189Kb / 12P
   Li Charger Protection IC
APL3218 ANPEC-APL3218 Datasheet
490Kb / 20P
   Li Charger Protection IC
APL3213 ANPEC-APL3213 Datasheet
329Kb / 15P
   Li Charger Protection IC
APL3204A ANPEC-APL3204A Datasheet
559Kb / 18P
   Li Charger Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com