Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EHF-10401-SM-D-RA Datasheet(PDF) 1 Page - Samtec, Inc

Part # EHF-10401-SM-D-RA
Description  .050 EJECTOR HEADER ASSEMBLY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

EHF-10401-SM-D-RA Datasheet(HTML) 1 Page - Samtec, Inc

  EHF-10401-SM-D-RA Datasheet HTML 1Page - Samtec, Inc EHF-10401-SM-D-RA Datasheet HTML 2Page - Samtec, Inc EHF-10401-SM-D-RA Datasheet HTML 3Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
T
T
DO NOT
SCALE FROM
THIS PRINT
EHF-1XX-01-XX-D-XX-XX-XX
No OF POSITIONS
-03, -04,-05, -08, -10,
-13, -17, -20, -25
ROW SPECIFICATION
-D: DOUBLE
LEAD STYLE
-01
PLATING SPECIFICATION
-L: LIGHT GOLD (USE T-1SXX-XX-L)
-F: FLASH SELECTIVE GOLD
(USE T-1SXX-XX-F)
-S: SELECTIVE (USE T-1SXX-XX-S)
-H: HEAVY GOLD,
GOLD FLASH ON TAIL
(USE T-1SXX-XX-H)
-LM: LIGHT SELECTIVE GOLD,
MATTE TIN ON TAIL
(USE T-1SXX-XX-L)
-SM: HEAVY SELECTIVE GOLD,
MATTE TIN ON TAIL
(USE T-1SXX-XX-S)
-FM: FLASH SELECTIVE GOLD,
MATTE TIN ON TAIL
(USE T-1SXX-XX-F)
OPTION
-LC: LOCKING CLIP (FOR -SM ONLY)
-P: PICK & PLACE PAD (FOR -SM ONLY)
(USE PPP-48, SEE FIGURE 2)
-K: POLYAMIDE FILM
(USE K-500-300, SEE FIGURE 3)
-TR: TAPE & REEL PACKAGING
(FOR -SM, -SM-P, & -SM-K ONLY)
(NOT AVAILABLE ON -SM-LC)
TAIL OPTION
POLARIZED OPTION
-XX = PIN OMITTED
(N/A ON -RA OPTION)
(LEAVE BLANK FOR THROUGH HOLE,
SEE FIG. 4, SHEET 2, USE T-1S63-01-XX)
-SM: SURFACE MOUNT (USE T-1S15-02-XX)
-RA: RIGHT ANGLE
(USE T-1S63-02-XX AND T-1S63-03-XX)
(SEE FIG. 5, SHEET 2)
.570 [14.48] REF
(No OF POS x .050 [1.27]) +
.100 2.54
(TYP) REF
.135
REF
3.43
+ .200 [5.08] REF
(No OF POS x.050 [1.27])
.020 0.51
REF
.263 6.67
REF
.05 1.270
.310
REF
7.87
2 MAX SWAY
REF
(No OF POS - 1)
x .050 [1.27]
"A"
"A"
01
02
XX
90°-0°
+4°
.296±.010 7.52±0.25
.335 8.51
.004[0.10]
.325 8.26
REF
.060 1.52
.120
REF
3.05
.016
REF
0.41
SECTION "A"-"A"
EHF-XX-D
LC-09-TM
EHF-110-01-XX-D-SM-LC
T-1S15-02-XX
ARM ASSEMBLY & ROTATION
EHA-02
.445 11.31
REF
.186 4.72
-SM IN-PROCESS 1
(SCALE: 1.5:1)
.084 2.13
.296±.010 7.52±0.25
90°±3°
-SM IN-PROCESS 2
(SCALE: 1.5:1)
POS 1 INDICATOR
.200
REF
5.08
CL
(SCALE 1.5:1)
.293 7.44
REF
PPP-48
.295
REF
7.50
(No. OF POS X .050 + .570)/2)
CL
(SCALE: 1.5:1)
.260 6.60
REF
+ .290 [7.37] REF
(No OF POS x .050 [1.27])
.170
(TYP)
4.318
.083 2.111
C
FIG. 1
-P: PICK AND PLACE PAD
FIG. 2
FIG. 3
-K: POLYAMIDE FILM
SHEET OF
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES.
TOLERANCES ARE:
DECIMALS
ANGLES
.XX: .01 [.3]
2
.XXX: .005 [.13]
.XXXX: .0020 [.051]
MATERIAL:
.050 EJECTOR HEADER ASSEMBLY
BY:
EHF-1XX-01-XX-D-XX-XX-XX
DWG. NO.
DESCRIPTION:
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
DO NOT SCALE DRAWING
ERIC M.
08/17/01
3
1
SHEET SCALE: 1.75:1
INSULATOR: VECTRA E130i, COLOR BLACK
50% REGRIND
TERMINAL: PHOS BRONZE 510 SPRING
F:\DWG\MISC\MKTG\EHF-1XX-01-XX-D-XX-XX-XX-MKT.SLDDRW
NOTES:
1.
REPRESENTS A CRITICAL DIMENSION.
2. COPLANARITY TO BE WITHIN .004 [.10].
3. BURR ALLOWANCE: .0015 [.038] MAX.
4. MINIMUM PUSHOUT FORCE: 1 LB MIN.
5. MAXIMUM ALLOWABLE BOW: .002 [.05] INCH/INCH AFTER ASSEMBLY.
6. NOTE DELETED.
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail: info@SAMTEC.com
code: 55322
REVISION T


Similar Part No. - EHF-10401-SM-D-RA

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
EHF-104-01-F-D-RA-FR SAMTEC-EHF-104-01-F-D-RA-FR Datasheet
179Kb / 1P
   SHROUDED AND EJECTOR IDC HEADER (1.27 mm) .050" PITCH
EHF-104-01-F-D-RA-K SAMTEC-EHF-104-01-F-D-RA-K Datasheet
179Kb / 1P
   SHROUDED AND EJECTOR IDC HEADER (1.27 mm) .050" PITCH
EHF-104-01-F-D-RA-LC SAMTEC-EHF-104-01-F-D-RA-LC Datasheet
179Kb / 1P
   SHROUDED AND EJECTOR IDC HEADER (1.27 mm) .050" PITCH
EHF-104-01-F-D-RA-P SAMTEC-EHF-104-01-F-D-RA-P Datasheet
179Kb / 1P
   SHROUDED AND EJECTOR IDC HEADER (1.27 mm) .050" PITCH
EHF-104-01-F-D-RA-TR SAMTEC-EHF-104-01-F-D-RA-TR Datasheet
179Kb / 1P
   SHROUDED AND EJECTOR IDC HEADER (1.27 mm) .050" PITCH
More results

Similar Description - EHF-10401-SM-D-RA

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SHF SAMTEC-SHF Datasheet
179Kb / 1P
   SHROUDED AND EJECTOR IDC HEADER (1.27 mm) .050" PITCH
EHF-105-01-L-D-SM-K SAMTEC-EHF-105-01-L-D-SM-K Datasheet
796Kb / 1P
   SHROUDED & EJECTOR IDC HEADER
EHF-113-01-L-D SAMTEC-EHF-113-01-L-D Datasheet
426Kb / 1P
   SHROUDED & EJECTOR IDC HEADER
EHT-1-10-01 SAMTEC-EHT-1-10-01 Datasheet
472Kb / 1P
   SHROUDED IDC EJECTOR HEADER
EHT-113-01-S-D SAMTEC-EHT-113-01-S-D Datasheet
472Kb / 1P
   SHROUDED IDC EJECTOR HEADER
ESHF-115-01-L-D-SM SAMTEC-ESHF-115-01-L-D-SM Datasheet
796Kb / 1P
   SHROUDED & EJECTOR IDC HEADER
logo
Harwin Plc
M50-3650542R HARWIN-M50-3650542R Datasheet
205Kb / 2P
   1.27mm DIL SMT EJECTOR HEADER
M50-3550542 HARWIN-M50-3550542 Datasheet
80Kb / 1P
   1.27mm DIL PC TAIL EJECTOR HEADER
logo
Molex Electronics Ltd.
0553640011 MOLEX7-0553640011 Datasheet
272Kb / 6P
   1.27mm (.050") CF Card Ejector: Left Side Button, Push-Push Type
logo
FCI connector
92140 FCI-CONNECTOR-92140 Datasheet
558Kb / 7P
   68 POS EJECTOR HEADER ASSY FOR 5.0V APPLICATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com