Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4-1415535-9 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 4-1415535-9
Description  Miniature PCB Relay PE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
04-2013, Rev. 0413
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
Miniature PCB Relay PE
n
1 pole 5 A, 1 form C (CO) or 1 form A (NO) contact
n
Cadmium-free contacts
n
Sensitive coil 200mW
n
Ambient temperature 85°C
n
Low height 10.0mm
n
Plastic materials according to IEC 60335-1 (domestic appliances)
Typical applications
Industrial electronics, white goods, measurement and control
Approvals
VDE REG.-Nr. 6656, UL E214025
Technical data of approved types on request
Contact Data
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
5A
Breaking capacity max.
1250VA
Contact material
AgNi 90/10, AgSnO2
Frequency of operation
with/without load
360/72000 ops/h
Operate/release time
typ. 8/8ms
Bounce time, form A/form B
typ. 4/6ms
Contact ratings
Type
Contact Load
Cycles
IEC 61810
PE013
C (CO)
5A, 250VAC, cos
φ=1, 85°C
30x103
PE014/PE015 C (CO)
5A, 250VAC, cos
φ=1, 85°C
100x103
PE014/PE015 A (NO)
5A, 30VDC, 0ms, 85°C
100x103
PE034
A (NO)
6A, 250VAC, cos
φ=1, 70°C
50x103
UL 508
PE013
C (CO)
5A, 240VAC, resistive, 85°C
30x103
PE014/PE015 C (CO)
5A, 240VAC, resistive, 85°C
100x103
PE014
A (NO)
5A, 30VDC, resistive, 85°C
100x103
PE034
A (NO)
6A, 250VAC, resistive, 70°C
100x103
Mechanical endurance, DC coil
>15x106 operations.
Coil Data
Coil voltage range
5 to 48 VDC
Operative range, IEC 61810
2
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
3
3
2.25
0.3
45
200
5
5
3.8
0.5
125
200
6
6
4.5
0.6
172
209
9
9
6.8
0.9
405
200
12
12
9.0
1.2
685
210
24
24
18.0
2.4
2725
211
48
48
36.0
4.8
10970
210
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
4000Vrms
Initial insulation resistance
open contact circuit
>10x109Ω
coil-contact circuit
>10x109Ω
Clearance/creepage
between contact and coil
≥3.2/4mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250V
F0169-C
Z




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl