Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA2031 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APA2031
Description  Stereo 2.6W Audio Amplifier (With Gain Control)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2031 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APA2031 Datasheet HTML 1Page - Anpec Electronics Coropration APA2031 Datasheet HTML 2Page - Anpec Electronics Coropration APA2031 Datasheet HTML 3Page - Anpec Electronics Coropration APA2031 Datasheet HTML 4Page - Anpec Electronics Coropration APA2031 Datasheet HTML 5Page - Anpec Electronics Coropration APA2031 Datasheet HTML 6Page - Anpec Electronics Coropration APA2031 Datasheet HTML 7Page - Anpec Electronics Coropration APA2031 Datasheet HTML 8Page - Anpec Electronics Coropration APA2031 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.10 - Aug., 2013
www.anpec.com.tw
3
APA2030/2031
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
Supply Voltage Range, VDD, PVDD
-0.3V to 6V
V
Input Voltage Range at SE/BTL, HP/LINE, SHUTDOWN,
-0.3V to VDD
V
TA
Operating Ambient Temperature Range
-40
oC to 85 oC
oC
TJ
Maximum Junction Temperature
Internal Limited
TSTG
Storage Temperature Range
-65
oC to 150 oC
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
oC
PD
Power dissipation
Internal Limited
(Over operating free-air temperature range unless otherwise noted.)
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance from Junction to Ambient in Free Air
(Note 2)
TSSOP-24P
TSSOP-20P
TQFN3x3-16
45
48
55
oC/W
Note 2 :
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. * 5 in
2 printed circuit
board with 2oz trace and copper pad through 9 25mil diameter vias. The thermal pad on the TSSOP_P and TQFN3x3-16 packages with
solder on the printed circuit board.
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VDD
Supply Voltage
4.5V to 5.5V
V
Electrical Characteristics
(V
DD=5V, -20°C<TA<85°C, unless otherwise noted.)
APA2030 / 2031
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.3
-
5.5
V
SE/BTL = 0V
-
6
12
mA
IDD
Supply Current
SE/BTL = 5V
-
4
8
mA
ISD
Supply Current in Shutdown Mode SHUTDOWN = 0V
-
50
300
µA
SHUTDOWN, GAIN0, GAIN1
2
-
-
V
VIH
High Level Threshold Voltage
SE/BTL, HP/LINE
4
-
-
V
SHUTDOWN, GAIN0, GAIN1
-
-
0.8
V
VIL
Low level Threshold Voltage
SE/BTL, HP/LINE
-
-
3
V


Similar Part No. - APA2031

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2031 ANPEC-APA2031 Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
APA2031RI-TR ANPEC-APA2031RI-TR Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
APA2031RI-TRL ANPEC-APA2031RI-TRL Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
APA2031RI-TU ANPEC-APA2031RI-TU Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
APA2031RI-TUL ANPEC-APA2031RI-TUL Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
More results

Similar Description - APA2031

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA3212 UTC-PA3212_15 Datasheet
479Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PA3332 UTC-PA3332 Datasheet
271Kb / 10P
   2.6W STEREO AUDIO AMPLIFIER
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Global Mixed-mode Techn...
G1432 GMT-G1432_15 Datasheet
121Kb / 2P
   2.6W Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com